Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74ALVCH32973 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # 74ALVCH32973
Description  16-bit bus transceiver and transparant D-type latch with 8 independent buffers
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74ALVCH32973 Datasheet(HTML) 2 Page - NXP Semiconductors

  74ALVCH32973_15 Datasheet HTML 1Page - NXP Semiconductors 74ALVCH32973_15 Datasheet HTML 2Page - NXP Semiconductors 74ALVCH32973_15 Datasheet HTML 3Page - NXP Semiconductors 74ALVCH32973_15 Datasheet HTML 4Page - NXP Semiconductors 74ALVCH32973_15 Datasheet HTML 5Page - NXP Semiconductors 74ALVCH32973_15 Datasheet HTML 6Page - NXP Semiconductors 74ALVCH32973_15 Datasheet HTML 7Page - NXP Semiconductors 74ALVCH32973_15 Datasheet HTML 8Page - NXP Semiconductors 74ALVCH32973_15 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
74ALVCH32973
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2013. All rights reserved.
Product data sheet
Rev. 3 — 17 January 2013
2 of 17
NXP Semiconductors
74ALVCH32973
16-bit bus transceiver and transparant D-type latch; 8 buffers
3.
Ordering information
4.
Functional diagram
Table 1.
Ordering information
Type number
Temperature range
Package
Name
Description
Version
74ALVCH32973EC
40 C to +85 C
LFBGA96
plastic low profile fine-pitch ball grid array
package; 96 balls; body 13.5
 5.5  1.05 mm
SOT536-1
Fig 1.
Logic symbol
DDD
+
WRRWKHUFKDQQHOV
$
72(
%
4
$
$
+
/(
$
$
$
',5
/2(
$
RQHFKDQQHO
%
'
<
/$7&+

'
/(
/(
4
7
WRRWKHUFKDQQHOV
-
72(
%
4
-
-
7
/(
-
$
-
',5
/2(
/$7&+

'
/(
/(
4
Fig 2.
Bus hold circuit
to internal circuit
mna705
VCC
data input


Similar Part No. - 74ALVCH32973_15

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
74ALVCH32973EC NEXPERIA-74ALVCH32973EC Datasheet
795Kb / 17P
   16-bit bus transceiver and transparant D-type latch with 8 independent buffers
logo
Texas Instruments
74ALVCH32973ZKER TI-74ALVCH32973ZKER Datasheet
266Kb / 13P
[Old version datasheet]   16-BIT BUS TRANSCEIVER AND TRANSPARENT D-TYPE LATCH WITH EIGHT INDEPENDENT BUFFERS
More results

Similar Description - 74ALVCH32973_15

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
74ALVCH32973 NEXPERIA-74ALVCH32973 Datasheet
795Kb / 17P
   16-bit bus transceiver and transparant D-type latch with 8 independent buffers
logo
Texas Instruments
SN74ALVCH32973 TI-SN74ALVCH32973 Datasheet
266Kb / 13P
[Old version datasheet]   16-BIT BUS TRANSCEIVER AND TRANSPARENT D-TYPE LATCH WITH EIGHT INDEPENDENT BUFFERS
SN74ALVCH16973 TI-SN74ALVCH16973 Datasheet
186Kb / 13P
[Old version datasheet]   8-BIT BUS TRANSCEIVER AND TRANSPARENT D-TYPE LATCH WITH FOUR INDEPENDENT BUFFERS
logo
Nexperia B.V. All right...
74AHC373 NEXPERIA-74AHC373 Datasheet
232Kb / 13P
   Octal D-type transparant latch; 3-state
Rev. 4 - 5 March 2019
logo
NXP Semiconductors
74AHC573 NXP-74AHC573_10 Datasheet
175Kb / 19P
   Octal D-type transparant latch; 3-state
Rev. 05-25 March 2010
74AHC_AHCT573 PHILIPS-74AHC_AHCT573_15 Datasheet
139Kb / 19P
   Octal D-type transparant latch; 3-state
Rev. 7-8 November 2011
74AHC373 NXP-74AHC373_08 Datasheet
107Kb / 17P
   Octal D-type transparant latch; 3-state
Rev. 03-20 May 2008
74AHC_AHCT373 PHILIPS-74AHC_AHCT373_15 Datasheet
107Kb / 17P
   Octal D-type transparant latch; 3-state
Rev. 03-20 May 2008
logo
Nexperia B.V. All right...
74AHC573-Q100 NEXPERIA-74AHC573-Q100 Datasheet
732Kb / 19P
   Octal D-type transparant latch 3-state
logo
Texas Instruments
SN74ALVC16843 TI-SN74ALVC16843 Datasheet
231Kb / 4P
[Old version datasheet]   16-BIT BUS-INTERFACE D-TYPE LATCH WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com