Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX1985ETP Datasheet(PDF) 9 Page - Maxim Integrated Products

Part # MAX1985ETP
Description  Ultra-High-Efficiency White LED Drivers
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1985ETP Datasheet(HTML) 9 Page - Maxim Integrated Products

Back Button MAX1985ETP Datasheet HTML 5Page - Maxim Integrated Products MAX1985ETP Datasheet HTML 6Page - Maxim Integrated Products MAX1985ETP Datasheet HTML 7Page - Maxim Integrated Products MAX1985ETP Datasheet HTML 8Page - Maxim Integrated Products MAX1985ETP Datasheet HTML 9Page - Maxim Integrated Products MAX1985ETP Datasheet HTML 10Page - Maxim Integrated Products MAX1985ETP Datasheet HTML 11Page - Maxim Integrated Products MAX1985ETP Datasheet HTML 12Page - Maxim Integrated Products MAX1985ETP Datasheet HTML 13Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
Ultra-High-Efficiency White
LED Drivers
_______________________________________________________________________________________
9
Pin Description (continued)
PIN
MAX1984
MAX1985
MAX1986
NAME
FUNCTION
16
16
12
BITA
Brightness Control Input (Multimode):
DPWM Mode: DPWM control signal input.
Analog Mode: Connect to IN.
2- or 3-Bit Parallel Mode: Digital input. Most significant bit (MSB).
17
17
13
BITC
Brightness Control Input:
DPWM Mode: Connect to IN.
Analog Mode: Connect to IN.
2-Bit Parallel Mode: Connect to GND.
3-Bit Parallel Mode: Digital input (LSB).
18
18
14
IN
Input Supply. IN provides power to the internal control circuitry and MOSFET
drivers. Bypass IN to GND with a minimum 0.1µF ceramic capacitor.
19
19
15
MODE
Brightness Control Mode Selection Input. Connect MODE and BITC to IN for
DPWM control. Connect MODE, BITA, and BITC to IN for analog control. For 2-bit
parallel control, connect MODE to IN and BITC to ground. For 3-bit parallel control,
connect MODE to GND.
20
20
16
SEL
LED Selection Input. Connect SEL to IN to turn on all LEDs. Connect SEL to ground
to turn on only LED1–LED5 (MAX1984), LED1–LED4 (MAX1985), or LED1 to LED3
(MAX1986). Leave SEL unconnected or force to VIN/2 to turn on only LED6 to LED8
(MAX1984), LED3–LED6 (MAX1985), or LED4 (MAX1986).
MAX1984
D1
LD1
D2
4
LD2
1
OUT
D3
5
LD3
D4
6
LD4
D5
7
LD5
D6
9
LD6
D7
10
11
LD7
D8
12
8
20
19
17
15
16
13
14
LD8
SETI
REF
GND
LX
IN
BITA
BITB
BITC
MODE
SEL
LDG
C4
2 x 2.2
µF
LED SELECT
BRIGHTNESS
CONTROL
VIN
C3
0.22
µF
C1
2 x 2.2
µF
L1
10
µH
18
2
3
VIN
2.7V TO 5.5V
C2
0.1
µF
Figure 1. Standard Application Circuit of the MAX1984


Similar Part No. - MAX1985ETP

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX198 MAXIM-MAX198 Datasheet
165Kb / 16P
   Multirange, Single %V, 12-Bit DAS with 12-Bit Bus Interface
Rev 0; 9/95
MAX198 MAXIM-MAX198 Datasheet
205Kb / 8P
   Jumper-Selectable Configuration
Rev 0; 2/96
MAX1980 MAXIM-MAX1980 Datasheet
1Mb / 33P
   Quick-PWM Slave Controller with Driver Disable for Multiphase DC-DC Converter
19-2298; Rev 2; 9/02
MAX1980ETP MAXIM-MAX1980ETP Datasheet
1Mb / 33P
   Quick-PWM Slave Controller with Driver Disable for Multiphase DC-DC Converter
19-2298; Rev 2; 9/02
MAX1981A MAXIM-MAX1981A Datasheet
21Kb / 1P
   Quick-PWM Master Controllers for Voltage-Positioned CPU Core Power Supplies (IMVP-IV)
Rev 0; 9/02
More results

Similar Description - MAX1985ETP

ManufacturerPart #DatasheetDescription
logo
Advanced Analogic Techn...
AAT1235 ANALOGICTECH-AAT1235 Datasheet
963Kb / 21P
   High Efficiency White LED Drivers for Backlight and Keypad
logo
Advanced Analog Technol...
AAT1236 AAT-AAT1236 Datasheet
1,016Kb / 24P
   High Efficiency White LED Drivers for Backlight and Keypad
logo
ON Semiconductor
NCP5612 ONSEMI-NCP5612 Datasheet
102Kb / 11P
   High Efficiency Ultra Small Thinnest White LED Driver
August, 2006 ??Rev. 0
NCP5602 ONSEMI-NCP5602 Datasheet
266Kb / 12P
   High Efficiency Ultra Small Thinnest White LED Driver
July, 2006 ??Rev. 1
logo
Copal Electronics
W_SERIES COPAL-W_SERIES Datasheet
306Kb / 7P
   WHITE LED DRIVERS
logo
Taiwan Memory Technolog...
T6331A TMT-T6331A Datasheet
189Kb / 2P
   The T6331A are integrated, high-efficiency white or RGB LED drivers.
logo
ON Semiconductor
NCP5604A ONSEMI-NCP5604A Datasheet
359Kb / 15P
   High Efficiency White LED Driver
March, 2006 ??Rev. 0
logo
New Japan Radio
NJU6048 NJRC-NJU6048 Datasheet
163Kb / 13P
   High Efficiency White LED Driver
logo
ON Semiconductor
NCP5680 ONSEMI-NCP5680 Datasheet
985Kb / 27P
   High Efficiency White LED Driver
May, 2009 ??Rev. 0
logo
Texas Instruments
LM3530 TI1-LM3530 Datasheet
7Mb / 50P
[Old version datasheet]   High-Efficiency White-LED Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com