Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX1972 Datasheet(PDF) 8 Page - Maxim Integrated Products

Part # MAX1972
Description  Dual, 180째 Out-of-Phase, 1.4MHz, 750mA Step- Down Regulator with POR and RSI/PFO
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1972 Datasheet(HTML) 8 Page - Maxim Integrated Products

Back Button MAX1972 Datasheet HTML 4Page - Maxim Integrated Products MAX1972 Datasheet HTML 5Page - Maxim Integrated Products MAX1972 Datasheet HTML 6Page - Maxim Integrated Products MAX1972 Datasheet HTML 7Page - Maxim Integrated Products MAX1972 Datasheet HTML 8Page - Maxim Integrated Products MAX1972 Datasheet HTML 9Page - Maxim Integrated Products MAX1972 Datasheet HTML 10Page - Maxim Integrated Products MAX1972 Datasheet HTML 11Page - Maxim Integrated Products MAX1972 Datasheet HTML 12Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
Dual, 180° Out-of-Phase, 1.4MHz, 750mA Step-
Down Regulator with POR and RSI/PFO
8
_______________________________________________________________________________________
IOUT1
VOUT1
40
µs/div
VIN = 5V
VOUT1 = 3.3V, 100mV/div
IOUT1 = 300mA TO 600mA
RC1 = 82k
Ω, CC1 = 680pF
LOAD TRANSIENT RESPONSE
MAX1970/MAX1972
Typical Operating Characteristics (continued)
(TA = +25°C, unless otherwise noted.)
IOUT2
VOUT2
40
µs/div
VIN = 5V
VOUT2 = 1.5V, 100mV/div
IOUT2 = 300mA TO 600mA
RC2 = 39k
Ω, CC2 = 680pF
LOAD TRANSIENT RESPONSE
MAX1970/MAX1972
VLX1
IL2
VLX2
IL1
200ns/div
MAX1970TOC11
VIN = 5V
VOUT1 = 1.8V, VOUT2 = 2.5V
IOUT1 = 500mA, IOUT2 = 500mA
SWITCHING WAVEFORMS
MAX1970/MAX1972
5V/div
200mA/div
5V/div
200mA/div
14
0
0.01
0.1
1
10
MAXIMUM OUTPUT TRANSIENT DURATION
vs. POR COMPARATOR OVERDRIVE
2
MAXIMUM OUTPUT TRANSIENT DURATION (
µs)
6
4
8
10
12


Similar Part No. - MAX1972

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1972 MAXIM-MAX1972 Datasheet
277Kb / 21P
   Dual, 180° Out-of-Phase, 1.4MHz, 750mA Step- Down Regulator with POR and RSI/PFO
Rev 1; 2/09
MAX1972EEE MAXIM-MAX1972EEE Datasheet
277Kb / 21P
   Dual, 180° Out-of-Phase, 1.4MHz, 750mA Step- Down Regulator with POR and RSI/PFO
Rev 1; 2/09
More results

Similar Description - MAX1972

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1970 MAXIM-MAX1970_09 Datasheet
277Kb / 21P
   Dual, 180° Out-of-Phase, 1.4MHz, 750mA Step- Down Regulator with POR and RSI/PFO
Rev 1; 2/09
MAX1875 MAXIM-MAX1875 Datasheet
493Kb / 21P
   Dual 180째 Out-of-Phase PWM Step- Down Controllers with POR
Rev 0; 7/02
logo
Renesas Technology Corp
ISL6445 RENESAS-ISL6445 Datasheet
702Kb / 15P
   1.4MHz Dual, 180째 Out-of-Phase, Step-Down PWM Controller
logo
Maxim Integrated Produc...
MAX8529 MAXIM-MAX8529_07 Datasheet
368Kb / 20P
   1.5MHz Dual 180째 Out-of-Phase PWM Step-Down Controller with POR
Rev 1; 4/07
MAX1858 MAXIM-MAX1858 Datasheet
537Kb / 21P
   Dual 180째 Out-of-Phase PWM Step-Down Controller with Power Sequencing and POR
Rev 0; 7/02
logo
Renesas Technology Corp
ISL6441 RENESAS-ISL6441 Datasheet
851Kb / 19P
   1.4MHz Dual, 180째 Out-of-Phase, Step-Down PWM and Single Linear Controller
logo
Intersil Corporation
ISL9440IRZ-T INTERSIL-ISL9440IRZ-T Datasheet
985Kb / 20P
   Triple, 180째 Out-of-Phase, Step-Down
logo
Maxim Integrated Produc...
MAX1858A MAXIM-MAX1858A Datasheet
553Kb / 22P
   Dual 180째 Out-of-Phase Buck Controllers with Sequencing/Prebias Startup and POR
19-2966; Rev 0; 10/03
logo
Intersil Corporation
ISL6445 INTERSIL-ISL6445 Datasheet
259Kb / 15P
   1.4MHz Dual, 180 Out-of-Phase, Step-Down PWM Controller
logo
Renesas Technology Corp
ISL6440 RENESAS-ISL6440 Datasheet
692Kb / 15P
   300kHz Dual, 180째 Out-of-Phase, Step-Down PWM Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com