Electronic Components Datasheet Search |
|
DVP-7013E Datasheet(PDF) 1 Page - Advantech Co., Ltd. |
|
DVP-7013E Datasheet(HTML) 1 Page - Advantech Co., Ltd. |
1 / 2 page Intelligent Video Platforms Features DVP-7013E 1-chH.264/MPEG-4PCIeVideoCapture Card with SDK 1ch composite video inputs with H.264/MPEG4 software compression 30/25 fps (NTSC/PAL) at up to full D1 resolution for recording and display PCIe x1 host interface Support Comosite X1, S-VideoX1 video input Supports Watchdog function Windows/Linux OS supported Introduction DVP-7013E is a PCIe, software compression video capture card with Composite x1 or S-Video x1 analog video and Audio (L/R) inputs. DVP-7013E supports H.264 / MPEG4 compression format at up to full D1 resolution at real-time frame rate (30/25fps). With an easy-to-use software development kit (SDK) and flexibility to stack multiple cards, DVP- 7013E is an ideal solution for various video capture applications or video surveillance. Specifications Video Video Standard Composite for NTSC/PAL Video Input 1 x Composite, 1 x S-Video Compression S/W H.264 / MPEG4 Max. Display Rate 30/25 fps (NTSC/PAL) @ D1 Max. Recording Rate 30/25 fps (NTSC/PAL) @ D1 Audio Audio Input Audio (L/R) Format Stereo / 16bit / 48000Hz System Requirements CPU (Display) Intel Pentium 4 2.0 GHz CPU (Recording) Intel Core 2 Duo E2200 2.2 GHz Memory 512 MB VGA 1024 x 768, DirectX 9.0c Operating System Windows XP/XPe/Vista/7/8/8.1; Linux 2.6.14 or higher; 32/64 bits Physical Characteristics Operating Temperature -20 ~ 70° C (-4 ~ 158° F) Storing Temperature -40 ~ 85° C (-40 ~ 185° F) Dimensions 83.16 x 68.91 mm Safety CE/FCC Versatile SDK Support (For Windows Only) Advantech provides software development kit (SDK), a set of development tools that allows a software engineer to integrate video capture modules into different types of system. Functions include video recording, playback and instant preview. Software Library SDK Manual Sample Program NEW All product specifications are subject to change without notice Last updated : 31-Aug-2015 |
Similar Part No. - DVP-7013E |
|
Similar Description - DVP-7013E |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |