Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ASR-5200E-24A1E Datasheet(PDF) 2 Page - Advantech Co., Ltd.

Part # ASR-5200E-24A1E
Description  High-availability Disk Array Solution for Mission-critical Service with Zero Down Time
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

ASR-5200E-24A1E Datasheet(HTML) 2 Page - Advantech Co., Ltd.

  ASR-5200E-24A1E Datasheet HTML 1Page - Advantech Co., Ltd. ASR-5200E-24A1E Datasheet HTML 2Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
www.advantech.com/products
Online Download
Dimensions
Unit: mm
ASR-5200E
Order Information
Advantech P/N
Description
ASR-5200E-12A1E
2U-12 Bay Rackmount External Disk Array
ASR-5200E-24A1E
2U-24 Bay Rackmount External Disk Array
Compatible Drives
Advantech P/N
Description
ASR-5200-L2TB07K
3.5" Enterprise SAS 2TB, 7Krpm, 3 Year Warranty
ASR-5200-L3TB07K
3.5" Enterprise SAS 3TB, 7Krpm, 3 Year Warranty
ASR-5200-L4TB07K
3.5" Enterprise SAS 4TB, 7Krpm, 3 Year Warranty
ASR-5200-S3HG15K
2.5" Enterprise SAS 300GB, 15Krpm, 3 Year Warranty
ASR-5200-S6HG10K
2.5" Enterprise SAS 600GB, 10Krpm, 3 Year Warranty
Note: Approved HDDs should be purchased from Advantech.
Optional Parts
Advantech P/N
Description
ASR-5200-FC08
FC 8G x4 port Host Interface Card
ASR-5200-RJ01
iSCSI 1G x4 port RJ45 Host Interface Card
ASR-5200-SP10
iSCSI 10G x2 port SFP+ Host Interface Card
Note: Host Interface Cards are sold by the pair.
Data Service License
Advantech P/N
Description
ASR-5200E-RME
FC/IP-based remote mirror license
ASR-5200E-TRE
Easy Tier license
ASR-5200E-FUE
FlashCopy Upgrade to 2040 tags
Front View
Rear View
12-bay Unit
24-bay Unit
87.40
21.03
38.30
138.20
529.30
21.03


Similar Part No. - ASR-5200E-24A1E

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
ASR-5300I-16A1E ADVANTECH-ASR-5300I-16A1E Datasheet
396Kb / 2P
   3U 16-bay IP-SAN Storage with Reinforced Reliability for Surveillance
More results

Similar Description - ASR-5200E-24A1E

ManufacturerPart #DatasheetDescription
logo
Bud Industries, Inc.
DC-8075 BUD-DC-8075 Datasheet
101Kb / 1P
   MISSION CRITICAL CABINET
logo
Lanner All Rights Reser...
PGN-750 LANNER-PGN-750 Datasheet
341Kb / 1P
   Swappable 5G Radio Modem for Mission-Critical Communications
v4-2022,12,16
logo
Advantech Co., Ltd.
ARK-1380 ADVANTECH-ARK-1380 Datasheet
409Kb / 2P
   Mainstream Solution for Space Critical Applications
logo
Fujitsu Component Limit...
2400E3 FUJITSU-2400E3 Datasheet
467Kb / 9P
   Fujitsu Server PRIMEQUEST 2400E3 Mission Critical
logo
Samsung semiconductor
P80 SAMSUNG-P80 Datasheet
596Kb / 36P
   HARD DISK DRIVE service manual
logo
Fujitsu Component Limit...
2800E3 FUJITSU-2800E3 Datasheet
579Kb / 9P
   Fujitsu Server PRIMEQUEST 2800E3 Mission Critical
logo
Tripp Lite. All Rights ...
SU10K TRIPPLITE-SU10K Datasheet
151Kb / 4P
   SmartOnline UPS System - True online power for mission critical applications
logo
Lanner All Rights Reser...
PGN-300 LANNER-PGN-300 Datasheet
188Kb / 1P
   Swappable 4G LTE Ready Radio Modem for Mission-Critical Communications
logo
NEC
M300 NEC-M300 Datasheet
399Kb / 2P
   Disk array
logo
Lineage Power Corporati...
CPL LINEAGEPOWER-CPL Datasheet
722Kb / 16P
   48V DC Critical Power Solution
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com