Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX189AEPA Datasheet(PDF) 10 Page - Maxim Integrated Products

Part # MAX189AEPA
Description  5V, Low-Power, 12-Bit Serial ADCs
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX189AEPA Datasheet(HTML) 10 Page - Maxim Integrated Products

Back Button MAX189AEPA Datasheet HTML 6Page - Maxim Integrated Products MAX189AEPA Datasheet HTML 7Page - Maxim Integrated Products MAX189AEPA Datasheet HTML 8Page - Maxim Integrated Products MAX189AEPA Datasheet HTML 9Page - Maxim Integrated Products MAX189AEPA Datasheet HTML 10Page - Maxim Integrated Products MAX189AEPA Datasheet HTML 11Page - Maxim Integrated Products MAX189AEPA Datasheet HTML 12Page - Maxim Integrated Products MAX189AEPA Datasheet HTML 13Page - Maxim Integrated Products MAX189AEPA Datasheet HTML 14Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
+5V, Low-Power, 12-Bit Serial ADCs
10
______________________________________________________________________________________
COMPLETE CONVERSION SEQUENCE
tWAKE
POWERED UP
POWERED DOWN
POWERED UP
CONVERSION 0
CONVERSION 1
DOUT
CS
SHDN
Input Bandwidth
The ADCs’ input tracking circuitry has a 4.5MHz small-
signal bandwidth, and an 8V/µs slew rate. It is possible
to digitize high-speed transient events and measure
periodic signals with bandwidths exceeding the ADC's
sampling rate by using undersampling techniques. To
avoid aliasing of unwanted high-frequency signals into
the frequency band of interest, an anti-alias filter is rec-
ommended. See the MAX274/MAX275 continuous-time
filters data sheet.
Input Protection
Internal protection diodes that clamp the analog input
allow the input to swing from GND - 0.3V to VDD + 0.3V
without damage. However, for accurate conversions
near full scale, the input must not exceed VDD by more
than 50mV, or be lower than GND by 50mV.
If the analog input exceeds the supplies by more than
50mV beyond the supplies, limit the input current to
2mA, since larger currents degrade conversion
accuracy.
Driving the Analog Input
The input lines to AIN and GND should be kept as short
as possible to minimize noise pickup. Shield longer
leads. Also see the
Input Protection section.
Because the MAX187/MAX189 incorporate a T/H, the
drive requirements of the op amp driving AIN are less
stringent than those for a successive-approximation
ADC without a T/H. The typical input capacitance is
16pF. The amplifier bandwidth should be sufficient to
handle the frequency of the input signal. The MAX400
and OP07 work well at lower frequencies. For higher-
frequency operation, the MAX427 and OP27 are practi-
cal choices. The allowed input frequency range is limit-
ed by the 75ksps sample rate of the MAX187/MAX189.
Therefore, the maximum sinusoidal input frequency
allowed is 37.5kHz. Higher-frequency signals cause
aliasing problems unless undersampling techniques
are used.
Reference
The MAX187 can be used with an internal or external ref-
erence, while the MAX189 requires an external reference.
Internal Reference
The MAX187 has an on-chip reference with a buffered
temperature-compensated bandgap diode, laser-
trimmed to +4.096V ±0.5%. Its output is connected to
REF and also drives the internal DAC. The output can
be used as a reference voltage source for other com-
ponents and can source up to 0.6mA. Decouple REF
with a 4.7µF capacitor. The internal reference is
enabled by pulling the
SHDN pin high. Letting SHDN
float disables the internal reference, which allows the
use of an external reference, as described in the
External Reference section.
External Reference
The MAX189 operates with an external reference at the
REF pin. To use the MAX187 with an external reference,
disable the internal reference by letting
SHDN float. Stay
within the voltage range +2.5V to VDD to achieve speci-
fied accuracy. The minimum input impedance is 12k
for DC currents. During conversion, the external refer-
ence must be able to deliver up to 350µA DC load cur-
rent and have an output impedance of 10
Ω or less. The
recommended minimum value for the bypass capacitor
is 0.1µF. If the reference has higher output impedance
or is noisy, bypass it close to the REF pin with a 4.7µF
capacitor.
Figure 5. MAX187/MAX189 Shutdown Sequence


Similar Part No. - MAX189AEPA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX189AEPA++ MAXIM-MAX189AEPA+ Datasheet
459Kb / 18P
   5V, Low-Power, 12-Bit Serial ADCs
2012
More results

Similar Description - MAX189AEPA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX187 MAXIM-MAX187_V01 Datasheet
459Kb / 18P
   5V, Low-Power, 12-Bit Serial ADCs
2012
MAX1270BCAI MAXIM-MAX1270BCAI Datasheet
814Kb / 20P
   Multirange, 5V, 8-Channel, Serial 12-Bit ADCs
Rev 2; 9/04
MAX1270 MAXIM-MAX1270 Datasheet
808Kb / 20P
   Multirange, 5V, 8-Channel, Serial 12-Bit ADCs
Rev 2; 9/04
MAX186 MAXIM-MAX186 Datasheet
245Kb / 24P
   Low-Power, 8-Channel, Serial 12-Bit ADCs
Rev. 4; 8/96
MAX186 MAXIM-MAX186_V01 Datasheet
394Kb / 25P
   Low-Power, 8-Channel, Serial 12-Bit ADCs
2012
MAX11661 MAXIM-MAX11661_12 Datasheet
2Mb / 28P
   500ksps, Low-Power, Serial 12-/10-/8-Bit ADCs
Rev 4; 1/12
MAX11661 MAXIM-MAX11661 Datasheet
1Mb / 28P
   500ksps, Low-Power, Serial 12-/10-/8-Bit ADCs
Rev 1; 1/11
MAX11661_1111 MAXIM-MAX11661_1111 Datasheet
2Mb / 28P
   500ksps, Low-Power, Serial 12-/10-/8-Bit ADCs
Rev 3; 11/11
MAX11661_1204 MAXIM-MAX11661_1204 Datasheet
2Mb / 28P
   500ksps, Low-Power,Serial 12-/10-/8-Bit ADCs
Rev 5; 4/12
MAX11102 MAXIM-MAX11102_V01 Datasheet
2Mb / 30P
   2Msps/3Msps, Low-Power, Serial 12-/10-/8-Bit ADCs
2013
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com