Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX189CCWE Datasheet(PDF) 7 Page - Maxim Integrated Products

Part # MAX189CCWE
Description  5V, Low-Power, 12-Bit Serial ADCs
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX189CCWE Datasheet(HTML) 7 Page - Maxim Integrated Products

Back Button MAX189CCWE Datasheet HTML 3Page - Maxim Integrated Products MAX189CCWE Datasheet HTML 4Page - Maxim Integrated Products MAX189CCWE Datasheet HTML 5Page - Maxim Integrated Products MAX189CCWE Datasheet HTML 6Page - Maxim Integrated Products MAX189CCWE Datasheet HTML 7Page - Maxim Integrated Products MAX189CCWE Datasheet HTML 8Page - Maxim Integrated Products MAX189CCWE Datasheet HTML 9Page - Maxim Integrated Products MAX189CCWE Datasheet HTML 10Page - Maxim Integrated Products MAX189CCWE Datasheet HTML 11Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
+5V, Low-Power, 12-Bit Serial ADCs
_______________________________________________________________________________________
7
PIN
DIP
WIDE SO
NAME
FUNCTION
11
VDD
Supply voltage, +5V ±5%
2
3
AIN
Sampling analog input, 0V to VREF range
36
SHDN
Three-level shutdown input. Pulling
SHDN low shuts the MAX187/MAX189
down to 10µA (max) supply current. Both MAX187 and MAX189 are fully opera-
tional with either
SHDN high or floating. For the MAX187, pulling SHDN high
enables the internal reference, and letting
SHDN float disables the internal
reference and allows for the use of an external reference.
4
8
REF
Reference voltage—sets analog voltage range and functions as a 4.096V output
for the MAX187 with enabled internal reference. REF also serves as a +2.5V to
VDD input for a precision reference for both MAX187 (disabled internal reference)
and MAX189. Bypass with 4.7µF if internal reference is used, and with 0.1µF if an
external reference is applied.
5
GND
Analog and digital ground
10
AGND
Analog ground
11
DGND
Digital ground
6
12
DOUT
Serial data output. Data changes state at SCLK’s falling edge.
715
CS
Active-low chip select initiates conversions on the falling edge. When
CS is high,
DOUT is high impedance.
8
16
SCLK
Serial clock input. Clocks data out with rates up to 5MHz.
2,4,5,7,9,13,14
N.C.
Not internally connected. Connect to AGND for best noise performance.
_______________________________________________________________________Pin Description
_______________Detailed Description
Converter Operation
The MAX187/MAX189 use input track/hold (T/H) and
successive approximation register (SAR) circuitry to
convert an analog input signal to a digital 12-bit output.
No external hold capacitor is needed for the T/H.
Figures 3a and 3b show the MAX187/MAX189 in their
simplest configuration. The MAX187/MAX189 convert
input signals in the 0V to VREF range in 10µs, including
T/H acquisition time. The MAX187’s internal reference
is trimmed to 4.096V, while the MAX189 requires an
external reference. Both devices accept external refer-
ence voltages from +2.5V to VDD. The serial interface
requires only three digital lines, SCLK,
CS, and DOUT,
and provides easy interface to microprocessors (
µPs).
Both converters have two modes: normal and shut-
down. Pulling
SHDN low shuts the device down and
reduces supply current to below 10µA, while pulling
SHDN high or leaving it floating puts the device into the
operational mode. A conversion is initiated by
CS
falling. The conversion result is available at DOUT in
unipolar serial format. A high bit, signaling the end of
conversion (EOC), followed by the data bits (MSB first),
make up the serial data stream.
The MAX187 operates in one of two states: (1) internal
reference and (2) external reference. Select internal
reference operation by forcing
SHDN high, and external
reference operation by floating
SHDN.
Analog Input
Figure 4 illustrates the sampling architecture of the
ADC’s analog comparator. The full-scale input voltage
depends on the voltage at REF.
REFERENCE
ZERO
FULL
SCALE
SCALE
Internal Reference
0V
+4.096V
(MAX187 only)
External Reference
0V
VREF
For specified accuracy, the external reference voltage
range spans from +2.5V to VDD.


Similar Part No. - MAX189CCWE

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX189CCWE++ MAXIM-MAX189CCWE+ Datasheet
459Kb / 18P
   5V, Low-Power, 12-Bit Serial ADCs
2012
More results

Similar Description - MAX189CCWE

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX187 MAXIM-MAX187_V01 Datasheet
459Kb / 18P
   5V, Low-Power, 12-Bit Serial ADCs
2012
MAX1270BCAI MAXIM-MAX1270BCAI Datasheet
814Kb / 20P
   Multirange, 5V, 8-Channel, Serial 12-Bit ADCs
Rev 2; 9/04
MAX1270 MAXIM-MAX1270 Datasheet
808Kb / 20P
   Multirange, 5V, 8-Channel, Serial 12-Bit ADCs
Rev 2; 9/04
MAX186 MAXIM-MAX186 Datasheet
245Kb / 24P
   Low-Power, 8-Channel, Serial 12-Bit ADCs
Rev. 4; 8/96
MAX186 MAXIM-MAX186_V01 Datasheet
394Kb / 25P
   Low-Power, 8-Channel, Serial 12-Bit ADCs
2012
MAX11661 MAXIM-MAX11661_12 Datasheet
2Mb / 28P
   500ksps, Low-Power, Serial 12-/10-/8-Bit ADCs
Rev 4; 1/12
MAX11661 MAXIM-MAX11661 Datasheet
1Mb / 28P
   500ksps, Low-Power, Serial 12-/10-/8-Bit ADCs
Rev 1; 1/11
MAX11661_1111 MAXIM-MAX11661_1111 Datasheet
2Mb / 28P
   500ksps, Low-Power, Serial 12-/10-/8-Bit ADCs
Rev 3; 11/11
MAX11661_1204 MAXIM-MAX11661_1204 Datasheet
2Mb / 28P
   500ksps, Low-Power,Serial 12-/10-/8-Bit ADCs
Rev 5; 4/12
MAX11102 MAXIM-MAX11102_V01 Datasheet
2Mb / 30P
   2Msps/3Msps, Low-Power, Serial 12-/10-/8-Bit ADCs
2013
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com