Electronic Components Datasheet Search |
|
PEX8712 Datasheet(PDF) 5 Page - AVAGO TECHNOLOGIES LIMITED |
|
PEX8712 Datasheet(HTML) 5 Page - AVAGO TECHNOLOGIES LIMITED |
5 / 5 page PEX 8712, PCI Express Gen 3 Switch, 12 Lanes, 3 Ports © PLX Technology, www.plxtech.com Page 5 of 5 10/7/2010, Version 1.0 Softw viewpoint, each PCI Express port is l ual by us es/Events e INTx interrupt message hot ExpressLane PEX 8712 RDK are Model The PEX 8712 RDK (see Figure 10) is a hardware module containing the PEX 8712 which plugs right into your system. The PEX 8712 RDK can be used to test and validate customer software, or used as an evaluation vehicle for PEX 8712 features and benefits. The PEX 8712 RDK provides everything that a user needs to get their hardware and software development started. From a system model a virtual PCI to PCI bridge device and has its own set of PCI Express configuration registers. It is through the upstream port that the BIOS or host can configure the other ports using standard PCI enumeration. The virtua PCI to PCI bridges within the PEX 8712 are compliant to the PCI and PCI Express system models. The Configuration Space Registers (CSRs) in a virt primary/secondary PCI to PCI bridge are accessible type 0 configuration cycles through the virtual primary b interface (matching bus number, device number, and function number). Interrupt Sourc Software Development Kit (SDK) PLX’s Software Development Kit is available for download at www.plxtech.com/sdk. The software development kit includes drivers, source code, and GUI interfaces to aid in configuring and debugging the PEX 8712. The PEX 8712 switch supports th Both performancePAK and visionPAK are supported by PLX’s RDK and SDK, the industry’s most advanced hardware- and software-development kits. type (compatible with PCI 2.3 Interrupt signals) or Message Signaled Interrupts (MSI) when enabled. Interrupts/messages are generated by PEX 8712 for plug events, doorbell interrupts, baseline error reporting, and advanced error reporting. Product Ordering Information Part Number Description PEX8712-AA80BC G 12-Lane, 3-Port PCI Express Switch, Pb-Free (19x19mm 2) PEX8712-AA RDK PEX 8712 Rapid Development Kit PLX Technology, Inc. All rights reserved. PLX, the PLX logo, ExpressLane, Read Pacing and Dual Cast are trademarks of PLX Technology, Inc. All other product names that appear in this material are for identification purposes only and are acknowledged to be trademarks or registered trademarks of their respective companies. Information supplied by PLX is believed to be accurate and reliable, but PLX assumes no responsibility for any errors that may appear in this material. PLX reserves the right, without notice, to make changes in product design or specification. Visit www.plxtech.com for more information. Figure 10. PEX 8712 RDK Development Tools oftware tools to enable rapid re PLX offers hardware and s customer design activity. These tools consist of a hardwa module (PEX 8712 RDK), hardware documentation (available at www.plxtech.com), and a Software Development Kit (also available at www.plxtech.com). |
Similar Part No. - PEX8712 |
|
Similar Description - PEX8712 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |