Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

130099-0012 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 130099-0012
Description  MAX-LOC Strain Relief Cord-Sealing Grip, 1 NPT, Straight Male
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX11 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX11 - Molex Electronics Ltd.

130099-0012 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  130099-0012 Datasheet HTML 1Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
This document was generated on 02/04/2015
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
130099-0012
Status:
Active
Overview:
Strain-Relief Cord Grips
Description:
MAX-LOC® Strain Relief Cord-Sealing Grip, 1" NPT, Straight Male, Cable Diameter
19.05-22.23mm (.750-.875"), Non-Metallic Mesh with Lock Washer
Documents:
RoHS Certificate of Compliance (PDF)
General
Product Family
Cable Grips
Series
130099
Eye Type
N/A
NEMA Rating
NEMA 6P
O-Ring
Yes
Overview
Strain-Relief Cord Grips
Product Name
MAX-LOC®
Type
Strain Relief Grip
UPC
78678807240
Use With
MAX-LOC® Lock Nut 1" NPT 130099-0145 , MAX-
LOC® Gasket Sealing Ring 1" NPT 130099-0151 ,
MAX-LOC® O-Ring, 1" NPT 130180-0334
Woodhead
Yes
Physical
Approximate Break Strength
N/A
Bale Length
N/A
Body Style
Straight
Cable Diameter
19.05-22.23mm (.750-.875")
Color - Grommet
N/A
Gender
Male
Material - Body
Nylon
Material - Grip
Nylon
Mesh Length
N/A
Number of Holes
1
Thread Size
1" NPT
Material Info
Old Part Number
5556NMLW
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Not Reviewed
Low-Halogen Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
130099Series
This document was generated on 02/04/2015
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - 130099-0012

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
130099-0010 MOLEX11-130099-0010 Datasheet
32Kb / 1P
   MAX-LOC Strain Relief Cord-Sealing Grip, 3/4 NPT, Straight Male, Cable Diameter
130099-0011 MOLEX11-130099-0011 Datasheet
32Kb / 1P
   MAX-LOC Strain Relief Cord-Sealing Grip, 3/4 NPT, 90 Angle Male, Cable Diameter
130099-0013 MOLEX11-130099-0013 Datasheet
32Kb / 1P
   MAX-LOC Strain Relief Cord-Sealing Grip, 1 NPT, Straight , Cable Diameter
130099-0014 MOLEX11-130099-0014 Datasheet
32Kb / 1P
   MAX-LOC Strain Relief Cord-Sealing Grip, 1 NPT, Straight Male, Cable Diameter
130099-0015 MOLEX11-130099-0015 Datasheet
32Kb / 1P
   MAX-LOC Strain Relief Cord-Sealing Grip, 1 NPT, Straight , Cable Diameter
More results

Similar Description - 130099-0012

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
130098-0139 MOLEX11-130098-0139 Datasheet
51Kb / 1P
   MAX-LOC Strain Relief Cord-Sealing Grip, 1 NPT, Straight Male
1300990014 MOLEX11-1300990014 Datasheet
34Kb / 1P
   MAX-LOC Strain Relief Cord-Sealing Grip, 1 NPT, Straight Male.
130097-0335 MOLEX11-130097-0335 Datasheet
40Kb / 1P
   MAX-LOC Strain Relief Cord-Sealing Grip, 1 NPT, Straight Male
130097-0336 MOLEX11-130097-0336 Datasheet
40Kb / 1P
   MAX-LOC Strain Relief Cord-Sealing Grip, 1 NPT, Straight Male
1300970334 MOLEX11-1300970334 Datasheet
32Kb / 1P
   MAX-LOC Strain Relief Cord-Sealing Grip, 1 NPT, Straight Male
1300990012 MOLEX11-1300990012 Datasheet
34Kb / 1P
   MAX-LOC Strain Relief Cord-Sealing Grip, 1 NPT, Straight Male
130097-0325 MOLEX11-130097-0325 Datasheet
40Kb / 1P
   MAX-LOC Strain Relief Cord-Sealing Grip, 1/2 NPT, Straight Male
130097-0327 MOLEX11-130097-0327 Datasheet
51Kb / 1P
   MAX-LOC Strain Relief Cord-Sealing Grip, 1/2 NPT, Straight Male
130097-0326 MOLEX11-130097-0326 Datasheet
40Kb / 1P
   MAX-LOC Strain Relief Cord-Sealing Grip, 1/2 NPT, Straight Male
130097-0328 MOLEX11-130097-0328 Datasheet
40Kb / 1P
   MAX-LOC Strain Relief Cord-Sealing Grip, 1/2 NPT, Straight Male
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com