Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX1927-MAX1928 Datasheet(PDF) 10 Page - Maxim Integrated Products

Part # MAX1927-MAX1928
Description  Low-Output-Voltage, 800mA, PWM Step-Down DC-DC Converters
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1927-MAX1928 Datasheet(HTML) 10 Page - Maxim Integrated Products

Back Button MAX1927-MAX1928 Datasheet HTML 4Page - Maxim Integrated Products MAX1927-MAX1928 Datasheet HTML 5Page - Maxim Integrated Products MAX1927-MAX1928 Datasheet HTML 6Page - Maxim Integrated Products MAX1927-MAX1928 Datasheet HTML 7Page - Maxim Integrated Products MAX1927-MAX1928 Datasheet HTML 8Page - Maxim Integrated Products MAX1927-MAX1928 Datasheet HTML 9Page - Maxim Integrated Products MAX1927-MAX1928 Datasheet HTML 10Page - Maxim Integrated Products MAX1927-MAX1928 Datasheet HTML 11Page - Maxim Integrated Products MAX1927-MAX1928 Datasheet HTML 12Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
For the MAX1928:
Resistors R1 and R2 are external to the MAX1927 (see
the Setting the Output Voltage section). IOUT(MAX) is the
maximum output current, RCS = 0.48V/A, and gm =
250µS for the MAX1927. See the Electrical Characteristics
table for MAX1928 gm values. Select the closest standard
CC value that gives an acceptable bandwidth.
3) Calculate the equivalent load impedance, RL, by:
4) Calculate the compensation resistance (RC) to can-
cel out the dominant pole created by the output
load and the output capacitance:
Solving for RC gives:
5) Calculate the high-frequency compensation pole to
cancel the zero created by the output capacitor’s ESR:
1
2
1
2
ππ
××
=
××
RC
R
C
ESR
OUT
C
f
R
RC
C
C
L
OUT
C
=
×
1
2
1
2
ππ
××
=
××
RC
R
C
L
OUT
C
C
R
V
I
L
OUT
OUT MAX
=
()
C
V
IR
g
f
C
OUT
OUT MAX
CS
m
C
=
 ×


×
()×


()
11
2
π
Low-Output-Voltage, 800mA, PWM Step-Down
DC-DC Converters
10
______________________________________________________________________________________
BATT
COMP
GND
REF
PGND
LX
POK
FB
VIN
2.6V TO 5.5V
C1
10
µF
C2
10
µF
CC
1200pF
RC
18k
L1
CDRH4D18
4.7
µH
VOUT
1.8V AT 800mA
SHDN
PWM
MAX1928-18
Cf
22pF
C3
0.1
µF
Figure 3. Applications Circuit for the MAX1928
BATT
COMP
REF
PGND
LX
POK
FB
VIN
2.6V TO 5.5V
C1
10
µF
C2
10
µF
CC
680pF
RC
15k
L1
CDRH4D18
4.7
µH
VOUT
1V AT 800mA
SHDN
MAX1927R
Cf
22pF
C3
0.1
µF
R1
16.5k
1%
R2
49.9k
1%
GND
PWM
Figure 4. Applications Circuit for the MAX1927


Similar Part No. - MAX1927-MAX1928

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX192 MAXIM-MAX192 Datasheet
201Kb / 24P
   Low-Power, 8-Channel, Serial 10-Bit ADC
Rev 1; 6/02
MAX1920 MAXIM-MAX1920 Datasheet
370Kb / 9P
   Low-Voltage, 400mA Step-Down DC-DC Converters in SOT23
Rev 1; 7/02
MAX1920 MAXIM-MAX1920 Datasheet
93Kb / 8P
   PLASTIC ENCAPSULATED DEVICES
Rev. A April 30, 2003
MAX1920 MAXIM-MAX1920 Datasheet
95Kb / 4P
   fully assembled and tested Evaluation Kit
Rev 0; 03/02
MAX1920 MAXIM-MAX1920 Datasheet
1Mb / 12P
   Low-Voltage, 400mA Step-Down DC-DC Converters in SOT23
2005
More results

Similar Description - MAX1927-MAX1928

ManufacturerPart #DatasheetDescription
logo
Power Analog Micoelectr...
PAM2301 PAM-PAM2301 Datasheet
902Kb / 13P
   800mA Step-Down DC-DC Converters
logo
Torex Semiconductor
XC6375 TOREX-XC6375 Datasheet
34Kb / 4P
   PWM Controlled, Step down DC/DC Converters
XC9201 TOREX-XC9201 Datasheet
341Kb / 20P
   PWM Controlled Step-Down DC/DC Converters
logo
Richtek Technology Corp...
RT8010B RICHTEK-RT8010B Datasheet
255Kb / 12P
   1.5MHz, 800mA, High Efficiency PWM Step-Down DC/DC Converter
logo
Torex Semiconductor
XC6365 TOREX-XC6365_2 Datasheet
1Mb / 24P
   PWM Controlled, PWM/PFM Switchable Step-Down DC/DC Converters
logo
Micrel Semiconductor
MIC2230 MICREL-MIC2230_10 Datasheet
1Mb / 18P
   Dual Synchronous 800mA/800mA Step-Down DC/DC Regulator
logo
Torex Semiconductor
XC6376 TOREX-XC6376 Datasheet
306Kb / 17P
   PWM Controlled PWM/PFM Switchable Step-down DC/DC Converters
logo
Micrel Semiconductor
MIC2238 MICREL-MIC2238 Datasheet
786Kb / 16P
   Dual Synchronous 800mA/800mA Step-Down DC/DC Regulator
logo
Maxim Integrated Produc...
MAX1733 MAXIM-MAX1733 Datasheet
265Kb / 8P
   Low-Voltage, Step-Down DC-DC Converters in SOT23
19-1586; Rev 0; 7/00
MAX20021 MAXIM-MAX20021_V01 Datasheet
947Kb / 16P
   Automotive Quad, Low-Voltage Step-Down DC-DC Converters
2014
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com