Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX195 Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # MAX195
Description  16-Bit, 85ksps ADC with 10uA Shutdown
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX195 Datasheet(HTML) 5 Page - Maxim Integrated Products

  MAX195 Datasheet HTML 1Page - Maxim Integrated Products MAX195 Datasheet HTML 2Page - Maxim Integrated Products MAX195 Datasheet HTML 3Page - Maxim Integrated Products MAX195 Datasheet HTML 4Page - Maxim Integrated Products MAX195 Datasheet HTML 5Page - Maxim Integrated Products MAX195 Datasheet HTML 6Page - Maxim Integrated Products MAX195 Datasheet HTML 7Page - Maxim Integrated Products MAX195 Datasheet HTML 8Page - Maxim Integrated Products MAX195 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 28 page
background image
_______________Detailed Description
The MAX195 uses a successive-approximation register
(SAR) to convert an analog input to a 16-bit digital
code, which outputs as a serial data stream. The data
bits can be read either during the conversion, at the
CLK clock rate, or between conversions asynchronous
with CLK at the SCLK rate (up to 5Mbps).
The MAX195 includes a capacitive digital-to-analog
converter (DAC) that provides an inherent track/hold
input. The interface and control logic are designed for
easy connection to most microprocessors (µPs), limiting
the need for external components. In addition to the
SAR and DAC, the MAX195 includes a serial interface, a
sampling comparator used by the SAR, ten calibration
DACs, and control logic for calibration and conversion.
The DAC consists of an array of 16 capacitors with
binary weighted values plus one “dummy LSB” capaci-
tor (Figure 1). During input acquisition in unipolar
mode, the array’s common terminal is connected to
AGND and all free terminals are connected to the input
signal (AIN). After acquisition, the common terminal is
disconnected from AGND and the free terminals are
disconnected from AIN, trapping a charge proportional
to the input voltage on the capacitor array.
The free terminal of the MSB (largest) capacitor is con-
nected to the reference (REF), which pulls the common
terminal (connected to the comparator) positive.
Simultaneously, the free terminals of all other capaci-
tors in the array are connected to AGND, which drives
the comparator input negative. If the analog input is
near VREF, connecting the MSB’s free terminal to REF
only pulls the comparator input slightly positive.
However, connecting the remaining capacitor’s free ter-
minals to ground drives the comparator input well
below ground, so the comparator input is negative, the
comparator output is low, and the MSB is set high. If
the analog input is near ground, the comparator output
is high and the MSB is low.
Following this, the next largest capacitor is disconnect-
ed from AGND and connected to REF, and the com-
parator determines the next bit. This continues until all
bits have been determined. For a bipolar input range,
the MSB capacitor is connected to REF rather than AIN
during input acquisition, which results in an input range
of VREF to -VREF.
16-Bit, 85ksps ADC with 10µA Shutdown
_______________________________________________________________________________________
5
______________________________________________________________Pin Description
PIN
NAME
FUNCTION
1
BP/UP/SHDN
Bipolar/Unipolar/Shutdown Input. Three-state input selects bipolar or unipolar input range, or shutdown.
0V = shutdown, +5V = unipolar, floating = bipolar.
2
CLK
Conversion Clock Input
3
SCLK
Serial Clock Input is used to shift data out between conversions. May be asynchronous to CLK.
4
VDDD
+5V Digital Power Supply
5
DOUT
Serial Data Output, MSB first
6
DGND
Digital Ground
7
EOC
End-of-Conversion/Calibration Output—normally low. Rises one clock cycle after the beginning of conversion
or calibration and falls one clock cycle after the end of either. May be used as an output framing signal.
8
CS
Chip-Select Input—active low. Enables the serial interface and the three-state data output (DOUT).
9
CONV
Convert-Start Input—active low. Conversion begins on the falling edge after CONV goes low if the input
signal has been acquired; otherwise, on the falling clock edge after acquisition.
10
RESET
Reset Input. Pulling RESET low places the ADC in an inactive state. Rising edge resets control logic and
begins calibration.
11
VSSD
-5V Digital Power Supply
12
REF
Reference Input, 0 to 5V
13
AIN
Analog Input, 0 to VREF unipolar or ±VREF bipolar range
14
AGND
Analog Ground
15
VSSA
-5V Analog Power Supply
16
VDDA
+5V Analog Power Supply


Similar Part No. - MAX195

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX19505 MAXIM-MAX19505 Datasheet
454Kb / 34P
   Dual-Channel, 8-Bit, 65Msps ADC
Rev 0; 10/08
MAX19505ETM++ MAXIM-MAX19505ETM+ Datasheet
454Kb / 34P
   Dual-Channel, 8-Bit, 65Msps ADC
Rev 0; 10/08
MAX19505ETM++ MAXIM-MAX19505ETM+ Datasheet
2Mb / 30P
   On-Board Single-Ended to Differential Transformer Circuitry
Rev 2; 7/19
MAX19505ETM++ MAXIM-MAX19505ETM+ Datasheet
549Kb / 35P
   Dual-Channel, 8-Bit, 65Msps ADC
2010
MAX19505EVKIT MAXIM-MAX19505EVKIT Datasheet
2Mb / 30P
   On-Board Single-Ended to Differential Transformer Circuitry
Rev 2; 7/19
More results

Similar Description - MAX195

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX194 MAXIM-MAX194 Datasheet
223Kb / 24P
   14-Bit, 85ksps ADC with 10A Shutdown
MAX11100 MAXIM-MAX11100 Datasheet
3Mb / 19P
   16-Bit, 5V, 200ksps ADC with 10μA Shutdown
Rev 1; 1/12
MAX1162 MAXIM-MAX1162_10 Datasheet
228Kb / 18P
   16-Bit, 5V, 200ksps ADC with 10μA Shutdown
Rev 1; 4/10
MAX1162 MAXIM-MAX1162 Datasheet
387Kb / 17P
   16-Bit, 5V, 200ksps ADC with 10關A Shutdown
Rev 0; 7/02
logo
Linear Technology
LTC1402 LINER-LTC1402_1 Datasheet
285Kb / 24P
   Serial 12-Bit, 2.2Msps Sampling ADC with Shutdown
LTC1402 LINER-LTC1402 Datasheet
251Kb / 20P
   Serial 12-Bit, 2.2Msps Sampling ADC with Shutdown
LTC1402 LINER-LTC1402_15 Datasheet
290Kb / 24P
   Serial 12-Bit, 2.2Msps Sampling ADC with Shutdown
logo
Maxim Integrated Produc...
MAX11101 MAXIM-MAX11101 Datasheet
3Mb / 19P
   14-Bit, 5V, 200ksps ADC with 10μA Shutdown
Rev 1; 1/12
logo
Linear Technology
LTC1856 LINER-LTC1856_15 Datasheet
639Kb / 24P
   8-Channel, 10V Input 12-/14-/16-Bit, 100ksps ADC Converters with Shutdown
LTC1854 LINER-LTC1854 Datasheet
304Kb / 24P
   8-Channel, 짹10V Input 12-/14-/16-Bit, 100ksps ADC Converters with Shutdown
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com