Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX192ACAP Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # MAX192ACAP
Description  Low-Power, 8-Channel, Serial 10-Bit ADC
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX192ACAP Datasheet(HTML) 5 Page - Maxim Integrated Products

  MAX192ACAP Datasheet HTML 1Page - Maxim Integrated Products MAX192ACAP Datasheet HTML 2Page - Maxim Integrated Products MAX192ACAP Datasheet HTML 3Page - Maxim Integrated Products MAX192ACAP Datasheet HTML 4Page - Maxim Integrated Products MAX192ACAP Datasheet HTML 5Page - Maxim Integrated Products MAX192ACAP Datasheet HTML 6Page - Maxim Integrated Products MAX192ACAP Datasheet HTML 7Page - Maxim Integrated Products MAX192ACAP Datasheet HTML 8Page - Maxim Integrated Products MAX192ACAP Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
Note 5: Guaranteed by design. Not subject to production testing.
Low-Power, 8-Channel,
Serial 10-Bit ADC
_______________________________________________________________________________________
5
TIMING CHARACTERISTICS
(VDD = 5V ±5%, TA = TMIN to TMAX, unless otherwise noted.)
CLOAD = 100pF
External clock mode only, CLOAD = 100pF
CLOAD = 100pF
CLOAD = 100pF
CLOAD = 100pF
External clock mode only, CLOAD = 100pF
CONDITIONS
ns
200
tSTR
CS Rise to SSTRB Output
Disable (Note 5)
CS Fall to SSTRB Output Enable
(Note 5)
ns
200
tSDV
ns
0
tDH
DIN to SCLK Hold
ns
100
tDS
µs
1.5
tAZ
Acquisition Time
DIN to SCLK Setup
ns
200
tSSTRB
SCLK Fall to SSTRB
ns
200
tCL
SCLK Pulse Width Low
ns
200
tCH
SCLK Pulse Width High
ns
0
tCSH
CS to SCLK Rise Hold
ns
20
150
tDO
ns
100
tDV
ns
100
tTR
SCLK Fall to Output Data Valid
ns
100
tCSS
CS to SCLK Rise Setup
UNITS
MIN
TYP
MAX
SYMBOL
PARAMETER
SSTRB Rise to SCLK Rise
(Note 5)
tSCK
Internal clock mode only
0
ns
CS Rise to Output Disable
CS Fall to Output Enable
__________________________________________Typical Operating Characteristics
0.16
0
-60
-20
60
140
CHANNEL-TO-CHANNEL OFFSET MATCHING
vs. TEMPERATURE
0.02
0.12
TEMPERATURE (°C)
20
100
0.10
0.04
-40
0
40
80
120
0.14
0.08
0.06
0.30
-0.05
-60
140
POWER-SUPPLY REJECTION
vs. TEMPERATURE
0
0.25
TEMPERATURE (°C)
60
0.10
0.05
-40
20
100
0.15
0.20
-20
0
40
80
120
VDD = +5V ±5%
2.456
INTERNAL REFERENCE VOLTAGE
vs. TEMPERATURE
2.452
2.455
TEMPERATURE (°C)
2.454
2.453
-40 -20 0
20 40 60 80 100 120
-60
140


Similar Part No. - MAX192ACAP

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX192ACAP MAXIM-MAX192ACAP Datasheet
202Kb / 24P
   Low-Power, 8-Channel, Serial 10-Bit ADC
Rev. 1; 4/97
More results

Similar Description - MAX192ACAP

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX192BCPP MAXIM-MAX192BCPP Datasheet
202Kb / 24P
   Low-Power, 8-Channel, Serial 10-Bit ADC
Rev. 1; 4/97
MAX1245 MAXIM-MAX1245 Datasheet
152Kb / 20P
   2.375V, Low-Power, 8-Channel, Serial 12-Bit ADC
19-1066; Rev 0; 6/96
MAX1245 MAXIM-MAX1245_09 Datasheet
249Kb / 21P
   2.375V, Low-Power, 8-Channel, Serial 12-Bit ADC
Rev 1; 11/09
logo
SONiX Technology Compan...
SNAD02C SONIX-SNAD02C Datasheet
734Kb / 27P
   8-CHANNEL 10-BIT ADC?
logo
Texas Instruments
ADS5275 TI-ADS5275 Datasheet
303Kb / 20P
[Old version datasheet]   8-Channel, 10-Bit, 40MSPS ADC with Serial LVDS Interface
logo
Maxim Integrated Produc...
MAX1204 MAXIM-MAX1204 Datasheet
170Kb / 24P
   5v, 8-cHANNEL, sERIAL, 10-bIT adc WITH 3v dIGITAL iNTERFACE
19-1179; Rev 0; 1/97
MAX1204 MAXIM-MAX1204_12 Datasheet
236Kb / 23P
   5V, 8-Channel, Serial, 10-Bit ADC with 3V Digital Interface
Rev 1; 1/12
MAX148_V5 MAXIM-MAX148_V5 Datasheet
2Mb / 23P
   2.7V to 5.25V, Low-Power, 8-Channel, Serial 10-Bit ADCs
Rev 5; 1/12
MAX148 MAXIM-MAX148_V01 Datasheet
2Mb / 23P
   2.7V to 5.25V, Low-Power, 8-Channel, Serial 10-Bit ADCs
2012
MAX11129 MAXIM-MAX11129 Datasheet
2Mb / 36P
   3Msps, Low-Power, Serial 12-/10-Bit, 8-/16-Channel ADCs
Rev 1; 11/11
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com