Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX1904ETJ Datasheet(PDF) 10 Page - Maxim Integrated Products

Part # MAX1904ETJ
Description  500kHz Multi-Output, Low-Noise Power-Supply Controllers for Notebook Computers
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1904ETJ Datasheet(HTML) 10 Page - Maxim Integrated Products

Back Button MAX1904ETJ Datasheet HTML 6Page - Maxim Integrated Products MAX1904ETJ Datasheet HTML 7Page - Maxim Integrated Products MAX1904ETJ Datasheet HTML 8Page - Maxim Integrated Products MAX1904ETJ Datasheet HTML 9Page - Maxim Integrated Products MAX1904ETJ Datasheet HTML 10Page - Maxim Integrated Products MAX1904ETJ Datasheet HTML 11Page - Maxim Integrated Products MAX1904ETJ Datasheet HTML 12Page - Maxim Integrated Products MAX1904ETJ Datasheet HTML 13Page - Maxim Integrated Products MAX1904ETJ Datasheet HTML 14Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 33 page
background image
500kHz Multi-Output, Low-Noise Power-Supply
Controllers for Notebook Computers
10
______________________________________________________________________________________
Pin Description (continued)
PIN
QSOP
QFN
NAME
FUNCTION
15
13
SEQ
Pin-strap input that selects the SMPS power-up sequence:
SEQ = GND: 5V before 3.3V,
RESET output determined by both outputs
SEQ = REF: Separate ON3/ON5 controls,
RESET output determined by 3.3V
output
SEQ = VL: 3.3V before 5V, RESET output determined by both outputs
16
14
DH5
Gate-Drive Output for the 5V, High-Side N-Channel Switch. DH5 is a floating driver
output that swings from LX5 to BST5, riding on the LX5 switching node voltage.
17
15
LX5
Switching-Node (Inductor) Connection. Can swing 2V below ground without hazard.
18
17
BST5
Boost Capacitor Connection for High-Side Gate Drive (0.1µF)
19
18
DL5
Gate-Drive Output for the Low-Side Synchronous-Rectifier MOSFET. Swings 0 to VL.
20
19
PGND
Power Ground
21
20
VL
5V Internal Linear-Regulator Output. VL is also the supply-voltage rail for the chip.
After the 5V SMPS output has reached 4.5V (typ), VL automatically switches to the
output voltage through CSL5 for bootstrapping. Bypass to GND with 4.7µF. VL
supplies up to 25mA for external loads.
22
21
V+
Battery Voltage Input, 4.2V to 30V. Bypass V+ to PGND close to the IC with a 0.22µF
capacitor. Connects to a linear regulator that powers VL.
23
22
SHDN
Shutdown Control Input, Active Low. Logic threshold is set at approximately 1V. For
automatic startup, connect
SHDN to V+ through a 220k
Ω resistor and bypass SHDN to
GND with a 0.01µF capacitor.
24
23
DL3
Gate-Drive Output for the Low-Side Synchronous-Rectifier MOSFET. Swings 0 to VL.
25
24
BST3
Boost Capacitor Connection for High-Side Gate Drive (0.1µF)
26
26
LX3
Switching-Node (Inductor) Connection. Can swing 2V below ground without hazard.
27
27
DH3
Gate-Drive Output for the 3.3V, High-Side N-Channel Switch. DH3 is a floating driver
output that swings from LX3 to BST3, riding on the LX3 switching-node voltage.
28
28
RUN/ON3
ON/
OFF Control Input. See the Power-Up Sequencing and ON/
OFF Controls section.
6, 16, 25, 32
N.C.
No Connection


Similar Part No. - MAX1904ETJ

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX190 MAXIM-MAX190 Datasheet
1,010Kb / 28P
   Low-Power, 12-Bit Sampling ADCs with Internal Reference and Power-Down
Rev 2; 4/93
MAX19000 MAXIM-MAX19000 Datasheet
1Mb / 19P
   Fully Assembled and Tested
Rev 0; 12/09
MAX19000EVKIT MAXIM-MAX19000EVKIT Datasheet
1Mb / 19P
   Fully Assembled and Tested
Rev 0; 12/09
MAX19000EVKIT++ MAXIM-MAX19000EVKIT+ Datasheet
1Mb / 19P
   Fully Assembled and Tested
Rev 0; 12/09
MAX19005 MAXIM-MAX19005 Datasheet
2Mb / 25P
   Quad, Ultra-Low-Power, 200Mbps ATE Drivers/Comparators
19-6092; Rev 0; 12/11
More results

Similar Description - MAX1904ETJ

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1630 MAXIM-MAX1630_05 Datasheet
288Kb / 29P
   Multi-Output, Low-Noise Power-Supply Controllers for Notebook Computers
Rev 4; 8/05
MAX1632AEAI MAXIM-MAX1632AEAI Datasheet
288Kb / 29P
   Multi-Output, Low-Noise Power-Supply Controllers for Notebook Computers
Rev 1; 8/05
MAX1630 MAXIM-MAX1630 Datasheet
237Kb / 28P
   Multi-Output, Low-Noise Power-Supply Controllers for Notebook Computers
19-0480; Rev 3; 4/97
MAX1630A MAXIM-MAX1630A Datasheet
288Kb / 29P
   Multi-Output, Low-Noise Power-Supply Controllers for Notebook Computers
19-3518; Rev 1; 8/05
logo
Semtech Corporation
SC1402 SEMTECH-SC1402 Datasheet
270Kb / 18P
   Multi-Output, Low-Noise Power Supply Controller for Notebook Computers
logo
Maxim Integrated Produc...
MAX17003 MAXIM-MAX17003 Datasheet
610Kb / 36P
   High-Efficiency, Quad-Output, Main Power-Supply Controllers for Notebook Computers
19-0765; Rev 0; 3/07
MAX1533A MAXIM-MAX1533A Datasheet
1Mb / 38P
   High-Efficiency, 5x Output, Main Power-Supply Controllers for Notebook Computers
Rev 0; 4/06
logo
Renesas Technology Corp
ISL6236 RENESAS-ISL6236 Datasheet
3Mb / 36P
   High-Efficiency, Quad-Output, Main Power Supply Controllers for Notebook Computers
logo
Maxim Integrated Produc...
MAX17003ETJ MAXIM-MAX17003ETJ Datasheet
610Kb / 36P
   High-Efficiency, Quad-Output, Main Power-Supply Controllers for Notebook Computers
Rev 0; 3/07
logo
Intersil Corporation
ISL6236A INTERSIL-ISL6236A Datasheet
3Mb / 37P
   High-Efficiency, Quad-Output, Main Power Supply Controllers for Notebook Computers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com