Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX1932 Datasheet(PDF) 10 Page - Maxim Integrated Products

Part # MAX1932
Description  Digitally Controlled, 0.5% Accurate, Safest APD Bias Supply
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1932 Datasheet(HTML) 10 Page - Maxim Integrated Products

Back Button MAX1932 Datasheet HTML 6Page - Maxim Integrated Products MAX1932 Datasheet HTML 7Page - Maxim Integrated Products MAX1932 Datasheet HTML 8Page - Maxim Integrated Products MAX1932 Datasheet HTML 9Page - Maxim Integrated Products MAX1932 Datasheet HTML 10Page - Maxim Integrated Products MAX1932 Datasheet HTML 11Page - Maxim Integrated Products MAX1932 Datasheet HTML 12Page - Maxim Integrated Products MAX1932 Datasheet HTML 13Page - Maxim Integrated Products MAX1932 Datasheet HTML 14Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
Digitally Controlled, 0.5% Accurate, Safest APD
Bias Supply
10
______________________________________________________________________________________
987k
987k
13k
COMP
ERROR
COMPARATOR
CS+
CS-
PWM CONTROL
AND GATE DRIVER
GATE
SPI
SERIAL
INTERFACE
SCLK
REF
1.25V
UVLO
FB
ERROR
AMPLIFIER
8-BIT DAC
DIN
8
REF
DACOUT
CLIM
BUFFER
VIN
GND
CL
13k
CS
RAMP
OSC
Figure 1. Functional Diagram


Similar Part No. - MAX1932

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1930 MAXIM-MAX1930 Datasheet
287Kb / 7P
   Current-Limited Switch for Two USB Ports
Rev 2; 11/02
MAX1930ESA MAXIM-MAX1930ESA Datasheet
287Kb / 7P
   Current-Limited Switch for Two USB Ports
Rev 2; 11/02
MAX1931 MAXIM-MAX1931 Datasheet
214Kb / 8P
   Current-Limited Switch for Single USB Port
Rev 0; 4/02
MAX1931EUB MAXIM-MAX1931EUB Datasheet
214Kb / 8P
   Current-Limited Switch for Single USB Port
Rev 0; 4/02
MAX1935 MAXIM-MAX1935 Datasheet
245Kb / 10P
   500mA, Low-Voltage Linear Regulator in Tiny QFN
Rev 0; 10/02
More results

Similar Description - MAX1932

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX749 MAXIM-MAX749 Datasheet
105Kb / 12P
   Digitally Adjustable LCD Bias Supply
Rev 1; 2/95
logo
Sensortechnics GmbH
AD800-8TO SENSORTECHNICS-AD800-8TO Datasheet
405Kb / 2P
   APD with 0.5 mm짼 active area
AD800-9TO SENSORTECHNICS-AD800-9TO Datasheet
202Kb / 2P
   APD with 0.5 mm짼 active area
logo
List of Unclassifed Man...
BPH05-08-00 ETC2-BPH05-08-00 Datasheet
816Kb / 3P
   BIAS 1/2 Watt Power Supply BPH 0.5 Series
BPSX05-08-00 ETC2-BPSX05-08-00 Datasheet
827Kb / 3P
   BIAS 1/2 Watt Power Supply BPSX 0.5 Series
BPW05-08-00 ETC2-BPW05-08-00 Datasheet
268Kb / 6P
   BIAS 1/2 Watt Power Supply BPW 0.5 Series
BPWX05-08-00 ETC2-BPWX05-08-00 Datasheet
828Kb / 3P
   BIAS 1/2 Watt Power Supply BPWX 0.5 Series
logo
Intersil Corporation
X9319WS8Z INTERSIL-X9319WS8Z Datasheet
333Kb / 8P
   Digitally Controlled Potentiometer
July 31, 2014
X9C102P INTERSIL-X9C102P Datasheet
237Kb / 10P
   Digitally Controlled Potentiometer
July 20, 2009
X9C104SIZT1 INTERSIL-X9C104SIZT1 Datasheet
240Kb / 10P
   Digitally Controlled Potentiometer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com