Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX1927REUB Datasheet(PDF) 7 Page - Maxim Integrated Products

Part # MAX1927REUB
Description  Low-Output-Voltage, 800mA, PWM Step-Down DC-DC Converters
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1927REUB Datasheet(HTML) 7 Page - Maxim Integrated Products

Back Button MAX1927REUB Datasheet HTML 3Page - Maxim Integrated Products MAX1927REUB Datasheet HTML 4Page - Maxim Integrated Products MAX1927REUB Datasheet HTML 5Page - Maxim Integrated Products MAX1927REUB Datasheet HTML 6Page - Maxim Integrated Products MAX1927REUB Datasheet HTML 7Page - Maxim Integrated Products MAX1927REUB Datasheet HTML 8Page - Maxim Integrated Products MAX1927REUB Datasheet HTML 9Page - Maxim Integrated Products MAX1927REUB Datasheet HTML 10Page - Maxim Integrated Products MAX1927REUB Datasheet HTML 11Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
Low-Output-Voltage, 800mA, PWM Step-Down
DC-DC Converters
_______________________________________________________________________________________
7
Pin Description
PIN
NAME
FUNCTION
1
PWM
Forced-PWM Input. Drive to GND to use PWM at medium to heavy loads and pulse-skipping at light loads.
Drive to BATT to force PWM operation at all loads.
2
GND
Ground
3
REF
Internal 1.25V Reference. Bypass to GND with a 0.1µF capacitor.
4FB
Output Feedback Sense Input. To set the output voltage to the preset voltage (MAX1928), connect FB directly
to the output. To adjust the output voltage (MAX1927R), connect FB to the center of an external resistor-
divider between the output and GND. FB regulation voltage is 0.75V.
5
COMP
Compensation Input. See the Compensation, Stability, and Output Capacitor section for compensation
component selection.
6
SHDN
Shutdown Control Input. Drive low to shut down the converter. Drive high for normal operation.
7
PGND
Power Ground
8
LX
Inductor Connection to the drains of the internal power MOSFETs.
9
BATT
Supply Voltage Input. Connect to a 2.6V to 5.5V source. Bypass to GND with a low-ESR 10µF capacitor.
10
POK
Power-OK Open-Drain Output. Once the soft-start routine has completed, POK goes high impedance 20ms
after FB exceeds 90% of its expected final value.
N
N
P
P
SLOPE
COMPENSATION
POWER-OK
CONTROL
1MHz
OSC
BIAS
COMP
BATT
PWM
CONTROL
1.25V
REFERENCE
PFM CURRENT
COMPARATOR
PWM
COMPARATOR
PWM
ILIM
COMPARATOR
TO
COMP
N-CHANNEL
CURRENT COMPARATOR
PGND
POK
FB
REF
MAX1927R
ONLY
GND
MAX1928
ONLY
LX
SHDN
MAX1927
MAX1928
Figure 1. Simplified Functional Diagram


Similar Part No. - MAX1927REUB

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX192 MAXIM-MAX192 Datasheet
201Kb / 24P
   Low-Power, 8-Channel, Serial 10-Bit ADC
Rev 1; 6/02
MAX1920 MAXIM-MAX1920 Datasheet
370Kb / 9P
   Low-Voltage, 400mA Step-Down DC-DC Converters in SOT23
Rev 1; 7/02
MAX1920 MAXIM-MAX1920 Datasheet
93Kb / 8P
   PLASTIC ENCAPSULATED DEVICES
Rev. A April 30, 2003
MAX1920 MAXIM-MAX1920 Datasheet
95Kb / 4P
   fully assembled and tested Evaluation Kit
Rev 0; 03/02
MAX1920 MAXIM-MAX1920 Datasheet
1Mb / 12P
   Low-Voltage, 400mA Step-Down DC-DC Converters in SOT23
2005
More results

Similar Description - MAX1927REUB

ManufacturerPart #DatasheetDescription
logo
Power Analog Micoelectr...
PAM2301 PAM-PAM2301 Datasheet
902Kb / 13P
   800mA Step-Down DC-DC Converters
logo
Torex Semiconductor
XC6375 TOREX-XC6375 Datasheet
34Kb / 4P
   PWM Controlled, Step down DC/DC Converters
XC9201 TOREX-XC9201 Datasheet
341Kb / 20P
   PWM Controlled Step-Down DC/DC Converters
logo
Richtek Technology Corp...
RT8010B RICHTEK-RT8010B Datasheet
255Kb / 12P
   1.5MHz, 800mA, High Efficiency PWM Step-Down DC/DC Converter
logo
Torex Semiconductor
XC6365 TOREX-XC6365_2 Datasheet
1Mb / 24P
   PWM Controlled, PWM/PFM Switchable Step-Down DC/DC Converters
logo
Micrel Semiconductor
MIC2230 MICREL-MIC2230_10 Datasheet
1Mb / 18P
   Dual Synchronous 800mA/800mA Step-Down DC/DC Regulator
logo
Torex Semiconductor
XC6376 TOREX-XC6376 Datasheet
306Kb / 17P
   PWM Controlled PWM/PFM Switchable Step-down DC/DC Converters
logo
Micrel Semiconductor
MIC2238 MICREL-MIC2238 Datasheet
786Kb / 16P
   Dual Synchronous 800mA/800mA Step-Down DC/DC Regulator
logo
Maxim Integrated Produc...
MAX1733 MAXIM-MAX1733 Datasheet
265Kb / 8P
   Low-Voltage, Step-Down DC-DC Converters in SOT23
19-1586; Rev 0; 7/00
MAX20021 MAXIM-MAX20021_V01 Datasheet
947Kb / 16P
   Automotive Quad, Low-Voltage Step-Down DC-DC Converters
2014
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com