Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX1901EAI Datasheet(PDF) 9 Page - Maxim Integrated Products

Part # MAX1901EAI
Description  500kHz Multi-Output, Low-Noise Power-Supply Controllers for Notebook Computers
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1901EAI Datasheet(HTML) 9 Page - Maxim Integrated Products

Back Button MAX1901EAI Datasheet HTML 5Page - Maxim Integrated Products MAX1901EAI Datasheet HTML 6Page - Maxim Integrated Products MAX1901EAI Datasheet HTML 7Page - Maxim Integrated Products MAX1901EAI Datasheet HTML 8Page - Maxim Integrated Products MAX1901EAI Datasheet HTML 9Page - Maxim Integrated Products MAX1901EAI Datasheet HTML 10Page - Maxim Integrated Products MAX1901EAI Datasheet HTML 11Page - Maxim Integrated Products MAX1901EAI Datasheet HTML 12Page - Maxim Integrated Products MAX1901EAI Datasheet HTML 13Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 33 page
background image
500kHz Multi-Output, Low-Noise Power-Supply
Controllers for Notebook Computers
_______________________________________________________________________________________
9
Pin Description
PIN
SSOP
QFN
NAME
FUNCTION
1
29
CSH3
Current-Sense Input for the 3.3V SMPS. Current-limit level is 100mV referred to CSL3.
2
30
CSL3
Current-Sense Input. Also serves as the feedback input in fixed-output mode.
3
31
FB3
Feedback Input for the 3.3V SMPS. Regulates at FB3 = REF (approx. 2.5V) in
adjustable mode. FB3 is a dual-mode input that also selects the 3.3V fixed output
voltage setting when connected to GND. Connect FB3 to a resistor-divider for
adjustable-output mode.
12OUT
(MAX1902)
12V/120mA Linear-Regulator Output. Input supply comes from VDD. Bypass 12OUT to
GND with 1µF (min).
41
STEER
(MAX1901/
MAX1904)
Logic-Control Input for Secondary Feedback. Selects the PWM that uses a transformer
and secondary feedback signal (SECFB):
STEER = GND: 3.3V SMPS uses transformer
STEER = VL: 5V SMPS uses transformer
VDD
(MAX1902)
Supply Voltage Input for the 12OUT Linear Regulator. Also connects to an internal
resistor-divider for secondary winding feedback and to an 18V overvoltage shunt
regulator clamp.
52
SECFB
(MAX1901/
MAX1904)
Secondary Winding Feedback Input. Normally connected to a resistor-divider from an
auxiliary output. SECFB regulates at VSECFB = 2.5V (see the Secondary Feedback
Regulation Loop section). Connect to VL if not used.
6
3
SYNC
Oscillator Synchronization and Frequency Select. Connect to VL for 500kHz operation;
connect to GND for 333kHz operation. Can be driven at 400kHz to 583kHz for external
synchronization.
7
4
TIME/ON5
Dual-Purpose Timing Capacitor Pin and ON/
OFF Control Input. See the Power-Up
Sequencing and ON/
OFF Controls section.
8
5
GND
Low-Noise Analog Ground and Feedback Reference Point
9
7
REF
2.5V Reference Voltage Output. Bypass to GND with 1µF (min).
10
8
SKIP
Logic-control input that disables idle mode when high. Connect to GND for normal use.
11
9
RESET
Active-Low Timed Reset Output.
RESET swings GND to VL. Goes high after a fixed
32,000 clock-cycle delay following power-up.
12
10
FB5
Feedback Input for the 5V SMPS. Regulates at FB5 = REF (approx. 2.5V) in adjustable
mode. FB5 is a dual-mode input that also selects the 5V fixed output voltage setting
when connected to GND. Connect FB5 to a resistor-divider for adjustable-output
mode.
13
11
CSL5
Current-Sense Input for the 5V SMPS. Also serves as the feedback input in fixed-output
mode, and as the bootstrap supply input when the voltage on CSL5/VL is > 4.5V.
14
12
CSH5
Current-Sense Input for the 5V SMPS. Current-limit level is 100mV referred to CSL5.


Similar Part No. - MAX1901EAI

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX190 MAXIM-MAX190 Datasheet
1,010Kb / 28P
   Low-Power, 12-Bit Sampling ADCs with Internal Reference and Power-Down
Rev 2; 4/93
MAX19000 MAXIM-MAX19000 Datasheet
1Mb / 19P
   Fully Assembled and Tested
Rev 0; 12/09
MAX19000EVKIT MAXIM-MAX19000EVKIT Datasheet
1Mb / 19P
   Fully Assembled and Tested
Rev 0; 12/09
MAX19000EVKIT++ MAXIM-MAX19000EVKIT+ Datasheet
1Mb / 19P
   Fully Assembled and Tested
Rev 0; 12/09
MAX19005 MAXIM-MAX19005 Datasheet
2Mb / 25P
   Quad, Ultra-Low-Power, 200Mbps ATE Drivers/Comparators
19-6092; Rev 0; 12/11
More results

Similar Description - MAX1901EAI

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1630 MAXIM-MAX1630_05 Datasheet
288Kb / 29P
   Multi-Output, Low-Noise Power-Supply Controllers for Notebook Computers
Rev 4; 8/05
MAX1632AEAI MAXIM-MAX1632AEAI Datasheet
288Kb / 29P
   Multi-Output, Low-Noise Power-Supply Controllers for Notebook Computers
Rev 1; 8/05
MAX1630 MAXIM-MAX1630 Datasheet
237Kb / 28P
   Multi-Output, Low-Noise Power-Supply Controllers for Notebook Computers
19-0480; Rev 3; 4/97
MAX1630A MAXIM-MAX1630A Datasheet
288Kb / 29P
   Multi-Output, Low-Noise Power-Supply Controllers for Notebook Computers
19-3518; Rev 1; 8/05
logo
Semtech Corporation
SC1402 SEMTECH-SC1402 Datasheet
270Kb / 18P
   Multi-Output, Low-Noise Power Supply Controller for Notebook Computers
logo
Maxim Integrated Produc...
MAX17003 MAXIM-MAX17003 Datasheet
610Kb / 36P
   High-Efficiency, Quad-Output, Main Power-Supply Controllers for Notebook Computers
19-0765; Rev 0; 3/07
MAX1533A MAXIM-MAX1533A Datasheet
1Mb / 38P
   High-Efficiency, 5x Output, Main Power-Supply Controllers for Notebook Computers
Rev 0; 4/06
logo
Renesas Technology Corp
ISL6236 RENESAS-ISL6236 Datasheet
3Mb / 36P
   High-Efficiency, Quad-Output, Main Power Supply Controllers for Notebook Computers
logo
Maxim Integrated Produc...
MAX17003ETJ MAXIM-MAX17003ETJ Datasheet
610Kb / 36P
   High-Efficiency, Quad-Output, Main Power-Supply Controllers for Notebook Computers
Rev 0; 3/07
logo
Intersil Corporation
ISL6236A INTERSIL-ISL6236A Datasheet
3Mb / 37P
   High-Efficiency, Quad-Output, Main Power Supply Controllers for Notebook Computers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com