Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX186BCAP Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # MAX186BCAP
Description  Low-Power, 8-Channel, Serial 12-Bit ADCs
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX186BCAP Datasheet(HTML) 6 Page - Maxim Integrated Products

Back Button MAX186BCAP Datasheet HTML 2Page - Maxim Integrated Products MAX186BCAP Datasheet HTML 3Page - Maxim Integrated Products MAX186BCAP Datasheet HTML 4Page - Maxim Integrated Products MAX186BCAP Datasheet HTML 5Page - Maxim Integrated Products MAX186BCAP Datasheet HTML 6Page - Maxim Integrated Products MAX186BCAP Datasheet HTML 7Page - Maxim Integrated Products MAX186BCAP Datasheet HTML 8Page - Maxim Integrated Products MAX186BCAP Datasheet HTML 9Page - Maxim Integrated Products MAX186BCAP Datasheet HTML 10Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
Reference Voltage for analog-to-digital conversion. Also, Output of the Reference Buffer Amplifier
(4.096V in the MAX186, 1.638 x REFADJ in the MAX188). Add a 4.7µF capacitor to ground when
using external compensation mode. Also functions as an input when used with a precision external
reference.
Low-Power, 8-Channel,
Serial 12-Bit ADCs
6
________________________________________________________________________________________________
__________________________________________Typical Operating Characteristics
0.30
-0.05
-60
140
POWER-SUPPLY REJECTION
vs. TEMPERATURE
0.00
0.25
TEMPERATURE (°C)
60
0.10
0.05
-40
20
100
0.15
0.20
-20 0
40
80
120
VDD = +5V ±5%
VSS = 0V or -5V
2.456
INTERNAL REFERENCE VOLTAGE
vs. TEMPERATURE
2.452
2.455
TEMPERATURE (°C)
2.454
2.453
-40 -20 0
20 40 60 80 100 120
0.16
0
-60
-20
60
140
CHANNEL-TO-CHANNEL OFFSET MATCHING
vs. TEMPERATURE
0.02
0.12
TEMPERATURE (°C)
20
100
0.10
0.04
-40
0
40
80
120
0.14
0.08
0.06
20
-140
0
66.5kHz
MAX186/MAX188 FFT PLOT – 133kHz
-120
0
-80
-100
-40
-20
-60
ft = 10kHz
fs = 133kHz
33.25kHz
FREQUENCY
ft = 10kHz
fs = 133kHz
TA = +25°C
PIN
NAME
FUNCTION
1-8
CH0-CH7
Sampling Analog Inputs
9
VSS
Negative Supply Voltage. Tie to -5V ±5% or AGND
10
SHDN
11
VREF
Three-Level Shutdown Input. Pulling
SHDN low shuts the MAX186/MAX188 down to 10µA (max)
supply current, otherwise the MAX186/MAX188 are fully operational. Pulling
SHDN high puts the ref-
erence-buffer amplifier in internal compensation mode. Letting
SHDN float puts the reference-buffer
amplifier in external compensation mode.
_____________________________________________________________Pin Description


Similar Part No. - MAX186BCAP

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX186 MAXIM-MAX186 Datasheet
627Kb / 18P
   Unipolar 4.096V or Bipolar -2.048V to 2.048V Input Ranges
Rev. 2; 6/08
MAX1864 MAXIM-MAX1864 Datasheet
384Kb / 25P
   xDSL/Cable Modem Triple/Quintuple Output Power Supplies
Rev 0; 4/01
MAX1864-MAX1865 MAXIM-MAX1864-MAX1865 Datasheet
384Kb / 25P
   xDSL/Cable Modem Triple/Quintuple Output Power Supplies
Rev 0; 4/01
MAX1864TEEE MAXIM-MAX1864TEEE Datasheet
384Kb / 25P
   xDSL/Cable Modem Triple/Quintuple Output Power Supplies
Rev 0; 4/01
MAX1864UEEE MAXIM-MAX1864UEEE Datasheet
384Kb / 25P
   xDSL/Cable Modem Triple/Quintuple Output Power Supplies
Rev 0; 4/01
More results

Similar Description - MAX186BCAP

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX186 MAXIM-MAX186_V01 Datasheet
394Kb / 25P
   Low-Power, 8-Channel, Serial 12-Bit ADCs
2012
MAX146 MAXIM-MAX146 Datasheet
198Kb / 24P
   2.7Low-Power, 8-Channel, Serial 12-Bit ADCs
Rev 1; 6/97
MAX11661 MAXIM-MAX11661_12 Datasheet
2Mb / 28P
   500ksps, Low-Power, Serial 12-/10-/8-Bit ADCs
Rev 4; 1/12
MAX11129 MAXIM-MAX11129 Datasheet
2Mb / 36P
   3Msps, Low-Power, Serial 12-/10-Bit, 8-/16-Channel ADCs
Rev 1; 11/11
MAX11129_V4 MAXIM-MAX11129_V4 Datasheet
2Mb / 36P
   3Msps, Low-Power, Serial 12-/10-Bit,8-/16-Channel ADCs
Rev 4; 6/12
MAX11661 MAXIM-MAX11661 Datasheet
1Mb / 28P
   500ksps, Low-Power, Serial 12-/10-/8-Bit ADCs
Rev 1; 1/11
MAX11661_1111 MAXIM-MAX11661_1111 Datasheet
2Mb / 28P
   500ksps, Low-Power, Serial 12-/10-/8-Bit ADCs
Rev 3; 11/11
MAX11661_1204 MAXIM-MAX11661_1204 Datasheet
2Mb / 28P
   500ksps, Low-Power,Serial 12-/10-/8-Bit ADCs
Rev 5; 4/12
MAX11129 MAXIM-MAX11129_12 Datasheet
3Mb / 36P
   3Msps, Low-Power, Serial 12-/10-Bit,8-/16-Channel ADCs
Rev 3; 4/12
MAX11120 MAXIM-MAX11120 Datasheet
3Mb / 40P
   1Msps, Low-Power, Serial 12-/10-/8-Bit, 4-/8-/16-Channel ADCs
Rev 0; 12/11
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com