Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2N7002 Datasheet(PDF) 3 Page - NXP Semiconductors

Part # 2N7002
Description  2N7002_15
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

2N7002 Datasheet(HTML) 3 Page - NXP Semiconductors

  2N7002_15 Datasheet HTML 1Page - NXP Semiconductors 2N7002_15 Datasheet HTML 2Page - NXP Semiconductors 2N7002_15 Datasheet HTML 3Page - NXP Semiconductors 2N7002_15 Datasheet HTML 4Page - NXP Semiconductors 2N7002_15 Datasheet HTML 5Page - NXP Semiconductors 2N7002_15 Datasheet HTML 6Page - NXP Semiconductors 2N7002_15 Datasheet HTML 7Page - NXP Semiconductors 2N7002_15 Datasheet HTML 8Page - NXP Semiconductors 2N7002_15 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
2N7002
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
Rev. 7 — 8 September 2011
3 of 13
NXP Semiconductors
2N7002
60 V, 300 mA N-channel Trench MOSFET
Fig 1.
Normalized continuous drain current as a
function of solder point temperature
Fig 2.
Normalized total power dissipation as a
function of solder point temperature
Fig 3.
Safe operating area; continous and peak drain currents as a function of drain-source voltage
Tsp (°C)
0
200
150
50
100
03aa25
40
80
120
Ider
(%)
0
Tsp (°C)
0
200
150
50
100
03aa17
40
80
120
Pder
(%)
0
003aab350
10
-2
10
-1
1
10
1
10
10
2
VDS (V)
ID
(A)
DC
1 ms
100 µs
Limit RDSon = VDS / ID
10 ms
100 ms
10 µs
tp =


Similar Part No. - 2N7002_15

ManufacturerPart #DatasheetDescription
logo
Guangdong Kexin Industr...
2N7002 KEXIN-2N7002_15 Datasheet
957Kb / 2P
   N-Channel Enhancement MOSFET
logo
Diodes Incorporated
2N7002 DIODES-2N7002_15 Datasheet
118Kb / 5P
   N-CHANNEL ENHANCEMENT MODE MOSFET
logo
Central Semiconductor C...
2N7002 CENTRAL-2N7002_15 Datasheet
634Kb / 4P
   SURFACE MOUNT SILICON N-CHANNEL ENHANCEMENT-MODE MOSFET
logo
Unisonic Technologies
2N7002 UTC-2N7002_15 Datasheet
304Kb / 6P
   N-CHANNEL POWER MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com