Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74ALVC162334A Datasheet(PDF) 10 Page - NXP Semiconductors

Part # 74ALVC162334A
Description  16-bit registered driver with inverted register enable and 30 W termination resistors (3-state)
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74ALVC162334A Datasheet(HTML) 10 Page - NXP Semiconductors

Back Button 74ALVC162334A_15 Datasheet HTML 6Page - NXP Semiconductors 74ALVC162334A_15 Datasheet HTML 7Page - NXP Semiconductors 74ALVC162334A_15 Datasheet HTML 8Page - NXP Semiconductors 74ALVC162334A_15 Datasheet HTML 9Page - NXP Semiconductors 74ALVC162334A_15 Datasheet HTML 10Page - NXP Semiconductors 74ALVC162334A_15 Datasheet HTML 11Page - NXP Semiconductors 74ALVC162334A_15 Datasheet HTML 12Page - NXP Semiconductors 74ALVC162334A_15 Datasheet HTML 13Page - NXP Semiconductors 74ALVC162334A_15 Datasheet HTML 14Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 19 page
background image
74ALVC162334A_3
© NXP B.V. 2006. All rights reserved.
Product data sheet
Rev. 03 — 13 December 2006
10 of 19
NXP Semiconductors
74ALVC162334A
16-bit registered driver (3-state)
[1]
All typical values are measured at Tamb =25 °C.
[2]
3-state output enable time.
[3]
3-state output disable time.
[1]
All typical values are measured at VCC = 3.3 V, Tamb =25 °C.
[2]
3-state output enable time.
[3]
3-state output disable time.
tw
pulse width
CP HIGH or LOW; Figure 8
3.3
1.2
-
ns
LE HIGH; Figure 6
3.3
0.6
-
ns
tsu
set-up time
An to CP; Figure 9
1.0
-
-
ns
An to LE; Figure 7
1.5
-
-
ns
th
hold time
An to CP; Figure 9
0.6
0.3
-
ns
An to LE; Figure 7
1.7
0.4
-
ns
fmax
maximum input clock frequency
Figure 8
150
190
-
MHz
Table 9.
Dynamic characteristics for VCC = 2.7 V …continued
VCC = 2.7 V; GND = 0 V; tr =tf ≤ 2.5 ns; CL = 50 pF (see Figure 11).
Symbol
Parameter
Conditions
Min
Typ[1]
Max
Unit
Table 10.
Dynamic characteristics for VCC = 3.0 V to 3.6 V range
VCC = 3.3 V ± 0.3 V; GND = 0 V; tr =tf ≤ 2.5 ns; CL = 50 pF (see Figure 11).
Symbol
Parameter
Conditions
Min
Typ[1]
Max
Unit
tPHL
HIGH-to-LOW propagation delay
An to Yn; Figure 5
1.0
2.8
4.3
ns
LE to Yn; Figure 6
1.3
2.8
4.4
ns
CP to Yn; Figure 8
1.4
3.2
4.9
ns
tPLH
LOW-to-HIGH propagation delay
An to Yn; Figure 5
1.0
2.8
4.3
ns
LE to Yn; Figure 6
1.3
2.8
4.4
ns
CP to Yn; Figure 8
1.4
3.2
4.9
ns
tPZH
OFF-state to HIGH propagation delay OE to Yn; Figure 10
[2] 1.1
2.4
4.5
ns
tPZL
OFF-state to LOW propagation delay OE to Yn; Figure 10
[2] 1.1
2.4
4.5
ns
tPHZ
HIGH to OFF-state propagation delay OE to Yn; Figure 10
[3] 1.3
2.4
4.8
ns
tPLZ
LOW to OFF-state propagation delay OE to Yn; Figure 10
[3] 1.3
2.4
4.8
ns
tw
pulse width
CP HIGH or LOW; Figure 8
3.3
0.7
-
ns
LE HIGH; Figure 6
3.3
0.6
-
ns
tsu
set-up time
An to CP; Figure 9
1.0
-
-
ns
An to LE; Figure 7
1.5
-
-
ns
th
hold time
An to CP; Figure 9
0.9
0.3
-
ns
An to LE; Figure 7
1.4
0.4
-
ns
fmax
maximum input clock frequency
Figure 8
150
240
-
MHz


Similar Part No. - 74ALVC162334A_15

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74ALVC162334ADGG PHILIPS-74ALVC162334ADGG Datasheet
115Kb / 10P
   16-bit registered driver with inverted register enable and 30ohm termination resistors 3-State
2000 Mar 14
74ALVC162334ADGG NXP-74ALVC162334ADGG Datasheet
124Kb / 19P
   16-bit registered driver with inverted register enable and 30 W termination resistors (3-state)
Rev. 03-13 December 2006
logo
Nexperia B.V. All right...
74ALVC162334ADGG NEXPERIA-74ALVC162334ADGG Datasheet
663Kb / 19P
   16-bit registered driver with inverted register enable and 30 Ω termination resistors (3-state)
Rev. 03 - 13 December 2006
More results

Similar Description - 74ALVC162334A_15

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74ALVC162334A NXP-74ALVC162334A Datasheet
124Kb / 19P
   16-bit registered driver with inverted register enable and 30 W termination resistors (3-state)
Rev. 03-13 December 2006
logo
Nexperia B.V. All right...
74ALVC162334A NEXPERIA-74ALVC162334A Datasheet
663Kb / 19P
   16-bit registered driver with inverted register enable and 30 Ω termination resistors (3-state)
Rev. 03 - 13 December 2006
logo
NXP Semiconductors
74ALVC162334A PHILIPS-74ALVC162334A Datasheet
115Kb / 10P
   16-bit registered driver with inverted register enable and 30ohm termination resistors 3-State
2000 Mar 14
74AVCM162836_2 PHILIPS-74AVCM162836_2_15 Datasheet
106Kb / 10P
   20-bit registered driver with inverted register enable and 15 W termination resistors (3-State)
2001 Apr 20
logo
Nexperia B.V. All right...
74ALVC162834A NEXPERIA-74ALVC162834A Datasheet
202Kb / 15P
   18-bit registered driver with inverted register enable and 30 Ω termination resistors; 3-state
Rev. 3 - 13 June 2017
74ALVC162836A NEXPERIA-74ALVC162836A Datasheet
204Kb / 15P
   20-bit registered driver with inverted register enable and 30 Ω termination resistors; 3-state
Rev. 3 - 6 April 2018
logo
NXP Semiconductors
74AVCM162834_2 PHILIPS-74AVCM162834_2_15 Datasheet
104Kb / 10P
   18-bit registered driver with inverted register enable and15 W termination resistors (3-State)
2001 Apr 20
74ALVC162834A PHILIPS-74ALVC162834A Datasheet
122Kb / 12P
   18-bit registered driver with inverted register enable and 30ohm termination resistors 3-State
2000 Mar 14
74ALVC162834A_0006 PHILIPS-74ALVC162834A_0006 Datasheet
106Kb / 12P
   18-bit registered driver with inverted register enable and 30ohm termination resistors 3-State
2000 Jun 20
74ALVC162836A_0006 PHILIPS-74ALVC162836A_0006 Datasheet
100Kb / 12P
   20-bit registered driver with inverted register enable and 30ohm termination resistors 3-State
2000 Jun 20
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com