Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74ALVC244 Datasheet(PDF) 7 Page - NXP Semiconductors

Part # 74ALVC244
Description  Octal buffer/line driver; 3-state
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74ALVC244 Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button 74ALVC244_15 Datasheet HTML 3Page - NXP Semiconductors 74ALVC244_15 Datasheet HTML 4Page - NXP Semiconductors 74ALVC244_15 Datasheet HTML 5Page - NXP Semiconductors 74ALVC244_15 Datasheet HTML 6Page - NXP Semiconductors 74ALVC244_15 Datasheet HTML 7Page - NXP Semiconductors 74ALVC244_15 Datasheet HTML 8Page - NXP Semiconductors 74ALVC244_15 Datasheet HTML 9Page - NXP Semiconductors 74ALVC244_15 Datasheet HTML 10Page - NXP Semiconductors 74ALVC244_15 Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
2003 Sep 08
7
Philips Semiconductors
Product specification
Octal buffer/line driver; 3-state
74ALVC244
DC CHARACTERISTICS
At recommended operating conditions; voltages are referenced to GND (ground=0V).
Notes
1. All typical values are measured at Tamb =25 °C.
2. For transceivers, the parameters IOZ includes the input leakage current.
SYMBOL
PARAMETER
TEST CONDITIONS
MIN.
TYP.(1)
MAX.
UNIT
OTHER
VCC (V)
Tamb = −40 to +85 °C
VIH
HIGH-level input
voltage
1.65 to 1.95
0.65
× V
CC
−−
V
2.3 to 2.7
1.7
−−
V
2.7 to 3.6
2
−−
V
VIL
LOW-level input
voltage
1.65 to 1.95
−−
0.35
× V
CC
V
2.3 to 2.7
−−
0.7
V
2.7 to 3.6
−−
0.8
V
VOL
LOW-level output
voltage
VI =VIH or VIL
IO = 100 µA
1.65 to 3.6
−−
0.2
V
IO = 6 mA
1.65
−−
0.3
V
IO =12mA
2.3
−−
0.4
V
IO =18mA
2.3
−−
0.6
V
IO =12mA
2.7
−−
0.4
V
IO =18mA
3.0
−−
0.4
V
IO =24mA
3.0
−−
0.55
V
VOH
HIGH-level output
voltage
VI =VIH or VIL
IO = −100 µA
1.65 to 3.6
VCC − 0.2
−−
V
IO = −6 mA
1.65
1.25
−−
V
IO = −12 mA
2.3
1.8
−−
V
IO = −18 mA
2.3
1.7
−−
V
IO = −12 mA
2.7
2.2
−−
V
IO = −18 mA
3.0
2.4
−−
V
IO = −24 mA
3.0
2.2
−−
V
ILI
input leakage
current
VI = 3.6 V or GND
3.6
−±0.1
±5
µA
IOZ
3-state output
OFF-state current
VI =VIH or VIL;
VO = 3.6 V or GND; note 2
3.6
0.1
±10
µA
Ioff
power OFF leakage
current
VI or VO = 3.6 V
0.0
−±0.1
±10
µA
ICC
quiescent supply
current
VI =VCC or GND; IO = 0
3.6
0.2
20
µA
∆I
CC
additional
quiescent supply
current per input
pin
VI =VCC − 0.6 V; IO = 0
3.0 to 3.6
5
750
µA


Similar Part No. - 74ALVC244_15

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74ALVC244BQ PHILIPS-74ALVC244BQ Datasheet
90Kb / 15P
   Octal buffer/line driver; 3-state
2003 Sep 08
logo
Nexperia B.V. All right...
74ALVC244BQ NEXPERIA-74ALVC244BQ Datasheet
249Kb / 14P
   Octal buffer/line driver; 3-state
Rev. 5 - 30 April 2021
logo
NXP Semiconductors
74ALVC244D PHILIPS-74ALVC244D Datasheet
90Kb / 15P
   Octal buffer/line driver; 3-state
2003 Sep 08
logo
Nexperia B.V. All right...
74ALVC244D NEXPERIA-74ALVC244D Datasheet
249Kb / 14P
   Octal buffer/line driver; 3-state
Rev. 5 - 30 April 2021
logo
NXP Semiconductors
74ALVC244PW PHILIPS-74ALVC244PW Datasheet
90Kb / 15P
   Octal buffer/line driver; 3-state
2003 Sep 08
More results

Similar Description - 74ALVC244_15

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74AHC541 PHILIPS-74AHC541 Datasheet
81Kb / 16P
   Octal buffer/line driver; 3-state
1999 Nov 24
74HC541D-T NXP-74HC541D-T Datasheet
55Kb / 7P
   Octal buffer/line driver; 3-state
December 1990
74VHC_VHCT541 PHILIPS-74VHC_VHCT541_15 Datasheet
103Kb / 16P
   Octal buffer/line driver; 3-state
Rev. 01-12 August 2009
74HC_HCT244 PHILIPS-74HC_HCT244_15 Datasheet
145Kb / 18P
   Octal buffer/line driver; 3-state
Rev. 4-24 September 2012
74LVC244APW-T NXP-74LVC244APW-T Datasheet
150Kb / 19P
   Octal buffer/line driver; 3-state
Rev. 8-26 June 2013
logo
Nexperia B.V. All right...
74AHCV244A NEXPERIA-74AHCV244A Datasheet
202Kb / 15P
   Octal buffer/line driver 3-state
74HC244-Q100 NEXPERIA-74HC244-Q100 Datasheet
249Kb / 15P
   Octal buffer/line driver; 3-state
74VHC244 NEXPERIA-74VHC244 Datasheet
608Kb / 16P
   Octal buffer/line driver; 3-state
74VHC541-Q100 NEXPERIA-74VHC541-Q100 Datasheet
714Kb / 17P
   Octal buffer/line driver; 3-state
74HC541-Q100 NEXPERIA-74HC541-Q100 Datasheet
742Kb / 17P
   Octal buffer/line driver; 3-state
74AHC541-Q100 NEXPERIA-74AHC541-Q100 Datasheet
717Kb / 17P
   Octal buffer/line driver; 3-state
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com