Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

D2800D Datasheet(PDF) 3 Page - International Rectifier

Part # D2800D
Description  HIGH RELIABILITY, RADIATION TOLERANT, LOW POWER, DC-DC CONVERTER
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

D2800D Datasheet(HTML) 3 Page - International Rectifier

  D2800D Datasheet HTML 1Page - International Rectifier D2800D Datasheet HTML 2Page - International Rectifier D2800D Datasheet HTML 3Page - International Rectifier D2800D Datasheet HTML 4Page - International Rectifier D2800D Datasheet HTML 5Page - International Rectifier D2800D Datasheet HTML 6Page - International Rectifier D2800D Datasheet HTML 7Page - International Rectifier D2800D Datasheet HTML 8Page - International Rectifier D2800D Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
www.irf.com
3
(28V Input, Regulated Dual Outputs)
D28XXD-SERIES
Electrical Performance Characteristics
For Notes to Electrical Performance Characteristic Table, refer to page 5
Specifications
Input voltage range
-0.5Vdc to +60Vdc Input voltage range (Note 13)
18Vdc to 50Vdc
Output power
Internally limited
Output power
0 to Max. Rated
Lead temperature
+300°C for 10sec
Operating temperature
-55°C to +125°C
Operating case temperature (Note 12) -55°C to +125°C
Operating temperature,
-55°C to +73°C
Storage temperature
-55°C to +135°C
derated (Note 13)
Recommended Operating Conditions
Absolute Maximum Ratings
Limits
Parameter
Group A
Subgroup
Conditions
-55
°C ≤ TC ≤ +85°C
VIN = 28V DC ± 5%, CL = 0
unless otherwise specified
Min
Nom
Max
Unit
Input voltage (VIN)
18
28
50
V
Output voltage (VOUT)
D2805D
D2812D
D2815D
D2805D
D2812D
D2815D
1
1
1
2.3
2,3
2,3
IOUT = 100% rated load
Note 4
IOUT = 100% rated load
Note 4, 14
±4.95
±11.88
±14.85
±4.85
±11.64
±14.70
±5.00
±12.00
±15.00
±5.05
±12.12
±15.15
±5.15
±12.36
±15.15
V
V
Output power (POUT)
D2805D
D2812D
D2815D
1,2,3
VIN = 18, 28, 50V, Note 2
Either Output
0
0
0
5.0
5.0
5.0
W
Output current (IOUT)
D2805D
D2812D
D2815D
1,2,3
VIN = 18, 28, 50V, Note 2
Either Output
0
0
0
1.00
0.42
0.33
A
Line regulation (VRLINE )
1,2,3
VIN = 18, 28, 50V
IOUT = 0%, 50%, 100% rated
-0.05
0.05
%
Load regulation (VRLOAD)
1,2,3
IOUT = 0%, 50%, 100% rated
VIN = 18, 28, 50V
-1.0
1.0
%
Cross regulation (VRCROSS)
D2805D
D2812D
D2815D
1,2,3
VIN = 18, 28, 50V, Note 1
5.0
5.0
5.0
mV
Input current (IIN)
D2805D
D2812D
D2815D
1,2,3
IOUT = 0, Pin 6 open
Pin 6 connected to Pin 2
35
35
35
10
mA
Switching frequency (FS)
1,2,3
Sync. Input (Pin 4) open
225
250
275
kHz


Similar Part No. - D2800D

ManufacturerPart #DatasheetDescription
logo
Dubilier
D2800 DUBILIER-D2800 Datasheet
95Kb / 1P
   ALKALINE
More results

Similar Description - D2800D

ManufacturerPart #DatasheetDescription
logo
International Rectifier
D5001R803R3P IRF-D5001R803R3P_15 Datasheet
207Kb / 10P
   HIGH RELIABILITY, RADIATION TOLERANT, LOW POWER, DC-DC CONVERTER
D5001R803R3P IRF-D5001R803R3P Datasheet
207Kb / 10P
   HIGH RELIABILITY RADIATION TOLERANT,LOW POWER,DC-DC CONVERTER
AMR2815D IRF-AMR2815D_16 Datasheet
315Kb / 8P
   HYBRID-HIGH RELIABILITY RADIATION TOLERANT DC-DC CONVERTER
M3L2005S IRF-M3L2005S Datasheet
336Kb / 13P
   HYBRID-HIGH RELIABILITY RADIATION TOLERANT DC-DC CONVERTER
ARH2805S IRF-ARH2805S_16 Datasheet
457Kb / 13P
   HYBRID-HIGH RELIABILITY RADIATION TOLERANT DC-DC CONVERTER
AMF28XXS IRF-AMF28XXS Datasheet
127Kb / 7P
   HYBRID - HIGH RELIABILITY RADIATION TOLERANT DC/DC CONVERTER
M3L2803R3S IRF-M3L2803R3S Datasheet
151Kb / 12P
   HYBRID - HIGH RELIABILITY RADIATION TOLERANT DC/DC CONVERTER
AMR2803R3SCH IRF-AMR2803R3SCH Datasheet
127Kb / 7P
   HYBRID - HIGH RELIABILITY RADIATION TOLERANT DC-DC CONVERTER
AMF2800S IRF-AMF2800S_15 Datasheet
129Kb / 7P
   HYBRID - HIGH RELIABILITY RADIATION TOLERANT DC-DC CONVERTER
AMR28XXS IRF-AMR28XXS Datasheet
121Kb / 7P
   HYBRID - HIGH RELIABILITY RADIATION TOLERANT DC/DC CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com