Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74AHC_AHCT373 Datasheet(PDF) 1 Page - NXP Semiconductors

Part # 74AHC_AHCT373
Description  Octal D-type transparant latch; 3-state
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74AHC_AHCT373 Datasheet(HTML) 1 Page - NXP Semiconductors

  74AHC_AHCT373_15 Datasheet HTML 1Page - NXP Semiconductors 74AHC_AHCT373_15 Datasheet HTML 2Page - NXP Semiconductors 74AHC_AHCT373_15 Datasheet HTML 3Page - NXP Semiconductors 74AHC_AHCT373_15 Datasheet HTML 4Page - NXP Semiconductors 74AHC_AHCT373_15 Datasheet HTML 5Page - NXP Semiconductors 74AHC_AHCT373_15 Datasheet HTML 6Page - NXP Semiconductors 74AHC_AHCT373_15 Datasheet HTML 7Page - NXP Semiconductors 74AHC_AHCT373_15 Datasheet HTML 8Page - NXP Semiconductors 74AHC_AHCT373_15 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
1.
General description
The 74AHC373; 74AHCT373 is a high-speed Si-gate CMOS device and is pin compatible
with Low-power Schottky TTL (LSTTL). It is specified in compliance with JEDEC standard
No. 7-A.
The 74AHC373; 74AHCT373 consists of eight D-type transparent latches featuring
separate D-type inputs for each latch and 3-state true outputs for bus oriented
applications. A latch enable input (LE) and an output enable input (OE) are common to all
latches.
When pin LE is HIGH, data at the Dn inputs enters the latches. In this condition the
latches are transparent, i.e. a latch output will change state each time its corresponding
Dn input changes. When pin LE is LOW, the latches store the information that is present
at the Dn inputs, after a set-up time preceding the HIGH-to-LOW transition of LE.
When pin OE is LOW, the contents of the 8 latches are available at the outputs. When
pin OE is HIGH, the outputs go to the high-impedance OFF-state. Operation of the OE
input does not affect the state of the latches.
The 74AHC373; 74AHCT373 is functionally identical to the 74AHC573; 74AHCT573, but
has a different pin arrangement.
2.
Features
I Balanced propagation delays
I All inputs have a Schmitt-trigger action
I Common 3-state output enable input
I Inputs accepts voltages higher than VCC
I Functionally identical to the 74AHC573; 74AHCT573
I Input levels:
N For 74AHC373: CMOS input level
N For 74AHCT373: TTL input level
I ESD protection:
N HBM EIA/JESD22-A114E exceeds 2000 V
N MM EIA/JESD22-A115-A exceeds 200 V
N CDM EIA/JESD22-C101C exceeds 1000 V
I Multiple package options
I Specified from −40 °C to +85 °C and from −40 °C to +125 °C
74AHC373; 74AHCT373
Octal D-type transparant latch; 3-state
Rev. 03 — 20 May 2008
Product data sheet


Similar Part No. - 74AHC_AHCT373_15

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74AHC_AHCT3G04 PHILIPS-74AHC_AHCT3G04_15 Datasheet
182Kb / 14P
   Inverter
Rev. 3-26 March 2013
74AHC_AHCT3G14 PHILIPS-74AHC_AHCT3G14_15 Datasheet
220Kb / 19P
   Triple inverting Schmitt trigger
Rev. 8-13 May 2013
More results

Similar Description - 74AHC_AHCT373_15

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74AHC573 NXP-74AHC573_10 Datasheet
175Kb / 19P
   Octal D-type transparant latch; 3-state
Rev. 05-25 March 2010
logo
Nexperia B.V. All right...
74AHC373 NEXPERIA-74AHC373 Datasheet
232Kb / 13P
   Octal D-type transparant latch; 3-state
Rev. 4 - 5 March 2019
logo
NXP Semiconductors
74AHC_AHCT573 PHILIPS-74AHC_AHCT573_15 Datasheet
139Kb / 19P
   Octal D-type transparant latch; 3-state
Rev. 7-8 November 2011
74AHC373 NXP-74AHC373_08 Datasheet
107Kb / 17P
   Octal D-type transparant latch; 3-state
Rev. 03-20 May 2008
logo
Nexperia B.V. All right...
74AHC573-Q100 NEXPERIA-74AHC573-Q100 Datasheet
732Kb / 19P
   Octal D-type transparant latch 3-state
logo
Fairchild Semiconductor
MM74HC573 FAIRCHILD-MM74HC573 Datasheet
88Kb / 8P
   3-STATE Octal D-Type Latch
logo
KODENSHI_AUK CORP.
KK74VHCT373 KODENSHI-KK74VHCT373 Datasheet
317Kb / 8P
   Octal d-type latch (3-state)
logo
ON Semiconductor
MM74HCT373 ONSEMI-MM74HCT373 Datasheet
230Kb / 12P
   3-STATE Octal D-Type Latch
Revised May 2005
logo
Fairchild Semiconductor
MM74HC373 FAIRCHILD-MM74HC373_05 Datasheet
101Kb / 8P
   3-STATE Octal D-Type Latch
logo
Integral Corp.
IN74VHCT373 INTEGRAL-IN74VHCT373 Datasheet
302Kb / 8P
   Octal d-type latch (3-state)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com