Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AUIRS20302S Datasheet(PDF) 6 Page - International Rectifier

Part # AUIRS20302S
Description  Pre-regulated Three Phase Gate Driver
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

AUIRS20302S Datasheet(HTML) 6 Page - International Rectifier

Back Button AUIRS20302S Datasheet HTML 2Page - International Rectifier AUIRS20302S Datasheet HTML 3Page - International Rectifier AUIRS20302S Datasheet HTML 4Page - International Rectifier AUIRS20302S Datasheet HTML 5Page - International Rectifier AUIRS20302S Datasheet HTML 6Page - International Rectifier AUIRS20302S Datasheet HTML 7Page - International Rectifier AUIRS20302S Datasheet HTML 8Page - International Rectifier AUIRS20302S Datasheet HTML 9Page - International Rectifier AUIRS20302S Datasheet HTML 10Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 28 page
background image
AUIRS20302S
6
www.irf.com
© 2014 International Rectifier
Submit Datasheet Feedback
May 28, 2014
Static Electrical Characteristics
Unless otherwise noted, these specifications apply for an operating junction temperature range of -40
°C ≤ Tj ≤ 125°C with bias conditions of
VBIAS (VPR,VBS 1,2,3) = 15V. The VIN , VTH and IN parameters are referenced to VSS and are applicable to all six channels (HS 1,2,3
and LS 1,2,3). The VO and IO parameters are referenced to COM and VS 1,2,3 and are applicable to the respective output leads: LO1,2,3
and HO1,2,3.
Symbol
Definition
Min
Typ
Max Units Test Conditions
VIN,th+
Input positive going threshold (Hin#, Lin#, EN, FRST)
-
1.9
2.5
V
VIN,th-
Input negative going threshold (Hin#, Lin#, EN, FRST)
0,7
1
-
Iin+
Input bias current (Lin#, Hin#, EN, FRST)
15
100
220
µA
Vin=5V
Iin-
Input bias current (Lin#, Hin#, EN, FRST)
-1
0
1
Vin=0V
VPR,UVth+
VPR supply undervoltage positive going threshold (note 2)
6.4
7.2
8,2
V
VPR,UVth-
VPR supply undervoltage negative going threshold (note 2)
6
6.7
7.6
VPR,UVhys
VPR supply undervoltage hysteresis (note 2)
0.4
0.5
0.7
VBS, UVth+
VBS supply undervoltage positive going threshold
6.4
7.2
8,2
VBS, UVth-
VBS supply undervoltage negative going threshold
6
6.7
7.6
VBS, UVhys
VBS supply undervoltage hysteresis
0.4
0.5
0.7
ILK
Offset supply leakage current
-
5
50
µA
VB=VS=200V
Iqbs
Quiescent VBS supply current
20
45
120
Iqpr
Quiescent VPR supply current
1
2,5
5
mA
VPR=14V
VOH
High level output voltage, VPR – VO, HO#
0,2
0.9
1.4
V
Io =20mA
VOL
Low level output voltage, VO, HO#
0,05
0.2
0.6
Io+
Output high short circuit pulsed current, HO#,LO#
105
200
450
mA
Vo =0V,
PW ≤10 µs
Io-
Output low short circuit pulsed current, HO#,LO#
210
350
650
mA
Vo =15V,
PW ≤10 µs
VCP
Charge pump output voltage
VPR=4V
5
6
7,5
V
Rext
=100kΩ
VPR=8V
10
13
15
VPR=9V
13
15
17
VPR=14V
13
15
17
ICP+
Charge Pump source current
VPR=6V
100
200
400
µA
VPR=14V
200
500
1000
ICP-
Charge Pump sink current
-
5
10
mA
Vcl_Vcp
Vcp pin Active Clamp
17
18.6
21
Icp=10mA
VFLT
FLT low output voltage
-
-
0.8
V
IFLT = 10mA
Ican1
Comparator input high bias current
-
-
7
µA
Can=5V
Ican0
Comparator input low bias current
-
-
7
Can=0V
Voff
Comparator input offset
-33
-
33
mV
Vcap= 5V
Tfrst
Minimum FAULT RESET time
20
-
-
us
Ton_EN
Minimum ENABLE time
20
-
-
us
(note 2):. UVPR is latched; when VPR>UVPR, FAULT remains pulled down. This leads to have the FAULT active and latched at VPR ramp
up if no fault reset occurs.


Similar Part No. - AUIRS20302S

ManufacturerPart #DatasheetDescription
logo
International Rectifier
AUIRS20302S IRF-AUIRS20302S Datasheet
1Mb / 25P
   Automotive Grade
More results

Similar Description - AUIRS20302S

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DRV8302 TI1-DRV8302_16 Datasheet
560Kb / 32P
[Old version datasheet]   Three Phase Gate Driver
DRV8303 TI1-DRV8303_15 Datasheet
1Mb / 37P
[Old version datasheet]   Three Phase Gate Driver
DRV8305 TI1-DRV8305_16 Datasheet
1Mb / 59P
[Old version datasheet]   Three Phase Gate Driver
DRV8301 TI1-DRV8301_16 Datasheet
2Mb / 39P
[Old version datasheet]   Three-Phase Gate Driver
logo
Freescale Semiconductor...
33395 FREESCALE-33395 Datasheet
782Kb / 16P
   Three-Phase Gate Driver IC
logo
Motorola, Inc
MC33395 MOTOROLA-MC33395 Datasheet
534Kb / 16P
   Three-Phase Gate Driver IC
logo
Texas Instruments
DRV3245-Q1 TI1-DRV3245-Q1 Datasheet
135Kb / 5P
[Old version datasheet]   Three-Phase Automotive Gate Driver
DRV8305-Q1 TI1-DRV8305-Q1_16 Datasheet
640Kb / 54P
[Old version datasheet]   Three-Phase Automotive Gate Driver
logo
Princeton Technology Co...
PT5618 PTC-PT5618 Datasheet
337Kb / 4P
   200V Three-Phase Gate Driver
PT5619 PTC-PT5619 Datasheet
477Kb / 6P
   90V Three-Phase Gate Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com