Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74AHC_AHCT257 Datasheet(PDF) 1 Page - NXP Semiconductors

Part # 74AHC_AHCT257
Description  Quad 2-input multiplexer; 3-state
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74AHC_AHCT257 Datasheet(HTML) 1 Page - NXP Semiconductors

  74AHC_AHCT257_15 Datasheet HTML 1Page - NXP Semiconductors 74AHC_AHCT257_15 Datasheet HTML 2Page - NXP Semiconductors 74AHC_AHCT257_15 Datasheet HTML 3Page - NXP Semiconductors 74AHC_AHCT257_15 Datasheet HTML 4Page - NXP Semiconductors 74AHC_AHCT257_15 Datasheet HTML 5Page - NXP Semiconductors 74AHC_AHCT257_15 Datasheet HTML 6Page - NXP Semiconductors 74AHC_AHCT257_15 Datasheet HTML 7Page - NXP Semiconductors 74AHC_AHCT257_15 Datasheet HTML 8Page - NXP Semiconductors 74AHC_AHCT257_15 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
1.
General description
The 74AHC257; 74AHCT257 is a high-speed Si-gate CMOS device and is pin compatible
with Low-power Schottky TTL (LSTTL). It is specified in compliance with JEDEC standard
No. 7-A.
The 74AHC257; 74AHCT257 has four identical 2-input multiplexers with 3-state outputs,
which select 4 bits of data from two sources and are controlled by a common data select
input (S). The data inputs from source 0 (1I0 to 4I0) are selected when input S is LOW and
the data inputs from source 1 (1I1 to 4I1) are selected when input S is HIGH. Data
appears at the outputs (1Y to 4Y) in true (non-inverting) form from the selected inputs.
The 74AHC257; 74AHCT257 is the logic implementation of a 4-pole 2-position switch,
where the position of the switch is determined by the logic levels applied to input S. The
outputs are forced to a high-impedance OFF-state when OE is HIGH.
The logic equations for the outputs are:
1Y = OE
× (1I1 × S + 1I0 × S)
2Y = OE
× (2I1 × S + 2I0 × S)
3Y = OE
× (3I1 × S + 3I0 × S)
4Y = OE
× (4I1 × S + 4I0 × S)
The 74AHC257; 74AHCT257 is identical to the 74AHC258; 74AHCT258, but has
non-inverting (true) outputs.
2.
Features
I Balanced propagation delays
I All inputs have Schmitt-trigger actions
I Non-inverting data path
I Inputs accept voltages higher than VCC
I Input levels:
N For 74AHC257: CMOS level
N For 74AHCT257: TTL level
I ESD protection:
N HBM EIA/JESD22-A114E exceeds 2000 V
N MM EIA/JESD22-A115-A exceeds 200 V
N CDM EIA/JESD22-C101C exceeds 1000 V
I Multiple package options
I Specified from −40 °C to +85 °C and from −40 °C to +125 °C
74AHC257; 74AHCT257
Quad 2-input multiplexer; 3-state
Rev. 02 — 9 May 2008
Product data sheet


Similar Part No. - 74AHC_AHCT257_15

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74AHC_AHCT245 PHILIPS-74AHC_AHCT245_15 Datasheet
108Kb / 16P
   Octal bus transceiver; 3-state
Rev. 05-28 April 2009
74AHC_AHCT2G125 PHILIPS-74AHC_AHCT2G125_15 Datasheet
192Kb / 16P
   Dual buffer/line driver; 3-state
Rev. 3-6 May 2013
74AHC_AHCT2G126 PHILIPS-74AHC_AHCT2G126_15 Datasheet
192Kb / 16P
   Dual buffer/line driver; 3-state
Rev. 7-6 May 2013
74AHC_AHCT2G241 PHILIPS-74AHC_AHCT2G241_15 Datasheet
195Kb / 17P
   Dual buffer/line driver; 3-state
Rev. 3-13 May 2013
More results

Similar Description - 74AHC_AHCT257_15

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74HC257 PHILIPS-74HC257 Datasheet
80Kb / 13P
   Quad 2-input multiplexer 3-state
1998 Sep 30
74AHC257 PHILIPS-74AHC257 Datasheet
97Kb / 20P
   Quad 2-input multiplexer; 3-state
2000 Apr 03
logo
Nexperia B.V. All right...
74AHCT257 NEXPERIA-74AHCT257 Datasheet
601Kb / 16P
   Quad 2-input multiplexer; 3-state
Rev. 02 - 9 May 2008
logo
NXP Semiconductors
74LV257 PHILIPS-74LV257 Datasheet
114Kb / 12P
   Quad 2-input multiplexer 3-State
1998 May 20
74HC_HCT257 PHILIPS-74HC_HCT257_15 Datasheet
195Kb / 18P
   Quad 2-input multiplexer; 3-state
Rev. 6-26 January 2015
logo
Nexperia B.V. All right...
74HC257-Q100 NEXPERIA-74HC257-Q100 Datasheet
1Mb / 16P
   Quad 2-input multiplexer; 3-state
74AHC257-Q100 NEXPERIA-74AHC257-Q100 Datasheet
706Kb / 17P
   Quad 2-input multiplexer; 3-state
74HCT257 NEXPERIA-74HCT257 Datasheet
249Kb / 15P
   Quad 2-input multiplexer; 3-state
Rev. 8 - 9 February 2021
logo
NXP Semiconductors
74HC257 NXP-74HC257 Datasheet
185Kb / 17P
   Quad 2-input multiplexer; 3-state
Rev. 05-13 January 2010
74AHC257 NXP-74AHC257_08 Datasheet
99Kb / 16P
   Quad 2-input multiplexer 3-state
Rev. 02-9 May 2008
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com