Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AUIRS4427S Datasheet(PDF) 11 Page - International Rectifier

Part # AUIRS4427S
Description  Matched propagation delay for both channels
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

AUIRS4427S Datasheet(HTML) 11 Page - International Rectifier

Back Button AUIRS4427S_15 Datasheet HTML 7Page - International Rectifier AUIRS4427S_15 Datasheet HTML 8Page - International Rectifier AUIRS4427S_15 Datasheet HTML 9Page - International Rectifier AUIRS4427S_15 Datasheet HTML 10Page - International Rectifier AUIRS4427S_15 Datasheet HTML 11Page - International Rectifier AUIRS4427S_15 Datasheet HTML 12Page - International Rectifier AUIRS4427S_15 Datasheet HTML 13Page - International Rectifier AUIRS4427S_15 Datasheet HTML 14Page - International Rectifier AUIRS4427S_15 Datasheet HTML 15Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
AUIRS4427S
www.irf.com
© 2012 International Rectifier
11
AUIRS4427S
Figure 3: Switching Time Test Circuit
VCC = 15V


Similar Part No. - AUIRS4427S_15

ManufacturerPart #DatasheetDescription
logo
International Rectifier
AUIRS4427S IRF-AUIRS4427S Datasheet
327Kb / 16P
   DUAL LOW SIDE DRIVER
logo
Infineon Technologies A...
AUIRS4427S INFINEON-AUIRS4427S Datasheet
492Kb / 16P
   DUAL LOW SIDE DRIVER
July 25th, 2012
More results

Similar Description - AUIRS4427S_15

ManufacturerPart #DatasheetDescription
logo
International Rectifier
AUIRS4426S IRF-AUIRS4426S_15 Datasheet
265Kb / 17P
   Matched propagation delay for both channels
AUIRS4428S IRF-AUIRS4428S_15 Datasheet
281Kb / 18P
   Matched propagation delay for both channels
AUIRB24427S IRF-AUIRB24427S_15 Datasheet
796Kb / 20P
   Matched propagation delay for both channels
logo
Integrated Device Techn...
ICS859S0212I IDT-ICS859S0212I Datasheet
668Kb / 23P
   Propagation delay
85356 IDT-85356 Datasheet
611Kb / 15P
   Propagation delay
logo
Maxim Integrated Produc...
MAX40009EVKIT MAXIM-MAX40009EVKIT Datasheet
1Mb / 11P
   300ns Propagation Delay
Rev 1; 6/17
USB2GPIOISO MAXIM-USB2GPIOISO Datasheet
1Mb / 8P
   Low Propagation Delay 10ns, Typical
Rev 0; 4/18
MAX40026EVKIT MAXIM-MAX40026EVKIT Datasheet
591Kb / 8P
   Fast Propagation Delay: 280ps typ
319-100332; Rev 0; 3/19
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-7721-520 AVAGO-HCPL-7721-520 Datasheet
292Kb / 18P
   40 ns Propagation Delay, CMOS Optocoupler
logo
Maxim Integrated Produc...
MAX49140EVKIT MAXIM-MAX49140EVKIT Datasheet
385Kb / 5P
   Fast, 30ns Propagation Delay (10mV Overdrive)
319-100518; Rev 0; 4/20
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com