Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AUIRS2334S Datasheet(PDF) 6 Page - International Rectifier

Part # AUIRS2334S
Description  Floating channel designed for bootstrap operation
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

AUIRS2334S Datasheet(HTML) 6 Page - International Rectifier

Back Button AUIRS2334S_15 Datasheet HTML 2Page - International Rectifier AUIRS2334S_15 Datasheet HTML 3Page - International Rectifier AUIRS2334S_15 Datasheet HTML 4Page - International Rectifier AUIRS2334S_15 Datasheet HTML 5Page - International Rectifier AUIRS2334S_15 Datasheet HTML 6Page - International Rectifier AUIRS2334S_15 Datasheet HTML 7Page - International Rectifier AUIRS2334S_15 Datasheet HTML 8Page - International Rectifier AUIRS2334S_15 Datasheet HTML 9Page - International Rectifier AUIRS2334S_15 Datasheet HTML 10Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 29 page
background image
AUIRS2334S
www.irf.com
© 2010 International Rectifier
6
Absolute Maximum Ratings
Absolute maximum ratings indicate sustained limits beyond which damage to the device may occur. All voltage
parameters are absolute voltages referenced to COM unless otherwise specified. The thermal resistance and
power dissipation ratings are measured under board mounted and still air conditions.
Symbol
Definition
Min.
Max.
Units
VB
High side floating supply voltage
-0.3
625
V
VS
High side floating supply offset voltage
VB1,2,3 - 25
VB1,2,3 + 0.3
VHO1,2,3
High side floating output voltage
VS1,2,3 - 0.3
VB1,2,3 + 0.3
VCC
Low side and logic fixed supply voltage
-0.3
25
VLO1,2,3
Low side output voltage
-0.3
VCC + 0.3
VIN
Logic and analog input voltages
-0.3
VCC + 0.3
PWHIN
High-side input pulse width
500
ns
dVS/dt
Allowable offset supply voltage slew rate
50
V/ns
PD
Package power dissipation @ TA ≤ 25°C
20 lead SOIC
1.14
W
RthJA
Thermal resistance, junction to ambient
20 lead SOIC
65.8
°C/W
TJ
Junction temperature
150
°C
TS
Storage temperature
-55
150
TL
Lead temperature (soldering, 10 seconds)
300
All supplies are fully tested at 25 V. An internal 25 V clamp exists for each supply.
Recommended Operating Conditions
For proper operation, the device should be used within the recommended conditions. All voltage parameters are
absolute voltages referenced to COM unless otherwise specified. The VS1,2,3 offset ratings are tested with all
supplies biased at 15 V.
Symbol
Definition
Min.
Max.
Units
VB1,2,3
High side floating supply voltage
VS1,2,3 +10
VS1,2,3 + 20
V
VS1,2,3
Static high side floating supply offset voltage
-8
600
VS1,2,3(t)
Transient high side floating supply offset voltage
††
-50
600
VHO1,2,3
High side floating output voltage
VS1,2,3
VB1,2,3
VCC
Low side and logic fixed supply voltage
10
20
VLO1,2,3
Low side output voltage
0
VCC
VIN
Logic input voltage
0
VCC
TA
Ambient temperature
-40
125
°C
Logic operation for VS of
–8 V to 600 V. Logic state held for VS of –8 V to –V
BS.
††
Operational for transient negative VS of -50 V with a 50 ns pulse width. Guaranteed by design. Refer to the
Application Information section of this datasheet for more details.


Similar Part No. - AUIRS2334S_15

ManufacturerPart #DatasheetDescription
logo
International Rectifier
AUIRS2332J IRF-AUIRS2332J Datasheet
1Mb / 36P
   Floating channel designed for bootstrap operation
AUIRS2332J IRF-AUIRS2332J_15 Datasheet
1Mb / 36P
   Floating channel designed for bootstrap operation
AUIRS2336S IRF-AUIRS2336S Datasheet
665Kb / 37P
   3-PHASE BRIDGE DRIVER IC
AUIRS2336S IRF-AUIRS2336S Datasheet
665Kb / 37P
   Drives up to six IGBT/MOSFET power devices
logo
Infineon Technologies A...
AUIRS2336S INFINEON-AUIRS2336S Datasheet
665Kb / 37P
   3-PHASE BRIDGE DRIVER IC
October 11, 2010
More results

Similar Description - AUIRS2334S_15

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRS2301STRPBF IRF-IRS2301STRPBF Datasheet
396Kb / 15P
   Floating channel designed for bootstrap operation
AUIRS2123 IRF-AUIRS2123_15 Datasheet
563Kb / 20P
   Floating channel designed for bootstrap operation
logo
Shenzhen Huazhimei Semi...
HM2103A HMSEMI-HM2103A Datasheet
3Mb / 9P
   Floating channel designed for bootstrap operation
logo
International Rectifier
AUIRS2191S IRF-AUIRS2191S_15 Datasheet
353Kb / 19P
   Floating channel designed for bootstrap operation
AUIRS2302S IRF-AUIRS2302S_15 Datasheet
394Kb / 19P
   Floating channel designed for bootstrap operation
IRS2001MPBF IRF-IRS2001MPBF_15 Datasheet
735Kb / 17P
   Floating channel designed for bootstrap operation
logo
Infineon Technologies A...
AUIRS2181S INFINEON-AUIRS2181S Datasheet
670Kb / 22P
   Floating channel designed for bootstrap operation
January 10, 2014
AUIRS2191S INFINEON-AUIRS2191S Datasheet
353Kb / 19P
   Floating channel designed for bootstrap operation
November 18, 2013
logo
Shenzhen Huazhimei Semi...
HM2103F HMSEMI-HM2103F Datasheet
4Mb / 9P
   Floating channel designed for bootstrap operation
logo
International Rectifier
IRS21867STRPBF IRF-IRS21867STRPBF Datasheet
748Kb / 21P
   Floating channel designed for bootstrap operation
IR2010PBF IRF-IR2010PBF_15 Datasheet
2Mb / 20P
   Floating channel designed for bootstrap operation
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com