Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AUIRS2191S Datasheet(PDF) 5 Page - International Rectifier

Part # AUIRS2191S
Description  Floating channel designed for bootstrap operation
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

AUIRS2191S Datasheet(HTML) 5 Page - International Rectifier

  AUIRS2191S Datasheet HTML 1Page - International Rectifier AUIRS2191S Datasheet HTML 2Page - International Rectifier AUIRS2191S Datasheet HTML 3Page - International Rectifier AUIRS2191S Datasheet HTML 4Page - International Rectifier AUIRS2191S Datasheet HTML 5Page - International Rectifier AUIRS2191S Datasheet HTML 6Page - International Rectifier AUIRS2191S Datasheet HTML 7Page - International Rectifier AUIRS2191S Datasheet HTML 8Page - International Rectifier AUIRS2191S Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 19 page
background image
AUIRS2191S
5
www.irf.com
© 2012 International Rectifier
Submit Datasheet Feedback
November 18, 2013
Absolute Maximum Ratings
Absolute maximum ratings indicate sustained limits beyond which permanent damage to the device may occur. These are stress
ratings only, functional operation of the device at these or any other condition beyond those indicated in the “Recommended
Operating Condition” is not implied. Exposure to absolute maximum-rated conditions for extended periods may affect device
reliability. All voltage parameters are absolute voltages referenced to COM unless otherwise stated in the table. The thermal
resistance and power dissipation ratings are measured under board mounted and still air conditions.
Symbol
Definition
Min
Max
Units
VB
High side floating supply voltage
-0.3
620
V
VS
High side floating supply offset voltage
VB – 20
VB + 0.3
VHO
High side floating output voltage
VS – 0.3
VB + 0.3
VCC
Low side fixed supply voltage
-0.3
20
VLO
Low-side output voltage
-0.3
VCC + 0.3
VIN
Logic input voltage (HIN & LIN)
VSS – 0.3
VCC + 0.3
VSS
Logic ground
VCC – 20
VCC + 0.3
dVS/dt
Allowable VS offset supply transient
---
50
V/ns
PD
Package power dissipation @ TA ≤+25 ºC
---
1.0
W
RΘJA
Thermal resistance, junction to ambient
---
100
ºC/W
TJ
Junction temperature
---
150
ºC
TS
Storage temperature
-55
150
TL
Lead temperature (soldering, 10 seconds)
---
300
Recommended Operating Conditions
The input/output logic timing diagram is shown in Figure 1. For proper operation the device should be used within the
recommended conditions. The VS, VSS, and COM offset ratings are tested with all supplies biased at 15V differential.
Symbol
Definition
Min
Max
Units
VB
High side floating supply absolute voltage
VS + 10
VS + 20
V
VS
High side floating supply offset voltage
600
VHO
High side floating output voltage
VS
VB
VCC
Low side fixed supply voltage
10
20
VLO
Low side output voltage
0
VCC
VIN
Logic input voltage (HIN & LIN)
VSS
VCC
VSS
Logic ground
-5
5
TA
Ambient temperature
-40
125
ºC
Logic operation for VS of –5 V to 600 V. Logic state held for VS of –5 V to –VBS.
(Please refer to Design Tip DT97-3 for more details)


Similar Part No. - AUIRS2191S

ManufacturerPart #DatasheetDescription
logo
International Rectifier
AUIRS2191S IRF-AUIRS2191S Datasheet
283Kb / 19P
   High power DC-DC SMPS converters
logo
Infineon Technologies A...
AUIRS2191S INFINEON-AUIRS2191S Datasheet
353Kb / 19P
   Floating channel designed for bootstrap operation
November 18, 2013
More results

Similar Description - AUIRS2191S

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRS2301STRPBF IRF-IRS2301STRPBF Datasheet
396Kb / 15P
   Floating channel designed for bootstrap operation
AUIRS2123 IRF-AUIRS2123_15 Datasheet
563Kb / 20P
   Floating channel designed for bootstrap operation
logo
Shenzhen Huazhimei Semi...
HM2103A HMSEMI-HM2103A Datasheet
3Mb / 9P
   Floating channel designed for bootstrap operation
logo
International Rectifier
AUIRS2302S IRF-AUIRS2302S_15 Datasheet
394Kb / 19P
   Floating channel designed for bootstrap operation
IRS2001MPBF IRF-IRS2001MPBF_15 Datasheet
735Kb / 17P
   Floating channel designed for bootstrap operation
logo
Infineon Technologies A...
AUIRS2181S INFINEON-AUIRS2181S Datasheet
670Kb / 22P
   Floating channel designed for bootstrap operation
January 10, 2014
AUIRS2191S INFINEON-AUIRS2191S Datasheet
353Kb / 19P
   Floating channel designed for bootstrap operation
November 18, 2013
logo
Shenzhen Huazhimei Semi...
HM2103F HMSEMI-HM2103F Datasheet
4Mb / 9P
   Floating channel designed for bootstrap operation
logo
International Rectifier
IRS21867STRPBF IRF-IRS21867STRPBF Datasheet
748Kb / 21P
   Floating channel designed for bootstrap operation
IR2010PBF IRF-IR2010PBF_15 Datasheet
2Mb / 20P
   Floating channel designed for bootstrap operation
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com