Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74ABT162244 Datasheet(PDF) 10 Page - NXP Semiconductors

Part # 74ABT162244
Description  16-bit buffer/line driver with 30 ??series termination resistors; 3-state
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74ABT162244 Datasheet(HTML) 10 Page - NXP Semiconductors

Back Button 74ABT162244_15 Datasheet HTML 6Page - NXP Semiconductors 74ABT162244_15 Datasheet HTML 7Page - NXP Semiconductors 74ABT162244_15 Datasheet HTML 8Page - NXP Semiconductors 74ABT162244_15 Datasheet HTML 9Page - NXP Semiconductors 74ABT162244_15 Datasheet HTML 10Page - NXP Semiconductors 74ABT162244_15 Datasheet HTML 11Page - NXP Semiconductors 74ABT162244_15 Datasheet HTML 12Page - NXP Semiconductors 74ABT162244_15 Datasheet HTML 13Page - NXP Semiconductors 74ABT162244_15 Datasheet HTML 14Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
74ABT162244
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
Rev. 6 — 3 November 2011
10 of 15
NXP Semiconductors
74ABT162244
16-bit buffer/line driver with 30
 series termination resistors; 3-state
13. Package outline
Fig 8.
Package outline SOT362-1 (TSSOP48)
UNIT
A1
A2
A3
bp
cD(1)
E(2)
eHE
LLp
QZ
y
w
v
θ
REFERENCES
OUTLINE
VERSION
EUROPEAN
PROJECTION
ISSUE DATE
IEC
JEDEC
JEITA
mm
0.15
0.05
0.2
0.1
8
0
o
o
0.1
DIMENSIONS (mm are the original dimensions).
Notes
1. Plastic or metal protrusions of 0.15 mm maximum per side are not included.
2. Plastic interlead protrusions of 0.25 mm maximum per side are not included.
SOT362-1
99-12-27
03-02-19
w M
θ
A
A1
A2
D
L p
Q
detail X
E
Z
e
c
L
X
(A )
3
0.25
124
48
25
y
pin 1 index
b
H
1.05
0.85
0.28
0.17
0.2
0.1
12.6
12.4
6.2
6.0
0.5
1
0.25
8.3
7.9
0.50
0.35
0.8
0.4
0.08
0.8
0.4
p
E
v M A
A
TSSOP48: plastic thin shrink small outline package; 48 leads; body width 6.1 mm
SOT362-1
A
max.
1.2
0
2.5
5 mm
scale
MO-153


Similar Part No. - 74ABT162244_15

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74ABT162244 NXP-74ABT162244_10 Datasheet
146Kb / 15P
   16-bit buffer/line driver with 30 廓 series termination resistors 3-state
Rev. 05-25 May 2010
More results

Similar Description - 74ABT162244_15

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74ABT162244 NXP-74ABT162244_10 Datasheet
146Kb / 15P
   16-bit buffer/line driver with 30 廓 series termination resistors 3-state
Rev. 05-25 May 2010
74ABT162244 NXP-74ABT162244 Datasheet
91Kb / 14P
   16-bit buffer/line driver with 30 W series termination resistors; 3-state
Rev. 04-9 April 2009
logo
Nexperia B.V. All right...
74ABT162244 NEXPERIA-74ABT162244 Datasheet
212Kb / 11P
   16-bit buffer/line driver with 30 Ω series termination resistors; 3-state
Rev. 7 - 2 July 2021
logo
NXP Semiconductors
74ABT162244 PHILIPS-74ABT162244 Datasheet
78Kb / 10P
   16-bit buffer/line driver with 30ohm series termination resistors 3-State
1998 Oct 22
logo
Nexperia B.V. All right...
74ALVCH162244 NEXPERIA-74ALVCH162244 Datasheet
185Kb / 14P
   16-bit buffer/line driver with 30 Ω termination resistor; 3-State
Rev. 3 - 16 January 2018
logo
NXP Semiconductors
74LVT2241 PHILIPS-74LVT2241_15 Datasheet
61Kb / 5P
   3.3V Octal buffer/line driver with 30 series termination resistors; 3-State
1996 May 29
logo
Nexperia B.V. All right...
74LVT162244B NEXPERIA-74LVT162244B Datasheet
214Kb / 11P
   3.3 V 16-bit buffer/driver with 30 Ω termination resistors; 3-state
Rev. 5 - 6 August 2021
logo
NXP Semiconductors
74ALVT162240 PHILIPS-74ALVT162240 Datasheet
86Kb / 10P
   16-bit inverting buffer/driver with 30ohm termination resistors (3-State)
1998 Feb 13
logo
Nexperia B.V. All right...
74ALVCH162827 NEXPERIA-74ALVCH162827 Datasheet
191Kb / 14P
   20-bit buffer/line driver; non-inverting; with 30 Ω termination resistors; 3-state
Rev. 2 - 19 January 2018
logo
NXP Semiconductors
74LVC_LVCH162244A PHILIPS-74LVC_LVCH162244A_15 Datasheet
180Kb / 15P
   16-bit buffer/line driver; 30 ??series termination resistors; 5 V tolerant input/output; 3-state
Rev. 6-16 December 2011
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com