Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

WAP-6201 Datasheet(PDF) 3 Page - Level One

Part # WAP-6201
Description  Managed Wall Mount Wireless Access Point, 802.3af
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LVL1 [Level One]
Direct Link  http://www.level1.com/
Logo LVL1 - Level One

WAP-6201 Datasheet(HTML) 3 Page - Level One

  WAP-6201 Datasheet HTML 1Page - Level One WAP-6201 Datasheet HTML 2Page - Level One WAP-6201 Datasheet HTML 3Page - Level One  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Performance
Number of Clients:
10
Environment
Temperature (°C):
Operating: 0°C ~ 40°C,
Storage: -10°C ~ 70°C
Humidity (Non-condensing):
Storage: 0 ~ 95%
Operating: 10 ~ 90%
Physical Specifications
Dimensions (W x D x H mm):
86mm*86mm*30mm
Weight (g):
80
Others
Deployment:
Wall Mount
도표
Order Information
WAP-6201
Package Contents
WAP-6201
RJ45 Network Cable
Resource CD (User Manual, QIG)
No liability or responsibility for any errors or omissions in the content.
Specifications are subject to change without notice.
All mentioned brand names are registered trademarks and property of their owners.
Copyright © Digital Data Communications GmbH, Germany. All Rights Reserved.
www.level1.com
Page 3 of 3


Similar Part No. - WAP-6201

ManufacturerPart #DatasheetDescription
logo
Level One
WAP-6202 LVL1-WAP-6202 Datasheet
427Kb / 4P
   Managed Wall Mount Wireless Access Point
More results

Similar Description - WAP-6201

ManufacturerPart #DatasheetDescription
logo
Level One
WAP-6202 LVL1-WAP-6202 Datasheet
427Kb / 4P
   Managed Wall Mount Wireless Access Point
WAP-6111H LVL1-WAP-6111H Datasheet
439Kb / 4P
   Managed Ceiling Mount Wireless Access Point
EAP-200 LVL1-EAP-200 Datasheet
701Kb / 3P
   300Mbps Wireless Dual-PoE Managed Access Point
WAP-6112 LVL1-WAP-6112 Datasheet
439Kb / 4P
   Managed Ceiling Mount Gigabit Wireless Access
logo
Weidmuller
2536660000 WEIDMULLER-2536660000 Datasheet
239Kb / 4P
   Wireless Access Point/Client
2536670000 WEIDMULLER-2536670000 Datasheet
239Kb / 4P
   Wireless Access Point/Client
logo
Level One
WAP-3000 LVL1-WAP-3000 Datasheet
212Kb / 3P
   11g Wireless Access Point
logo
Weidmuller
2536600000 WEIDMULLER-2536600000 Datasheet
239Kb / 4P
   Wireless Access Point/Client
2536650000 WEIDMULLER-2536650000 Datasheet
239Kb / 4P
   Wireless Access Point/Client
2536700000 WEIDMULLER-2536700000 Datasheet
242Kb / 5P
   Wireless Access Point/Bridge/Client
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com