Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX1846EUB Datasheet(PDF) 9 Page - Maxim Integrated Products

Part # MAX1846EUB
Description  High-Efficiency, Current-Mode, Inverting PWM Controller
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1846EUB Datasheet(HTML) 9 Page - Maxim Integrated Products

Back Button MAX1846EUB Datasheet HTML 5Page - Maxim Integrated Products MAX1846EUB Datasheet HTML 6Page - Maxim Integrated Products MAX1846EUB Datasheet HTML 7Page - Maxim Integrated Products MAX1846EUB Datasheet HTML 8Page - Maxim Integrated Products MAX1846EUB Datasheet HTML 9Page - Maxim Integrated Products MAX1846EUB Datasheet HTML 10Page - Maxim Integrated Products MAX1846EUB Datasheet HTML 11Page - Maxim Integrated Products MAX1846EUB Datasheet HTML 12Page - Maxim Integrated Products MAX1846EUB Datasheet HTML 13Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
High-Efficiency, Current-Mode,
Inverting PWM Controller
_______________________________________________________________________________________
9
MAX1847
REF
FB
GND
CS
EXT
PGND
FREQ
COMP
VL
IN
0.22
µF
150k
0.1
µF
R2
10.0k
1%
R1
95.3k
1%
0.02
1W
10
µH
DO5022P-103
CMSH5-40
47
µF
16V
FDS6375
3 x 22
µF
10V
POL
SYNC
SHDN
10k
47
µF
16V
22k
1
2
16
8
3
4
5
10, 11
6
12
13
14
15
7, 9
N.C.
VIN
+3V to +5.5V
0.47
µF
VOUT
-12V AT 400mA
Sanyo
16TPB47M
1200pF
Typical Application Circuit


Similar Part No. - MAX1846EUB

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1846EUB MAXIM-MAX1846EUB Datasheet
325Kb / 20P
   High-Efficiency, Current-Mode, Inverting PWM Controller
Rev 2; 9/10
MAX1846EUB-T MAXIM-MAX1846EUB-T Datasheet
325Kb / 20P
   High-Efficiency, Current-Mode, Inverting PWM Controller
Rev 2; 9/10
More results

Similar Description - MAX1846EUB

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1846EUB-T MAXIM-MAX1846EUB-T Datasheet
325Kb / 20P
   High-Efficiency, Current-Mode, Inverting PWM Controller
Rev 2; 9/10
logo
Princeton Technology Co...
RS2053 PTC-RS2053 Datasheet
319Kb / 4P
   High Efficiency Current Mode PWM Controller
logo
NXP Semiconductors
UC3842 PHILIPS-UC3842 Datasheet
74Kb / 8P
   Current-mode PWM controller
August 31, 1994
logo
Daewoo Semiconductor
DBL3842 DAEWOO-DBL3842 Datasheet
467Kb / 8P
   CURRENT MODE PWM CONTROLLER
logo
BCD Semiconductor Manuf...
AP384XC BCDSEMI-AP384XC Datasheet
176Kb / 13P
   CURRENT MODE PWM CONTROLLER
logo
Cystech Electonics Corp...
MC7731N6 CYSTEKEC-MC7731N6 Datasheet
363Kb / 10P
   Current Mode PWM Controller
logo
BCD Semiconductor Manuf...
AP3842C BCDSEMI-AP3842C Datasheet
359Kb / 14P
   CURRENT MODE PWM CONTROLLER
logo
Texas Instruments
UC1846AJ TI-UC1846AJ Datasheet
3Mb / 13P
[Old version datasheet]   Current Mode PWM Controller
UC3844Q TI1-UC3844Q Datasheet
708Kb / 28P
[Old version datasheet]   CURRENT MODE PWM CONTROLLER
UC1843 TI-UC1843 Datasheet
937Kb / 3P
[Old version datasheet]   Current Mode PWM Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com