Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

WAB-6120 Datasheet(PDF) 2 Page - Level One

Part # WAB-6120
Description  150Mbps Wireless Outdoor PoE Access Point
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LVL1 [Level One]
Direct Link  http://www.level1.com/
Logo LVL1 - Level One

WAB-6120 Datasheet(HTML) 2 Page - Level One

  WAB-6120 Datasheet HTML 1Page - Level One WAB-6120 Datasheet HTML 2Page - Level One WAB-6120 Datasheet HTML 3Page - Level One  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Wireless Bridges/Access Points
www.level1.com
I one world_one brand_one level_
3
Technical Specification
Standard Compliance
IEEE802.3u MDI / MDI-X 10/100 Fast Ethernet
IEEE802.11b/g/n
Power Consumption
900 mA
Radio
Antenna:
Default embedded 8dBi directional patch antenna (Vertical-
Pol); reverse N-type Connector (Plug)
*Switchable by SW
EIRP (dBm)
Default:
IEEE 802.11b: 19dBm
IEEE 802.11g: 19dBm
IEEE 802.11n @ HT20 : 19dBm
IEEE 802.11n @ HT40 : 19dBm
* Adjustable for the country regulations
Sensitivity:
IEEE 802.11b: -88dBm @ 11Mbps
IEEE 802.11g: -73dBm @ 6Mbps
IEEE 802.11n: -70dBm @ HT20
IEEE 802.11n: -67dBm @ HT40
Operating Frequency
IEEE 802.11b/g ISM Band; IEEE 802.11g/n 20MHz:
US, Canada: 2.412GHz ~ 2.462 GHz , EU: 2.412 GHz ~ 2.472 GHz
IEEE 802.11g/n 40MHz Band:
US, Canada : 2.422GHz ~ 2.452GHz, EU : 2.422GHz ~ 2.462GHz
Modulation:
EEE 802.11b (DSSS): CCK, DQPSK, DBPSK
IEEE 802.11g/n (OFDM/DSSS): QAM-64, QAM-16, QPSK, BPSK
Software Specification
Operation Mode:
CPE, AP
Security:
WEP 64,128, 152-bit, WPA/WPA2, WPA-PSK/WPA2-PSK,
IEEE 802.1X Authentication
Management:
Telnet, FTP, SNMP, Password Changes, Firmware updates,
Configuration Files
Advance Settings:
Radio on/off, WMM/Regatta Mode, Output Power Control,
Fragmentation Length, Beacon Interval, RTS/CTS threshold,
DTIM Interval
Concurrent Users:
Maximun 32 users
Physical Specification
Dimension
228mm(L)×64mm(W) ×61mm(H)
Weight
<500g
Enclosure
High Reliable IP55 Waterproof Enclosure
Environment Specification
Temperature (Ambient)
Operating: -20 ~ 70 °C
Storage: -30 ~ 80 °C
Humidity (non-condensing)
Operating: 10 ~ 95%
Storage: 0 ~ 95%


Similar Part No. - WAB-6120

ManufacturerPart #DatasheetDescription
logo
Level One
WAB-5120 LVL1-WAB-5120 Datasheet
193Kb / 4P
   300Mbps 5G Wireless Outdoor PoE Access Point / Bridge
More results

Similar Description - WAB-6120

ManufacturerPart #DatasheetDescription
logo
Level One
WAB-5120 LVL1-WAB-5120 Datasheet
193Kb / 4P
   300Mbps 5G Wireless Outdoor PoE Access Point / Bridge
WAP-6110 LVL1-WAP-6110 Datasheet
420Kb / 4P
   300Mbps Wireless PoE Access Point
WAP-8122 LVL1-WAP-8122 Datasheet
537Kb / 4P
   Dual Band PoE Wireless Access Point
WAP-8111 LVL1-WAP-8111 Datasheet
481Kb / 4P
   Dual Band PoE Wireless Access Point
EAP-200 LVL1-EAP-200 Datasheet
701Kb / 3P
   300Mbps Wireless Dual-PoE Managed Access Point
logo
ORing Industrial Networ...
IAP-W520 ORING-IAP-W520 Datasheet
420Kb / 4P
   Industrial outdoor IEEE 802.11 a/n wireless access point
logo
Weidmuller
2536660000 WEIDMULLER-2536660000 Datasheet
239Kb / 4P
   Wireless Access Point/Client
2536670000 WEIDMULLER-2536670000 Datasheet
239Kb / 4P
   Wireless Access Point/Client
logo
Level One
WAP-3000 LVL1-WAP-3000 Datasheet
212Kb / 3P
   11g Wireless Access Point
logo
Weidmuller
2536600000 WEIDMULLER-2536600000 Datasheet
239Kb / 4P
   Wireless Access Point/Client
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com