Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LD1970 Datasheet(PDF) 8 Page - LDT Co., Ltd

Part # LD1970
Description  16 SEGMENT X 12 GRID VFD DRIVER
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LDT [LDT Co., Ltd]
Direct Link  http://www.ldt.co.kr/
Logo LDT - LDT Co., Ltd

LD1970 Datasheet(HTML) 8 Page - LDT Co., Ltd

Back Button LD1970 Datasheet HTML 4Page - LDT Co., Ltd LD1970 Datasheet HTML 5Page - LDT Co., Ltd LD1970 Datasheet HTML 6Page - LDT Co., Ltd LD1970 Datasheet HTML 7Page - LDT Co., Ltd LD1970 Datasheet HTML 8Page - LDT Co., Ltd LD1970 Datasheet HTML 9Page - LDT Co., Ltd LD1970 Datasheet HTML 10Page - LDT Co., Ltd LD1970 Datasheet HTML 11Page - LDT Co., Ltd LD1970 Datasheet HTML 12Page - LDT Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 26 page
background image
Ver 4.0
8
LD1970
16 Segment x 12 Grid VFD Driver with Key Scan
Absolute Maximum Ratings
(Unless otherwise stated, Ta=25°C, GND=0V)
Parameters
Symbol
Ratings
Unit
Logic Supply Voltage
VDD
-0.3 ~ +7.0
V
Driver Supply Voltage
VEE
VDD+0.3 ~ VDD-40
V
Logic Input Voltage
VI
-0.3 ~ VDD+0.3
V
VFD Driver Output Voltage
VO
VEE-0.3 ~ VDD+0.3
V
LED Driver Output Current
IOLED
± 20
mA
VFD Drive Output Current
IOVFD
-40 @ Grid, -15 @ Segment
mA
Operating Temperature
Topr
-40 ~ 85
°C
Storage Temperature
Tstg
-65 ~ 150
°C
Recommended Operating Range
(Unless otherwise stated, Ta=25°C, GND=0V)
Parameters
Symbol
Ratings
Unit
Min.
Typ.
Max.
Logic Supply Voltage
VDD
3.0
5.0
5.5
V
High-Level Input Voltage
VIH
0.7*VDD
-
VDD
V
Low-Level Input Voltage
VIL
0
-
0.3*VDD
V
Driver Supply Voltage
VEE
VDD-35
-
0
V


Similar Part No. - LD1970

ManufacturerPart #DatasheetDescription
logo
LDT Co., Ltd
LD1960 LDT-LD1960 Datasheet
344Kb / 23P
   9 SEGMENT X 7 GRID LED Driver with key scan
LD1960A LDT-LD1960A Datasheet
1Mb / 23P
   9 SEGMENT X 7 GRID LED Driver with Key scan
LD1961A LDT-LD1961A Datasheet
321Kb / 23P
   12 SEGMENT X 7 GRID LED Driver
logo
Unisonic Technologies
LD1985 UTC-LD1985 Datasheet
218Kb / 11P
   LINEAR INTEGRATED CIRCUIT
LD1985 UTC-LD1985 Datasheet
253Kb / 10P
   VERY LOW DROP AND LOW NOISE VOLTAGE REGULATOR LOW ESR CAP. COMPATIBLE, WITH INHIBIT FUNCTION
More results

Similar Description - LD1970

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJU3426 NJRC-NJU3426 Datasheet
114Kb / 12P
   16-SEGMENT X 15-Digit VFD CONTROLLER / DRIVER
logo
LDT Co., Ltd
LD1961A LDT-LD1961A Datasheet
321Kb / 23P
   12 SEGMENT X 7 GRID LED Driver
logo
List of Unclassifed Man...
ML9270-01 ETC2-ML9270-01 Datasheet
232Kb / 13P
   33-Segment VFD Driver
logo
OKI electronic componet...
MSM5267B-15 OKI-MSM5267B-15 Datasheet
128Kb / 9P
   33-BIT VFD SEGMENT DRIVER
MSC7110-01 OKI-MSC7110-01 Datasheet
203Kb / 18P
   12-Segment x 16-Digit or 16-Segment x12-Digit Display Controller/Driver
logo
Mitsubishi Electric Sem...
M66004SP MITSUBISHI-M66004SP Datasheet
182Kb / 14P
   16-DIGIT 5x7-SEGMENT VFD CONTROLLER
logo
List of Unclassifed Man...
ML9271 ETC2-ML9271 Datasheet
281Kb / 16P
   48-Bit Grid/Anode VFD Driver
logo
Renesas Technology Corp
M66004SP RENESAS-M66004SP Datasheet
2Mb / 15P
   16-DIGIT 5*7-SEGMENT VFD CONTROLLER
logo
OKI electronic componet...
MSC1951-01 OKI-MSC1951-01 Datasheet
138Kb / 17P
   7-Segment x 16-Digit or 16-Segment x 6-Bargraph display Controller/Driver
logo
List of Unclassifed Man...
ML9271 ETC2-ML9271 Datasheet
281Kb / 16P
   48-Bit Grid/Anode VFD Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com