Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX1843EGI Datasheet(PDF) 11 Page - Maxim Integrated Products

Part # MAX1843EGI
Description  2.7A, 1MHz, Low-Voltage, Step-Down Regulator with Internal Synchronous Rectification in QFN Package
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1843EGI Datasheet(HTML) 11 Page - Maxim Integrated Products

Back Button MAX1843EGI Datasheet HTML 5Page - Maxim Integrated Products MAX1843EGI Datasheet HTML 6Page - Maxim Integrated Products MAX1843EGI Datasheet HTML 7Page - Maxim Integrated Products MAX1843EGI Datasheet HTML 8Page - Maxim Integrated Products MAX1843EGI Datasheet HTML 9Page - Maxim Integrated Products MAX1843EGI Datasheet HTML 10Page - Maxim Integrated Products MAX1843EGI Datasheet HTML 11Page - Maxim Integrated Products MAX1843EGI Datasheet HTML 12Page - Maxim Integrated Products MAX1843EGI Datasheet HTML 13Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
2.7A, 1MHz, Low-Voltage, Step-Down Regulator with
Internal Synchronous Rectification in QFN Package
______________________________________________________________________________________
11
Soft-Start
Soft-start allows a gradual increase of the internal cur-
rent limit to reduce input surge currents at startup and
at exit from shutdown. A timing capacitor, CSS, placed
from SS to GND sets the rate at which the internal cur-
rent limit is changed. Upon power-up, when the device
comes out of undervoltage lockout (2.6V typ) or after
the SHDN pin is pulled high, a 4µA constant-current
source charges the soft-start capacitor and the voltage
on SS increases. When the voltage on SS is less than
approximately 0.7V, the current limit is set to zero. As
the voltage increases from 0.7V to approximately 1.8V,
the current limit is adjusted from 0 to the current-limit
threshold (see the Electrical Characteristics). The volt-
age across the soft-start capacitor changes with time
according to the equation:
The soft-start current limit varies with the voltage on the
soft-start pin, SS, according to the equation:
where ILIMIT is the current threshold from the Electrical
Characteristics.
The constant-current source stops charging once the
voltage across the soft-start capacitor reaches 1.8V
(Figure 5).
Frequency Variation with Output Current
The operating frequency of the MAX1843 is determined
primarily by tOFF (set by RTOFF), VIN, and VOUT as
shown in the following formula:
fPWM = (VIN - VOUT - VPMOS) / [tOFF (VIN - VPMOS +
VNMOS)]
However, as the output current increases, the voltage
drop across the NMOS and PMOS switches increases
and the voltage across the inductor decreases. This
causes the frequency to drop. The change in frequency
can be approximated with the following formula:
∆fPWM = -IOUT x RPMOS / (VIN x tOFF)
where RPMOS is the resistance of the internal MOSFETs
(90m
Ω typ).
Circuit Layout and Grounding
Good layout is necessary to achieve the MAX1843’s
intended output power level, high efficiency, and low
noise. Good layout includes the use of ground planes,
careful component placement, and correct routing of
traces using appropriate trace widths. The following
points are in order of decreasing importance:
1) Minimize switched-current and high-current ground
loops. Connect the input capacitor’s ground, the out-
put capacitor’s ground, and PGND. Connect the
resulting island to GND at only one point.
2) Connect the input filter capacitor less than 5mm
away from IN. The connecting copper trace carries
large currents and must be at least 1mm wide,
preferably 2.5mm.
3) Place the LX node components as close together
and as near to the device as possible. This reduces
resistive and switching losses as well as noise.
4) Ground planes are essential for optimum perfor-
mance. In most applications, the circuit is located on
a multilayer board and full use of the four or more
layers is recommended. For heat dissipation, con-
nect the exposed backside pad to a large analog
ground plane, preferably on a surface of the board
that receives good airflow. If the ground plane is
located on the IC surface, make use of the N.C. pins
adjacent to GND to lower thermal resistance to the
ground plane. If the ground is located elsewhere,
use several vias to lower thermal resistance. Typical
applications use multiple ground planes to minimize
thermal resistance. Avoid large AC currents through
the analog ground plane.
Chip Information
TRANSISTOR COUNT: 3662
SSI
VV
V
I
LIMIT
SS
LIMIT
.
.
07
11
V
At
C
SS
SS
=
×
4
µ
0.7V
1.8V
ILIMIT
t
SHDN
0
0
0
VSS (V)
ILIMIT (A)
Figure 5. Soft-Start Current-Limit Over Time


Similar Part No. - MAX1843EGI

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1843ETI++ MAXIM-MAX1843ETI+ Datasheet
850Kb / 13P
   2.7A, 1MHz, Low-Voltage, Step-Down Regulator
2006
More results

Similar Description - MAX1843EGI

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1742 MAXIM-MAX1742 Datasheet
597Kb / 16P
   1A/2.7A, 1MHz, Step-Down Regulators with Synchronous Rectification and Internal Switches
19-1760; Rev 1; 2/02
MAX1742 MAXIM-MAX1742_05 Datasheet
287Kb / 16P
   1A/2.7A, 1MHz, Step-Down Regulators with Synchronous Rectification and Internal Switches
19-1760; Rev 2; 9/05
MAX1843 MAXIM-MAX1843_V01 Datasheet
850Kb / 13P
   2.7A, 1MHz, Low-Voltage, Step-Down Regulator
2006
MAX1830 MAXIM-MAX1830 Datasheet
278Kb / 13P
   3A, 1MHz, Low-Voltage, Step-Down Regulators with Synchronous Rectification and Internal Switches
19-2198; Rev 0; 10/01
MAX1623 MAXIM-MAX1623 Datasheet
164Kb / 12P
   3A, Low-Voltage, Step-Down Regulator with Synchronous Rectification and Internal Switches
19-1436; Rev 1; 9/99
MAX1644EAE-T MAXIM-MAX1644EAE-T Datasheet
170Kb / 11P
   2A, Low-Voltage, Step-Down Regulator with Synchronous Rectification and Internal Switches
Rev 3; 8/05
MAX1623 MAXIM-MAX1623_V01 Datasheet
242Kb / 12P
   3A, Low-Voltage, Step-Down Regulator with Synchronous Rectification and Internal Switches
2002
MAX1644 MAXIM-MAX1644_V01 Datasheet
170Kb / 11P
   2A, Low-Voltage, Step-Down Regulator with Synchronous Rectification and Internal Switches
2005
logo
HTC Korea TAEJIN Techno...
TJ6713DP HTC-TJ6713DP Datasheet
280Kb / 10P
   1MHz, 3A Synchronous Step-Down Switching Voltage Regulator
logo
Global Mixed-mode Techn...
G5725 GMT-G5725 Datasheet
151Kb / 2P
   1MHz 1A Synchronous Step-Down Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com