Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

POS-4000 Datasheet(PDF) 2 Page - Level One

Part # POS-4000
Description  High Power PoE Splitter 12V
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LVL1 [Level One]
Direct Link  http://www.level1.com/
Logo LVL1 - Level One

POS-4000 Datasheet(HTML) 2 Page - Level One

  POS-4000 Datasheet HTML 1Page - Level One POS-4000 Datasheet HTML 2Page - Level One POS-4000 Datasheet HTML 3Page - Level One  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
3
PoE PD/PSE
www.level1.com
I one world_one brand_one level_
LAN Interface:
IEEE 802.3x, Auto-Detection for 10/100BASE-T and full/half
duplex
Standard Straight-through, or Cross-over CAT 5 Cable
Automatic MDIX function
10/100 Mbps RJ-45 Connector x2
LED Indicators:
POWER: Power is ON
Input Power Requirement
Pin Assignment and Polarity: 4/5 (+), 7/8 (-)
*Only support non-standard of PoE source input.
Technical Specification
Regulations & Approvals:
FCC Rules Part 15
CE
Physical Dimension: (L x W x H)
120mm x 90mm x 28mm
Operating Temperature:
0°C~50°C
Operating Environment:
Humidity: 5% to 95% non-condensing
Product Diagram
NAS
AP
FSW-0513
IP Camera
IP Camera
POS-4000
POS-4000
POS-4000
POS-4000
POR-0100
Ethernet (RJ 45)
Power
100m
100m


Similar Part No. - POS-4000

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
POS-400 MINI-POS-400 Datasheet
238Kb / 2P
   Voltage Controlled Oscillator
POS-400++ MINI-POS-400+ Datasheet
242Kb / 1P
   VOLTAGE CONTROLLED OSCILLATORS
POS-400++ MINI-POS-400+ Datasheet
247Kb / 1P
   VOLTAGE CONTROLLED OSCILLATORS
POS-400++ MINI-POS-400+ Datasheet
238Kb / 2P
   Voltage Controlled Oscillator
logo
Level One
POS-4001 LVL1-POS-4001 Datasheet
473Kb / 2P
   Outdoor High Power PoE Splitter (12V)
More results

Similar Description - POS-4000

ManufacturerPart #DatasheetDescription
logo
Level One
POS-4001 LVL1-POS-4001 Datasheet
473Kb / 2P
   Outdoor High Power PoE Splitter (12V)
POS-1002 LVL1-POS-1002 Datasheet
707Kb / 3P
   5-12V DC PoE Splitter
POS-1001 LVL1-POS-1001 Datasheet
559Kb / 3P
   5-12V DC Gigabit PoE Splitter
POS-3000 LVL1-POS-3000 Datasheet
632Kb / 3P
   5-12V DC Gigabit PoE-Plus Splitter
POS-4002 LVL1-POS-4002 Datasheet
193Kb / 2P
   24V AC High Power PoE Splitter
logo
Red Lion Controls. Inc
100_POE_SPL REDLION-100_POE_SPL Datasheet
357Kb / 2P
   PoE Splitter
EB-PD REDLION-EB-PD Datasheet
611Kb / 2P
   Industrial PoE Splitter
logo
Advantech Co., Ltd.
EKI-2701PSI-AE ADVANTECH-EKI-2701PSI-AE Datasheet
219Kb / 1P
   Industrial PoE Splitter with Wide Temperature
EKI-2701PSI ADVANTECH-EKI-2701PSI Datasheet
213Kb / 1P
   Industrial PoE Splitter with Wide Temperature
logo
Mini-Circuits
SYPJ-2-5W-52 MINI-SYPJ-2-5W-52 Datasheet
423Kb / 1P
   High Power Splitter
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com