Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

VLZ Datasheet(PDF) 5 Page - SeCoS Halbleitertechnologie GmbH

Part # VLZ
Description  Hermetically Sealed Glass Zener Voltage Regulators
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

VLZ Datasheet(HTML) 5 Page - SeCoS Halbleitertechnologie GmbH

  VLZ_15 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH VLZ_15 Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH VLZ_15 Datasheet HTML 3Page - SeCoS Halbleitertechnologie GmbH VLZ_15 Datasheet HTML 4Page - SeCoS Halbleitertechnologie GmbH VLZ_15 Datasheet HTML 5Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
VLZ Series
500 mW
Hermetically Sealed Glass Zener Voltage Regulators
Elektronische Bauelemente
14-Apr-2011 Rev. A
Page 5 of 5
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
RATINGS AND CHARACTERISTIC CURVES


Similar Part No. - VLZ_15

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VLZ11A VISHAY-VLZ11A Datasheet
215Kb / 8P
   Small Signal Zener Diodes
Rev. 1.0, 15-Aug-07
VLZ11A VISHAY-VLZ11A Datasheet
110Kb / 7P
   Small Signal Zener Diodes
Rev. 1.3, 30-Jan-12
VLZ11B VISHAY-VLZ11B Datasheet
215Kb / 8P
   Small Signal Zener Diodes
Rev. 1.0, 15-Aug-07
VLZ11B VISHAY-VLZ11B Datasheet
110Kb / 7P
   Small Signal Zener Diodes
Rev. 1.3, 30-Jan-12
VLZ11C VISHAY-VLZ11C Datasheet
215Kb / 8P
   Small Signal Zener Diodes
Rev. 1.0, 15-Aug-07
More results

Similar Description - VLZ_15

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
1N47XXAG SECOS-1N47XXAG_15 Datasheet
218Kb / 2P
   Hermetically Sealed Glass Zener Voltage Regulators
logo
Taiwan Semiconductor Co...
ZM4728A TSC-ZM4728A_14 Datasheet
220Kb / 4P
   Hermetically Sealed Glass Zener Voltage Regulators
logo
SeCoS Halbleitertechnol...
VLZ SECOS-VLZ Datasheet
422Kb / 5P
   Hermetically Sealed Glass Zener Voltage Regulators
logo
ON Semiconductor
BZX55C2V4RL ONSEMI-BZX55C2V4RL Datasheet
252Kb / 10P
   Hermetically Sealed Glass Zener Voltage Regulators
August, 2006 ??Rev. 1
logo
Taiwan Semiconductor Co...
LLZ2V4 TSC-LLZ2V4 Datasheet
228Kb / 4P
   Hermetically Sealed Glass Zener Voltage Regulators
LLZ5221B TSC-LLZ5221B_15 Datasheet
230Kb / 4P
   Hermetically Sealed Glass Zener Voltage Regulators
logo
SEC Electronics Inc.
1N47XXAG SECELECTRONICS-1N47XXAG Datasheet
218Kb / 2P
   Hermetically Sealed Glass Zener Voltage Regulators
logo
Taiwan Semiconductor Co...
LLZ5221B TSC-LLZ5221B Datasheet
129Kb / 3P
   500mW Hermetically Sealed Glass Zener Voltage Regulators
logo
Shenzhen Luguang Electr...
BZX55C2V0 LUGUANG-BZX55C2V0 Datasheet
78Kb / 2P
   500mW Hermetically Sealed Glass Zener Voltage Regulators
BZX55C LUGUANG-BZX55C Datasheet
81Kb / 2P
   500mW Hermetically Sealed Glass Zener Voltage Regulators
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com