Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX1994ETM Datasheet(PDF) 9 Page - Maxim Integrated Products

Part # MAX1994ETM
Description  Dual Step-Down Controllers Plus Linear- Regulator Controller for Notebook Computers
Download  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1994ETM Datasheet(HTML) 9 Page - Maxim Integrated Products

Back Button MAX1994ETM Datasheet HTML 5Page - Maxim Integrated Products MAX1994ETM Datasheet HTML 6Page - Maxim Integrated Products MAX1994ETM Datasheet HTML 7Page - Maxim Integrated Products MAX1994ETM Datasheet HTML 8Page - Maxim Integrated Products MAX1994ETM Datasheet HTML 9Page - Maxim Integrated Products MAX1994ETM Datasheet HTML 10Page - Maxim Integrated Products MAX1994ETM Datasheet HTML 11Page - Maxim Integrated Products MAX1994ETM Datasheet HTML 12Page - Maxim Integrated Products MAX1994ETM Datasheet HTML 13Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 49 page
background image
Dual Step-Down Controllers Plus Linear-
Regulator Controller for Notebook Computers
_______________________________________________________________________________________
9
ELECTRICAL CHARACTERISTICS (continued)
(Circuit of Figure 1, V+ = 15V, VOUT1 = 1.20V, VOUT2 = 2.50V, VCC = VDD = 5.0V, VSKP1/SDN = VSKP2/SDN = VLIN/SDN = 5.0V,
TA = -40°C to +100°C, unless otherwise noted.) (Note 6)
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Partial Shutdown Supply Current
(Linear Regulator On Only)
VSKP1/SDN = 0V, VSKP2/SDN = 0V, VLIN/SDN = 5V;
measured at VCC, with FBS and LINFB forced above the
no-load regulation point
750
µA
Partial Shutdown Supply Current
(BUCK1 and Linear Regulator)
VSKP1/SDN = 5V, VSKP2/SDN = 0V, VLIN/SDN = 5V;
measured at VCC, with FBS and LINFB forced above the
no-load regulation point
3400
µA
Partial Shutdown Supply Current
(BUCK2 Only)
VSKP1/SDN = 0V, VSKP2/SDN = 5V, VLIN/SDN = 0V;
measured at VCC, with OUT2 and FB2 forced above the
regulation point
1400
µA
Quiescent Supply Current (VDD)
Measured at VDD, with FBS, OUT2, and FB2 forced above
the no-load regulation point, TA = -40°C to +85°C
5
µA
Quiescent Battery Current
Measured at V+
40
µA
Shutdown Supply Current (VCC)
VSKP1/SDN = 0V, VSKP2/SDN = 0V, and VLIN/SDN = 0V,
TA = -40°C to +85°C
10
µA
Shutdown Supply Current (VDD)
VSKP1/SDN = 0V, VSKP2/SDN = 0V, and VLIN/SDN = 0V,
TA = -40°C to +85°C
5
µA
Shutdown Battery Current
VSKP1/SDN = VSKP2/SDN = 0V, measured at V+, with
VCC = VDD = 0V or 5V, TA = -40°C to +85°C
5
µA
Reference Voltage
VCC = 4.5V to 5.5V, IREF = 50µA sourcing
1.98
2.02
V
IREF = 0 to 50µA
0
7
Reference Load Regulation
IREF = 50µA to 100µA
0
7
mV
Reference Sink Current
REF in regulation
10
µA
OVPSET Disable Mode Threshold
Voltage at OVPSET above which the OVP functions are
disabled for BUCK1 and BUCK2
VCC -
1.5
VCC -
0.5
V
OVPSET Default Mode Threshold
for BUCK1
Voltage at OVPSET below which the OVP thresholds are
set to their default values
0.4
0.6
V
MAX1816
1.95
2.05
Overvoltage Trip Threshold for
BUCK1 (Fixed OVP Threshold)
OVPSET = GND,
measured at FBS
MAX1994
2.20
2.30
V
MAX1816
0.95
1.05
VOVPSET = 1.0V,
measured at FBS
MAX1994
1.075
1.175
MAX1816
1.95
2.05
Overvoltage Trip Threshold for
BUCK1 (Adjustable Threshold)
VOVPSET = 2.0V,
measured at FBS
MAX1994
2.20
2.30
V
Overvoltage Trip Threshold for
BUCK2
Measured at OUT2 (or FB2 if external feedback is used)
113
117
%
Output Undervoltage Protection
Threshold
With respect to unloaded output voltage FBS and OUT2
(FB2 in external feedback)
65
75
%


Similar Part No. - MAX1994ETM

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX199 MAXIM-MAX199 Datasheet
165Kb / 16P
   Multi-Range (짹4V, 짹2V, 4V, 2V), 5V Supply, 12-Bit DAS with 84 Bus Interface
19-0401; Rev 0; 6/95
MAX199 MAXIM-MAX199 Datasheet
199Kb / 14P
   Convenient Test Points Provided On-Board
Rev 1; 7/95
MAX1992 MAXIM-MAX1992 Datasheet
543Kb / 36P
   Quick-PWM Step-Down Controllers with Inductor Saturation Protection and Dynamic Output Voltages
Rev 0; 10/02
MAX1992 MAXIM-MAX1992 Datasheet
643Kb / 36P
   Quick-PWM Step-Down Controllers
Rev 1; 9/05
MAX1992ETG MAXIM-MAX1992ETG Datasheet
543Kb / 36P
   Quick-PWM Step-Down Controllers with Inductor Saturation Protection and Dynamic Output Voltages
Rev 0; 10/02
More results

Similar Description - MAX1994ETM

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1715 MAXIM-MAX1715 Datasheet
308Kb / 28P
   Ultra-High Efficiency, Dual Step-Down Controller for Notebook Computers
19-1541; Rev 0; 1/00
MAX1714 MAXIM-MAX1714 Datasheet
443Kb / 24P
   High-Speed Step-Down Controller for Notebook Computers
19-1536; Rev 1; 12/99
logo
Linear Technology
LT3500 LINER-LT3500_15 Datasheet
328Kb / 28P
   Monolithic 2A Step-Down Regulator Plus Linear Regulator/Controller
LT3500 LINER-LT3500 Datasheet
286Kb / 28P
   Monolithic 2A Step-Down Regulator Plus Linear Regulator/Controller
LT1939 LINER-LT1939 Datasheet
347Kb / 24P
   Monolithic 2A Step-Down Regulator Plus Linear Regulator/Controller
LT1939EDD LINER-LT1939EDD Datasheet
354Kb / 24P
   Monolithic 2A Step-Down Regulator Plus Linear Regulator/Controller
LT1939 LINER-LT1939_15 Datasheet
354Kb / 24P
   Monolithic 2A Step-Down Regulator Plus Linear Regulator/Controller
logo
Maxim Integrated Produc...
MAX8764 MAXIM-MAX8764 Datasheet
597Kb / 23P
   High-Speed, Step-Down Controller with Accurate Current Limit for Notebook Computers
Rev 0; 3/05
MAX1844 MAXIM-MAX1844 Datasheet
864Kb / 24P
   High-Speed Step-Down Controller with Accurate Current Limit for Notebook Computers
Rev 3; 9/02
logo
Anpec Electronics Corop...
APW7060 ANPEC-APW7060 Datasheet
179Kb / 16P
   Dual Controllers - Step Down Synchronous PWM and Linear Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com