Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AUIR3330S Datasheet(PDF) 5 Page - International Rectifier

Part # AUIR3330S
Description  PROTECTED HIGH FREQUENCY HIGH SIDE SWITCH
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

AUIR3330S Datasheet(HTML) 5 Page - International Rectifier

  AUIR3330S_15 Datasheet HTML 1Page - International Rectifier AUIR3330S_15 Datasheet HTML 2Page - International Rectifier AUIR3330S_15 Datasheet HTML 3Page - International Rectifier AUIR3330S_15 Datasheet HTML 4Page - International Rectifier AUIR3330S_15 Datasheet HTML 5Page - International Rectifier AUIR3330S_15 Datasheet HTML 6Page - International Rectifier AUIR3330S_15 Datasheet HTML 7Page - International Rectifier AUIR3330S_15 Datasheet HTML 8Page - International Rectifier AUIR3330S_15 Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 30 page
background image
AUIR3330S
5
www.irf.com
© 2012 International Rectifier
May 29, 2014
Switching Electrical Characteristics
-40°C < Tj < 150°C, 6V < Vcc < 18V, Rin = 5k
 (unless otherwise specified)
Symbol
Parameter
Min.
Typ.
Max.
Units
Conditions
Td Vout on
Turn-on output voltage delay time
0.7
1
1.4
µs
between 50% of IN and
30% of Vout, Iout = 14A
Tr Vout
Ouput voltage rise time
500
800
1300
ns
Between 15% and 85%;
Vcc = 14v, Iout=14A
Tr Iout
Ouput current rise time
0.7
1.2
1.85
µs
Between 5A and 40A;
Vcc = 14v, Iout=45A
dv/dt on
Turn on dv/dt
10
20
28
V/µs
Between 25% and 70%;
Vcc = 14v
di/dt on
Turn on di/dt
21
40
51
A/µs
Between Iout 15A and
35A; Vcc = 14v
Td Vout off
Turn-off delay time
0.9
1.2
1.7
µs
between 50% of IN and
90% of Vout, Iout = 14A
Tf Vout
Output voltage fall time
250
430
650
ns
Between 90% and 10%;
Vcc = 14v, Iout=14A
Tf Iout
Output current fall time
0.55
1
1.45
µs
Between 40A and 5A;
Vcc = 14v, Iout=45A
dv/dt off
Turn off dv/dt
28
50
67
V/µs
Between 30% and 70%;
Vcc = 14v
di/dt off
Turn off di/dt
30
40
51
A/µs
Between Iout 35A and
15A; Vcc = 14v
T Trfct Ld
Input output transfer function for
low duty cycle
8.5
10
11.5
µs
Iout = 1A;
In pulse time =10µS
T Trfct Hd
Input output transfer function for
high duty cycle
38.5
39.5
40.5
µs
Iout = 1A;
In pulse time =40µS
T Off Min
Minimum off time to recharge the
bootstrap capacitor
2
µs
Cboot = 100nF


Similar Part No. - AUIR3330S_15

ManufacturerPart #DatasheetDescription
logo
International Rectifier
AUIR3313 IRF-AUIR3313 Datasheet
596Kb / 16P
   PROGRAMMABLE CURRENT SENSE HIGH SIDE SWITCH
AUIR3313 IRF-AUIR3313 Datasheet
596Kb / 16P
   PROGRAMMABLE CURRENT SENSE HIGH SIDE SWITCH
logo
Infineon Technologies A...
AUIR3313 INFINEON-AUIR3313 Datasheet
596Kb / 16P
   PROGRAMMABLE CURRENT SENSE HIGH SIDE SWITCH
December, 10th 2010 revision F
logo
International Rectifier
AUIR3313S IRF-AUIR3313S Datasheet
596Kb / 16P
   PROGRAMMABLE CURRENT SENSE HIGH SIDE SWITCH
logo
Infineon Technologies A...
AUIR3313S INFINEON-AUIR3313S Datasheet
596Kb / 16P
   PROGRAMMABLE CURRENT SENSE HIGH SIDE SWITCH
December, 10th 2010 revision F
More results

Similar Description - AUIR3330S_15

ManufacturerPart #DatasheetDescription
logo
International Rectifier
AUIR33402S IRF-AUIR33402S_15 Datasheet
512Kb / 17P
   PROTECTED HIGH SIDE SWITCH
IPS7071GPBF IRF-IPS7071GPBF Datasheet
370Kb / 8P
   PROTECTED HIGH SIDE SWITCH
logo
ON Semiconductor
NCP3712ASNT1 ONSEMI-NCP3712ASNT1 Datasheet
72Kb / 8P
   Over Voltage Protected High Side Switch
September, 2001 ??Rev. 2
NCP3712ASNT1 ONSEMI-NCP3712ASNT1_14 Datasheet
63Kb / 4P
   Over Voltage Protected High Side Switch
June, 2014 ??Rev. 8
NCP3712ASNT1 ONSEMI-NCP3712ASNT1_06 Datasheet
62Kb / 4P
   Over Voltage Protected High Side Switch
April, 2006 ??Rev. 4
logo
International Rectifier
IPS5751 IRF-IPS5751 Datasheet
227Kb / 11P
   FULLY PROTECTED HIGH SIDE POWER MOSFET SWITCH
IPS54511 IRF-IPS54511 Datasheet
194Kb / 12P
   FULLY PROTECTED HIGH SIDE POWER MOSFET SWITCH
IPS521PBF IRF-IPS521PBF Datasheet
198Kb / 12P
   FULLY PROTECTED HIGH SIDE POWER MOSFET SWITCH
IPS511GTR IRF-IPS511GTR Datasheet
183Kb / 11P
   FULLY PROTECTED HIGH SIDE POWER MOSFET SWITCH
logo
Vishay Siliconix
SIP4613A VISHAY-SIP4613A Datasheet
510Kb / 10P
   Protected 1-A High-Side Load Switch
Rev. B, 06-Oct-08
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com