Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX1817 Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX1817
Description  Compact, High-Efficiency, Dual-Output Step-Up DC-DC Converter
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1817 Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX1817 Datasheet HTML 1Page - Maxim Integrated Products MAX1817 Datasheet HTML 2Page - Maxim Integrated Products MAX1817 Datasheet HTML 3Page - Maxim Integrated Products MAX1817 Datasheet HTML 4Page - Maxim Integrated Products MAX1817 Datasheet HTML 5Page - Maxim Integrated Products MAX1817 Datasheet HTML 6Page - Maxim Integrated Products MAX1817 Datasheet HTML 7Page - Maxim Integrated Products MAX1817 Datasheet HTML 8Page - Maxim Integrated Products MAX1817 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
Compact, High-Efficiency, Dual-Output
Step-Up DC-DC Converter
4
_______________________________________________________________________________________
ELECTRICAL CHARACTERISTICS (continued)
(VON = VONLCD = VOUT = +3.3V, FB = GND, TA = -40°C to +85°C, unless otherwise noted.) (Note 1)
PARAMETER
CONDITIONS
MIN
MAX
UNITS
FB Dual Mode Threshold
45
105
mV
Output Voltage Adjustment Range
2.5
5.5
V
Maximum LX On-Time
VFB = 0.5V
2.4
7.5
µs
Zero Crossing Comparator
Threshold (VLX - VOUT)
040
mV
Zero Crossing Comparator
Backup Timer
VFB = 0.5V
22
70
µs
LX On-Resistance
VOUT = 3.3V, ILX = 100mA
0.65
LX Current Limit
0.42
1.05
A
LX Leakage Current
VON = GND, VLX = 5.5V
1
µA
ON Input Low Voltage
1.8V < VOUT < 5.5V, VFB = 0.5V
400
mV
ON Input High Voltage
1.8V < VOUT < 5.5V, VFB = 0.5V
1.6
V
ON Input Bias Current
1µA
LCD OUTPUT
LXLCD Voltage
28
V
LXLCD On-Resistance
VOUT = 3.3V, ILXLCD = 100mA
2
LXLCD Current Limit
0.25
0.7
A
LXLCD Leakage Current
VLXLCD = 28V, VONLCD = 0
1
µA
FBLCD Regulation Voltage
1.20
1.30
V
FBLCD Input Bias Current
VFBLCD = 1.35V
70
nA
Maximum LXLCD On-Time
4
14
µs
VFBLCD
≥ 1.2V
0.5
1.5
Minimum LXLCD Off-Time
VFBLCD
≤ 0.7V
2.2
7.5
µs
ONLCD Input Low Voltage
2.5V < VOUT < 5.5V
400
mV
ONLCD Input High Voltage
2.5V < VOUT < 5.5V
1.6
V
ONLCD Input Bias Current
1µA
Note 1: Specifications to -40°C are guaranteed by design and not production tested.


Similar Part No. - MAX1817

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX181 MAXIM-MAX181 Datasheet
263Kb / 8P
   Network Interface Card Smart Regulator
19-1678; Rev 0; 4/00
MAX1810 MAXIM-MAX1810 Datasheet
263Kb / 8P
   Network Interface Card Smart Regulator
19-1678; Rev 0; 4/00
MAX1810ESA MAXIM-MAX1810ESA Datasheet
263Kb / 8P
   Network Interface Card Smart Regulator
19-1678; Rev 0; 4/00
MAX1811 MAXIM-MAX1811 Datasheet
167Kb / 8P
   USB-Powered Li Charger
19-2024; Rev 2; 6/03
MAX1811 MAXIM-MAX1811 Datasheet
1Mb / 8P
   USB-Powered Li Charger
2019
More results

Similar Description - MAX1817

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1677 MAXIM-MAX1677_V01 Datasheet
314Kb / 16P
   Compact, High-Efficiency, Dual-Output Step-Up and LCD Bias DC-DC Converter
2001
MAX1677 MAXIM-MAX1677 Datasheet
201Kb / 16P
   Compact, High-Efficiency, Dual-Output Step-Up and LCD Bias DC-DC Converter
Rev 0; 11/98
logo
Power IC Ltd.
PS1541 PICSEMI-PS1541 Datasheet
246Kb / 10P
   High Efficiency Step Up DC/DC Converter
logo
Guangdong Kexin Industr...
RCR2521SL KEXIN-RCR2521SL Datasheet
629Kb / 6P
   High Efficiency, Step-up DC/DC Converter
logo
ams AG
AS3677 AMSCO-AS3677_17 Datasheet
1Mb / 106P
   High-efficiency step up DC/DC converter
logo
Semtech Corporation
SC1628 SEMTECH-SC1628 Datasheet
121Kb / 4P
   HIGH-EFFICIENCY STEP-UP DC-DC CONVERTER
logo
Linear Technology
LTC3838EUHF LINER-LTC3838EUHF Datasheet
377Kb / 12P
   High Efficiency Dual Output Step-Down DC/DC Converter
logo
Analog Intergrations Co...
AIC1620 AIC-AIC1620 Datasheet
456Kb / 12P
   High Efficiency Synchronous Step-Up DC/DC Converter
logo
Silicon Standard Corp.
SS6620 SSC-SS6620 Datasheet
640Kb / 12P
   High Efficiency Synchronous Step-Up DC/DC Converter
logo
Holtek Semiconductor In...
HT77S10 HOLTEK-HT77S10 Datasheet
537Kb / 16P
   High Efficiency Synchronous Step-Up DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com