Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX1799A Datasheet(PDF) 7 Page - Maxim Integrated Products

Part # MAX1799A
Description  CDMA Cellular/PCS System Power Supplies
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1799A Datasheet(HTML) 7 Page - Maxim Integrated Products

Back Button MAX1799A Datasheet HTML 3Page - Maxim Integrated Products MAX1799A Datasheet HTML 4Page - Maxim Integrated Products MAX1799A Datasheet HTML 5Page - Maxim Integrated Products MAX1799A Datasheet HTML 6Page - Maxim Integrated Products MAX1799A Datasheet HTML 7Page - Maxim Integrated Products MAX1799A Datasheet HTML 8Page - Maxim Integrated Products MAX1799A Datasheet HTML 9Page - Maxim Integrated Products MAX1799A Datasheet HTML 10Page - Maxim Integrated Products MAX1799A Datasheet HTML 11Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
CDMA Cellular/PCS System
Power Supplies
_______________________________________________________________________________________
7
Note 1: The dropout voltage is defined as (VIN - VOUT) when VOUT is 100mV below the value of VOUT for VIN = VOUT + 1V.
Note 2: Specifications to -40°C are guaranteed by design, not production tested.
Note 3: Specifications are guaranteed by design, not production tested in the EGP (QFN) package.
CONDITIONS
SCLK Clock Frequency
fSCLK
2
MHz
SCLK Low Period
tcl
125
ns
SCLK High Period
tch
125
ns
Data Hold Time
tHD_DAT
0
ns
Data Setup Time
tSU_DAT
125
ns
CS Assertion to SCLK Rising
Edge Setup Time
tCSS
200
ns
CS Deassertion to SCLK Rising
Edge Setup Time
tCS1
200
ns
SCLK Rising Edge to CS
Deassertion
tCSH
200
ns
SCLK Rising Edge to CS
Assertion
tCSO
200
ns
CS High Period
tCSW
300
ns
UNITS
MIN
TYP
MAX
SYMBOL
PARAMETER
ELECTRICAL CHARACTERISTICS (continued)
(VIN1 = VIN2/3 = VIN4/5 = VSCLK (SCK) = VDIN (SDA) = V CS (AS) = V OFF = 3.6V; ON = GND = PGND = 0; RSO, ONO, DR1, DR2 =
open; BP bypassed with 0.01µF, OUT1 bypassed with 4.7µF; OUT2, OUT3, OUT4, OUT5 bypassed with 2.2µF; OUT1–5 set to 2.98V,
TA = -40°C to +85°C, unless otherwise noted.) (Note 2)
SPI TIMING (MAX1798/MAX1798A)
OUTPUT VOLTAGE ACCURACY (OUT1)
vs. LOAD CURRENT
-2.0
-1.0
-1.5
0
-0.5
1.5
1.0
0.5
2.0
0
100
50
150
200
250
300
LOAD CURRENT (mA)
VOUT1 = 3.3V
VOUT1 = 1.8V
VOUT1 = 2.98V
OUTPUT VOLTAGE ACCURACY (OUT2–5)
vs. LOAD CURRENT
-2.0
-1.0
-1.5
0
-0.5
1.5
1.0
0.5
2.0
050
25
75
100
125
150
LOAD CURRENT (mA)
VOUT1 = 1.8V
VOUT1 = 3.3V
VOUT1 = 2.98V
-2.0
-1.0
-1.5
0
-0.5
1.5
1.0
0.5
2.0
-40
10
-15
35
60
85
OUTPUT VOLTAGE ACCURACY (OUT1)
vs. TEMPERATURE
TEMPERATURE (°C)
ILOAD = 70mA
VOUT1(NOM) = 2.98V
Typical Operating Characteristics
(TA = +25°C, unless otherwise noted.)


Similar Part No. - MAX1799A

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1799A MAXIM-MAX1799A Datasheet
277Kb / 19P
   CDMA Cellular/PCS System Power Supplies
19-1655; Rev 2; 5/10
MAX1799AETP++ MAXIM-MAX1799AETP+ Datasheet
277Kb / 19P
   CDMA Cellular/PCS System Power Supplies
19-1655; Rev 2; 5/10
MAX1799AEUP++ MAXIM-MAX1799AEUP+ Datasheet
277Kb / 19P
   CDMA Cellular/PCS System Power Supplies
19-1655; Rev 2; 5/10
More results

Similar Description - MAX1799A

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1798 MAXIM-MAX1798_10 Datasheet
277Kb / 19P
   CDMA Cellular/PCS System Power Supplies
19-1655; Rev 2; 5/10
logo
National Semiconductor ...
LP3927 NSC-LP3927 Datasheet
326Kb / 16P
   Cellular/PCS System Power Management IC
logo
AVAGO TECHNOLOGIES LIMI...
ACPM-7353 AVAGO-ACPM-7353 Datasheet
1Mb / 17P
   CDMA Dual Band 4x5 Power Amplifier Module (Cellular/PCS)
logo
RF Micro Devices
RF2381 RFMD-RF2381_06 Datasheet
125Kb / 8P
   PCS/CELLULAR TDMA/CDMA/W-CDMA LINEAR VARIABLE GAIN AMPLIFIER
RF2381 RFMD-RF2381_1 Datasheet
261Kb / 10P
   PCS/CELLULAR TDMA/CDMA/W-CDMA LINEAR VARIABLE GAIN AMPLIFIER
RF2377 RFMD-RF2377 Datasheet
123Kb / 8P
   PCS/CELLULAR TDMA/CDMA/W-CDMA LINEAR VARIABLE GAIN AMPLIFIER
RF2381 RFMD-RF2381 Datasheet
102Kb / 8P
   PCS/CELLULAR TDMA/CDMA/W-CDMA LINEAR VARIABLE GAIN AMPLIFIER
RF2377 RFMD-RF2377_06 Datasheet
147Kb / 8P
   PCS/CELLULAR TDMA/CDMA/W-CDMA LINEAR VARIABLE GAIN AMPLIFIER
logo
ANADIGICS, Inc
AWT6321 ANADIGICS-AWT6321 Datasheet
422Kb / 8P
   HELP2TM Dual-band Cellular/PCS CDMA 3.4 V Linear Power Amplifier Module
AWC6323 ANADIGICS-AWC6323 Datasheet
608Kb / 11P
   HELP3ETM Dual-band Cellular & PCS CDMA 3.4 V Linear Power Amplifier Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com