Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX1816 Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX1816
Description  Dual Step-Down Controllers Plus Linear- Regulator Controller for Notebook Computers
Download  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1816 Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX1816 Datasheet HTML 1Page - Maxim Integrated Products MAX1816 Datasheet HTML 2Page - Maxim Integrated Products MAX1816 Datasheet HTML 3Page - Maxim Integrated Products MAX1816 Datasheet HTML 4Page - Maxim Integrated Products MAX1816 Datasheet HTML 5Page - Maxim Integrated Products MAX1816 Datasheet HTML 6Page - Maxim Integrated Products MAX1816 Datasheet HTML 7Page - Maxim Integrated Products MAX1816 Datasheet HTML 8Page - Maxim Integrated Products MAX1816 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 49 page
background image
Dual Step-Down Controllers Plus Linear-
Regulator Controller for Notebook Computers
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
V+ to AGND............................................................-0.3V to +30V
VCC, VDD to AGND...................................................-0.3V to +6V
PGND, GDS to AGND .........................................................
±0.3V
SKP1/SDN, SKP2/SDN, LIN/SDN to AGND............-0.3V to +16V
LINBSE, SUS, PERF, DPSLP, PGOOD,
LINGOOD, CS1+, CS1-, FBS, D0–D4,
OUT2 to AGND.....................................................-0.3V to +6V
OFS0, OFS1, OFS2, ILIM1, ILIM2,
FB2, REF, TON, TIME, OVPSET, S0, S1,
GAIN, CC, LINFB to AGND ....................-0.3V to (VCC + 0.3V)
DL1, DL2 to PGND .....................................-0.3V to (VDD + 0.3V)
DH1 to LX1 ..............................................-0.3V to (VBST1 + 0.3V)
DH2 to LX2 ..............................................-0.3V to (VBST2 + 0.3V)
BST1 to LX1..............................................................-0.3V to +6V
BST2 to LX2..............................................................-0.3V to +6V
LX1, LX2, CS2 to AGND ............................................-2V to +30V
REF Short Circuit to AGND.........................................Continuous
LINBSE Short Circuit to +6V.......................................Continuous
Continuous Power Dissipation (TA = +70
°C)
48-Pin Thin QFN (derate 26.3mW/
°C above +70°C) .2105mW
Operating Temperature Range .........................-40
°C to +100°C
Junction Temperature ......................................................+150
°C
Storage Temperature Range .............................-65
°C to +150°C
Lead Temperature (soldering, 10s) .................................+300
°C
ELECTRICAL CHARACTERISTICS
(Circuit of Figure 1, V+ = 15V, VOUT1 = 1.20V, VOUT2 = 2.50V, VCC = VDD = 5.0V, VSKP1/SDN = VSKP2/SDN = VLIN/SDN = 5.0V,
TA = 0°C to +85°C. Typical values are at TA = +25
°C, unless otherwise noted.)
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
TON = REF, open, or VCC
228
Battery voltage V+
TON = GND
2
16
Input Voltage Range
VCC, VDD
4.5
5.5
V
DAC codes from 0.600V to
1.750V (MAX1816)
BUCK1 DC Output Voltage
Accuracy
V+ = 4.5V to 28V,
includes load
regulation errors,
OFS_ = GDS = AGND,
CS1+ = CS1- = FBS
DAC codes from 0.700V to
2.000V (MAX1994)
-1
+1
%
FB2 = GND
2.475
2.500
2.525
FB2 = VCC
1.782
1.800
1.818
BUCK2 Error Comparator Threshold
(DC Output Voltage Accuracy)
(Note 1)
V+ = 4.5V to 28V
FB2 = OUT2
0.990
1.000
1.010
V
OUT2 Adjust Range
1.0
5.5
V
FB2 GND Level
Voltage level to enable internal feedback for BUCK2
with VOUT2 = 2.5V
0.05
V
FB2 External Feedback Level
Voltage level to enable external feedback for BUCK2
with FB2 regulated to 1.0V nominal
0.15
1.90
V
FB2 VCC Level
Voltage level to enable internal feedback for BUCK2
with VOUT2 = 1.8V
2.10
V
GAIN = GND
0
GAIN = REF
1.425
1.500
1.575
GAIN = open
1.900
2.000
2.100
Voltage-Positioning Gain
GAIN = VCC
3.800
4.000
4.200
V/V


Similar Part No. - MAX1816

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX18166EWE++ MAXIM-MAX18166EWE+ Datasheet
1Mb / 22P
   High-Efficiency, 4A, Step-Down DC-DC Regulators with Internal Power Switches
19-100202; Rev 0; 11/17
More results

Similar Description - MAX1816

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1715 MAXIM-MAX1715 Datasheet
308Kb / 28P
   Ultra-High Efficiency, Dual Step-Down Controller for Notebook Computers
19-1541; Rev 0; 1/00
MAX1714 MAXIM-MAX1714 Datasheet
443Kb / 24P
   High-Speed Step-Down Controller for Notebook Computers
19-1536; Rev 1; 12/99
logo
Linear Technology
LT3500 LINER-LT3500_15 Datasheet
328Kb / 28P
   Monolithic 2A Step-Down Regulator Plus Linear Regulator/Controller
LT3500 LINER-LT3500 Datasheet
286Kb / 28P
   Monolithic 2A Step-Down Regulator Plus Linear Regulator/Controller
LT1939 LINER-LT1939 Datasheet
347Kb / 24P
   Monolithic 2A Step-Down Regulator Plus Linear Regulator/Controller
LT1939EDD LINER-LT1939EDD Datasheet
354Kb / 24P
   Monolithic 2A Step-Down Regulator Plus Linear Regulator/Controller
LT1939 LINER-LT1939_15 Datasheet
354Kb / 24P
   Monolithic 2A Step-Down Regulator Plus Linear Regulator/Controller
logo
Maxim Integrated Produc...
MAX8764 MAXIM-MAX8764 Datasheet
597Kb / 23P
   High-Speed, Step-Down Controller with Accurate Current Limit for Notebook Computers
Rev 0; 3/05
MAX1844 MAXIM-MAX1844 Datasheet
864Kb / 24P
   High-Speed Step-Down Controller with Accurate Current Limit for Notebook Computers
Rev 3; 9/02
logo
Anpec Electronics Corop...
APW7060 ANPEC-APW7060 Datasheet
179Kb / 16P
   Dual Controllers - Step Down Synchronous PWM and Linear Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com