Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX1816 Datasheet(PDF) 8 Page - Maxim Integrated Products

Part # MAX1816
Description  Dual Step-Down Controllers Plus Linear- Regulator Controller for Notebook Computers
Download  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1816 Datasheet(HTML) 8 Page - Maxim Integrated Products

Back Button MAX1816 Datasheet HTML 4Page - Maxim Integrated Products MAX1816 Datasheet HTML 5Page - Maxim Integrated Products MAX1816 Datasheet HTML 6Page - Maxim Integrated Products MAX1816 Datasheet HTML 7Page - Maxim Integrated Products MAX1816 Datasheet HTML 8Page - Maxim Integrated Products MAX1816 Datasheet HTML 9Page - Maxim Integrated Products MAX1816 Datasheet HTML 10Page - Maxim Integrated Products MAX1816 Datasheet HTML 11Page - Maxim Integrated Products MAX1816 Datasheet HTML 12Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 49 page
background image
Dual Step-Down Controllers Plus Linear-
Regulator Controller for Notebook Computers
8
_______________________________________________________________________________________
ELECTRICAL CHARACTERISTICS
(Circuit of Figure 1, V+ = 15V, VOUT1 = 1.20V, VOUT2 = 2.50V, VCC = VDD = 5.0V, VSKP1/SDN = VSKP2/SDN = VLIN/SDN = 5.0V,
TA = -40°C to +100°C, unless otherwise noted.) (Note 6)
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
TON = REF, open, or VCC
228
Battery voltage V+
TON = GND
2
16
Input Voltage Range
VCC, VDD
4.5
5.5
V
DAC codes from 0.600V to
1.750V (MAX1816)
BUCK1 DC Output-Voltage
Accuracy
V+ = 4.5V to 28V, includes
load regulation errors,
OFS_ = GDS = AGND,
CS1+ = CS1- = FBS
DAC codes from 0.700V to
2.000V (MAX1994)
-1.5
+1.5
%
FB2 = GND
2.463
2.538
FB2 = VCC
1.773
1.827
BUCK2 Error Comparator
Threshold (DC Output-Voltage
Accuracy) (Note 1)
V+ = 4.5V to 28V
FB2 = OUT2
0.985
1.015
V
OUT2 Adjust Range
1.0
5.5
V
GAIN = REF
1.425
1.575
GAIN = open
1.900
2.100
Voltage-Positioning Gain
GAIN = VCC
3.800
4.200
V/V
Current-Sense Differential Input
Range (CS1+, CS1-)
200
mV
Remote-Sense Differential Input
Range (CS1+, FBS)
300
mV
Remote-Sense Differential Input
Range (GDS, AGND)
200
mV
CS1+, FBS Input Bias Current
-300mV < VCS1+ - VFBS < +300mV
-60
+60
µA
CS1- Input Bias Current
-100mV < VCS1+ - VCS1- < +100mV, VCS1- = VFBS
-60
+60
µA
252kHz nominal; RTIME =143k
-8
+8
TIME Frequency Accuracy
53kHz nominal to 530kHz nominal; RTIME = 680k
Ω to 68kΩ
-12
+12
%
V+ = 5V, CS1- = 1.2V
TON = GND (1000kHz)
230
290
TON = REF (550kHz)
165
215
TON = open (300kHz)
320
390
BUCK1 On-Time (Note 2)
V+ = 12V, CS1- = 1.2V
TON = VCC (200kHz)
465
565
ns
V+ = 5V, OUT2 = 2.5V
TON = GND (715kHz)
630
810
TON = REF (390kHz)
495
605
TON = open (390kHz)
495
605
BUCK2 On-Time (Note 2)
V+ = 12V, OUT2 = 2.5V
TON = VCC (260kHz)
740
910
ns
TON = open, TON = VCC (Note 2)
500
Minimum Off-Time
TON = GND, TON = REF (Note 2)
375
ns
Quiescent Supply Current (VCC)
Measured at VCC, with FBS, OUT2, FB2, and LINFB
forced above the no-load regulation point
4500
µA


Similar Part No. - MAX1816

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX18166EWE++ MAXIM-MAX18166EWE+ Datasheet
1Mb / 22P
   High-Efficiency, 4A, Step-Down DC-DC Regulators with Internal Power Switches
19-100202; Rev 0; 11/17
More results

Similar Description - MAX1816

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1715 MAXIM-MAX1715 Datasheet
308Kb / 28P
   Ultra-High Efficiency, Dual Step-Down Controller for Notebook Computers
19-1541; Rev 0; 1/00
MAX1714 MAXIM-MAX1714 Datasheet
443Kb / 24P
   High-Speed Step-Down Controller for Notebook Computers
19-1536; Rev 1; 12/99
logo
Linear Technology
LT3500 LINER-LT3500_15 Datasheet
328Kb / 28P
   Monolithic 2A Step-Down Regulator Plus Linear Regulator/Controller
LT3500 LINER-LT3500 Datasheet
286Kb / 28P
   Monolithic 2A Step-Down Regulator Plus Linear Regulator/Controller
LT1939 LINER-LT1939 Datasheet
347Kb / 24P
   Monolithic 2A Step-Down Regulator Plus Linear Regulator/Controller
LT1939EDD LINER-LT1939EDD Datasheet
354Kb / 24P
   Monolithic 2A Step-Down Regulator Plus Linear Regulator/Controller
LT1939 LINER-LT1939_15 Datasheet
354Kb / 24P
   Monolithic 2A Step-Down Regulator Plus Linear Regulator/Controller
logo
Maxim Integrated Produc...
MAX8764 MAXIM-MAX8764 Datasheet
597Kb / 23P
   High-Speed, Step-Down Controller with Accurate Current Limit for Notebook Computers
Rev 0; 3/05
MAX1844 MAXIM-MAX1844 Datasheet
864Kb / 24P
   High-Speed Step-Down Controller with Accurate Current Limit for Notebook Computers
Rev 3; 9/02
logo
Anpec Electronics Corop...
APW7060 ANPEC-APW7060 Datasheet
179Kb / 16P
   Dual Controllers - Step Down Synchronous PWM and Linear Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com