Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PCM-24D4R4-AE Datasheet(PDF) 1 Page - Advantech Co., Ltd.

Part # PCM-24D4R4-AE
Description  2-Port Isolated RS-422/485 mPCIe, DB9
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

PCM-24D4R4-AE Datasheet(HTML) 1 Page - Advantech Co., Ltd.

  PCM-24D4R4-AE Datasheet HTML 1Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
www.advantech.com/products
Online Download
Features
PCM-24D2R2
PCM-24D2R4
PCM-24D4R2
PCM-24D4R4
PCM-24D2R2
PCM-24D2R4
PCM-24D4R2
PCM-24D4R4
2-Port Isolated RS-232 mPCIe, DB9
2-Port Isolated RS-422/485 mPCIe, DB9
4-Port Non-Isolated RS-232 mPCIe, DB37
4-Port Non-Isolated RS-422/485 mPCIe, DB37
NEW
Dimensions
ƒ Meets Advantech Standard iDoor Technology
ƒ PCI Express® Mini Card Specification Revision 1.2 compliant
ƒ Speeds up to 921.6 kbps for extremely fast data transmission
ƒ Supports any baud rate setting (50 bps ~ 921.6 kbps)
ƒ Supports both Isolated & Non-Isolated Protection with 2/4 ports
RS-232/422/485
ƒ I/O address automatically assigned by PCIe plug & play
ƒ Supports Windows 2000/XP/Vista/7, Linux 2.4/2.6
ƒ OXPCIe952/OXPCIe954 UART with 128-byte FIFOs standard
ƒ Supports Embedded Automation PC UNO-2200/2300/2400 series
ƒ Supports Control DIN-Rail PC UNO-1200/1300/1400 series
ƒ Supports Control Cabinet PC UNO-3200/3300/3400 series
ƒ Supports Control Panel Computers TPC-xx81/xx82 series
ƒ Supports Thin Client Panel Computers TPC-xx51 series
Specifications
General
ƒ
Bus Type
PCI Express Mini Card Revision 1.2
ƒ
Certification
CE, FCC class A
ƒ
Connectors
2 x Male DB9 for PCM-24D2xx
1 x Female DB37 for PCM-24D4xx
ƒ
Dimensions
Module: 51 x 30 x 12.4 mm (2" x 1.18" x 0.49")
I/O Plate: 81 x 19.4 x 41 mm (3.19" x 0.76" x 1.61")
ƒ
Power Consumption
400 mA @ +3.3 V for PCM-24D2xx
500 mA @ +3.3 V for PCM-24D4xx
Communications
ƒ
Comm. Controller
OxPCIe952 for PCM-24D2xx
OxPCIe954 for PCM-24D4xx
ƒ
Data Bits
5, 6, 7, 8
ƒ
Data Signals
RS-232: TX, RX, RTS, CTS, DTR, DSR, DCD, DI, GND
RS-422: TX+, TX-, RX+, RX-, (PCM-24D4R4)
TX+, TX-, RX+, RX-, CTS+, CTS-, RTS+, RTS-
(PCM-24D2R4)
RS-485: Data+, Data-
ƒ
FIFO
128 bytes
ƒ
Flow Control
RTS/CTS (PCM-24D4R4 not supported), Xon/Xoff
ƒ
Parity
None, Odd, Even, Mark and Space
ƒ
Speed
50 bps ~ 921.6 kbps ( PCM-24D2R4 & PCM-24D4R4
only) and any other baud rate setting 230.4 kbps
ƒ
Stop Bits
1, 1.5, 2
Protection
ƒ
Isolation Protection
2,000 VDC for PCM-24D2xx only
ƒ
ESD Protection
15 KV
ƒ
EFT Protection
2,500 V
ƒ
Surge Protection
1,000 VDC
Software
ƒ
Bundled Software
ICOM Tools & Drivers
ƒ
OS Support
Microsoft® Windows® 2000/XP/Vista/7 and Linux
Environment
ƒ
Humidity (Operating)
5-95% RH, non-condensing
ƒ
Operating Temperature -20 ~ 60°C (-4 ~ 140°F)
ƒ
Storage Temperature
-40 ~ 85°C ( -40 ~ 185°F)
Introduction
The PCM-24 series are categorized as communication modules from Advantech iDoor Technology. They are all compatible with the PCI Express® Mini Card Specification Revision 1.2.
including Isolated / Non-Isolated RS-232/422/485 communication cards for automation control, Wi-Fi/3G/GPS/GSM/LTE wireless communication models for data exchange during
the management and machine level of automation application, Zigbee module as an IoT terminal or controller and PoE function for smart camera in detect inspection application of
production. This is a flexible design that enables customers to customize their features which meet iDoor Technology.
Ordering Information
ƒ
PCM-24D2R2-AE
OXPCIe-952 UART, Isolated RS-232, DB9 x 2
ƒ
PCM-24D2R4-AE
OXPCIe-952 UART, Isolated RS-422/485, DB9 x 2
ƒ
PCM-24D4R2-AE
OXPCIe-954 UART, Non-Isolated RS-232, DB37 x 1
ƒ
PCM-24D4R4-AE
OXPCIe-954 UART, Non-Isolated RS-422/485, DB37 x 1
RoHS
COMPLIANT
2002/95/EC
76
M3
5
81
200
200
11.2
M3
51
Cable Length
I/O Plate
Module
PCM-24D2R2/PCM-24D2R4
76
5
M3
81
11.2
M3
200
51
Cable Length
I/O Plate
PCM-24D4R2/PCM-24D4R4
Module
All product specifications are subject to change without notice
Last updated : 5-May-2015


Similar Part No. - PCM-24D4R4-AE

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
PCM-24D4R4-AE ADVANTECH-PCM-24D4R4-AE Datasheet
745Kb / 2P
   18.5" HD TFT LED LCD Multi-Touch Panel Computer with 4th Gen. Intel® Core™ i3/ i7 Processor
5-Jan-2021
PCM-24D4R4-AE ADVANTECH-PCM-24D4R4-AE Datasheet
784Kb / 2P
   18.5 FHD TFT LED LCD Intel® 4th Generation Core i5 Multi-Touch Panel Computer
5-Jan-2021
PCM-24D4R4-AE ADVANTECH-PCM-24D4R4-AE Datasheet
361Kb / 2P
   6.5"~21.5" TFT LCD Windows-based Thin Client Terminal with WebAccess/HMI Runtime
3-Feb-2016
More results

Similar Description - PCM-24D4R4-AE

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
PCM-24D2R2-BE ADVANTECH-PCM-24D2R2-BE Datasheet
398Kb / 1P
   2-Port Isolated RS-232, mPCIe, DB9
6-Jul-2017
PCM-26D2CA ADVANTECH-PCM-26D2CA_15 Datasheet
210Kb / 1P
   2-Port Isolated CANBus mPCIe, CANOpen, DB9
PCM-26D2CA ADVANTECH-PCM-26D2CA Datasheet
284Kb / 1P
   2-Port Isolated CANBus mPCIe, CANopen, DB9
27-Jun-2018
BB-USOPTL4-2P ADVANTECH-BB-USOPTL4-2P Datasheet
526Kb / 2P
   Isolated USB 2 or 4 Port RS-422/485 Converters
ADAM-4571S ADVANTECH-ADAM-4571S Datasheet
133Kb / 1P
   2-port isolated RS-422/485 to Ethernet Data Gateway
ECU-P1628D ADVANTECH-ECU-P1628D Datasheet
386Kb / 1P
   8-Port Isolated/Non Isolated RS-232/422/485
27-Jun-2018
ADAM-4570S ADVANTECH-ADAM-4570S Datasheet
133Kb / 1P
   2-port isolated RS-422/485 to Ethernet Data Gateway
logo
Coolgear Inc.
USB-2COMI-SI-M COOLGEAR-USB-2COMI-SI-M Datasheet
129Kb / 2P
   2 Port USB to RS-422 /485 Optical Isolated Adapter
logo
List of Unclassifed Man...
CPCI-3544 ETC2-CPCI-3544 Datasheet
168Kb / 1P
   4-port RS-422/RS-485 Isolated Serial Communications Modules
logo
ADL Embedded Solutions
104-COM-8S ADL-104-COM-8S Datasheet
290Kb / 2P
   8-port RS-422/485
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com