Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IPC-7220 Datasheet(PDF) 1 Page - Advantech Co., Ltd.

Part # IPC-7220
Description  Desktop/wallmount Chassis for ATX/mATX Motherboard
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

IPC-7220 Datasheet(HTML) 1 Page - Advantech Co., Ltd.

  IPC-7220_15 Datasheet HTML 1Page - Advantech Co., Ltd. IPC-7220_15 Datasheet HTML 2Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Industrial Computer Chassis
Features
IPC-7220
Desktop/wallmount Chassis for
ATX/mATX Motherboard
ƒ Two 5.25" and two 3.5" shock-resistant drive bays
ƒ Lockable front door to prevent unauthorized access
ƒ LED indicators and alarm notification for system fault detection
ƒ Easy-to-maintain system fan and air filter
ƒ Low noise system fan
ƒ Built-in Intelligent System Module enables whole system fan control and
remote manageability
Specifications
Drive Bay
External
Internal
5.25"
2
-
3.5"
1
1
Cooling
Fan
1 (12 cm / 85 CFM)
Air Filters
2 (one 7 x 12 cm and one 12 x 12 cm)
Smart Fan
System fan speed referring to chassis thermal sensor, or CPU temperature (Available with selected
Advantech MBs/CPU cards)
Front I/O Interface
USB 2.0
2
PS/2
PS/2 keyboard and mouse, or PS/2 keyboard depends on the enclosed motherboard
Miscellaneous
LED Indicators
Power, HDD, temperature and fan
Control
Power switch, system reset and alarm reset buttons
Rear Panel
Reserved Two 9-pin D-Sub openings, one LPT opening
Intelligent System Module
Remote Monitoring
CPU/System fan speed , CPU/System temperature , motherboard voltage (Only selected Advantech MBs/CPU cards with SUSIAccess
installed can fully enable these functions, check with Advantech local rep. for detailed information.)
Environmental
Operating
Non-Operating
Temperature
0 ~ 40° C (32 ~ 104° F)
-20 ~ 60° C (-4 ~ 140° F)
Humidity
10 ~ 85% @ 40° C, non-condensing
10 ~ 95% @ 40° C, non-condensing
Vibration (5 ~ 500 Hz)
1 Grms
2 G
Shock
10 G (with 11 ms duration, half sine wave)
30 G
Physical Characteristics
Dimensions (W x H x D)
200 x 320 x 480 mm (7.9" x 12.6" x 18.9")
Weight
14 kg (30.8 lb)
One internal 3.5" HDD
Easy-to-replace cooling fan
Easy-to-replace fan filter
Easy-to-maintain power
supply bracket design
Two 5.25"
drive bays
USB
PS/2
Power switch
System
reset button
Alarm reset button
One 3.5"
drive bay
Power LED
Fan LED
Temp. LED
HDD LED
Hold-down
clamp
RoHS
COMPLIANT
2002/95/EC
All product specifications are subject to change without notice
Last updated : 20-Mar-2015


Similar Part No. - IPC-7220_15

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
IPC-7220 ADVANTECH-IPC-7220_12 Datasheet
2Mb / 2P
   Quiet Desktop/Wallmount Chassis Ready for ATX Motherboard
IPC-7220 ADVANTECH-IPC-7220_17 Datasheet
1Mb / 2P
   Desktop/wallmount Chassis for ATX/mATX Motherboard
More results

Similar Description - IPC-7220_15

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
IPC-7220 ADVANTECH-IPC-7220_17 Datasheet
1Mb / 2P
   Desktop/wallmount Chassis for ATX/mATX Motherboard
IPC-7220 ADVANTECH-IPC-7220 Datasheet
833Kb / 2P
   Desktop/Wallmount Chassis for ATX Motherboard
IPC-7132 ADVANTECH-IPC-7132_17 Datasheet
835Kb / 2P
   Cost-effective Wallmount Chassis for ATX/mATX Motherboard
IPC-5120 ADVANTECH-IPC-5120_15 Datasheet
1,004Kb / 2P
   Desktop/Wallmount Chassis with front I/O Interfaces for ATX/mATX Motherboard
IPC-7130L ADVANTECH-IPC-7130L_15 Datasheet
940Kb / 2P
   Desktop/Wallmount Chassis for ATX/MicroATX Motherboard
IPC-5120 ADVANTECH-IPC-5120_V01 Datasheet
1Mb / 2P
   Desktop/Wallmount Chassis with front I/O Interfaces for ATX/mATX Motherboard
1-Jun-2020
IPC-7220 ADVANTECH-IPC-7220_12 Datasheet
2Mb / 2P
   Quiet Desktop/Wallmount Chassis Ready for ATX Motherboard
IPC-7132 ADVANTECH-IPC-7132 Datasheet
2Mb / 2P
   Cost-effective Wallmount Chassis for ATX/mATX Motherboard and 10-slot Backplane
IPC-5122 ADVANTECH-IPC-5122_V01 Datasheet
1Mb / 2P
   Desktop/Wallmount Chassis for MicroATX Motherboard
1-Jun-2020
IPC-7132 ADVANTECH-IPC-7132_15 Datasheet
1Mb / 2P
   Cost-effective Wallmount Chassis for ATX/mATX Motherboard and 10-slot Backplane
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com