Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX1811 Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # MAX1811
Description  USB-Powered Li Charger
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1811 Datasheet(HTML) 6 Page - Maxim Integrated Products

  MAX1811 Datasheet HTML 1Page - Maxim Integrated Products MAX1811 Datasheet HTML 2Page - Maxim Integrated Products MAX1811 Datasheet HTML 3Page - Maxim Integrated Products MAX1811 Datasheet HTML 4Page - Maxim Integrated Products MAX1811 Datasheet HTML 5Page - Maxim Integrated Products MAX1811 Datasheet HTML 6Page - Maxim Integrated Products MAX1811 Datasheet HTML 7Page - Maxim Integrated Products MAX1811 Datasheet HTML 8Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
USB-Powered Li+ Charger
6
_______________________________________________________________________________________
USB*
PORT
4.35V TO 5.5V
IN
MAX1811
SYSTEM
LOAD
BATT
SINGLE
Li+
CELL
*WHEN USING WALL ADAPTER, IN VOLTAGE RANGE IS FROM 4.35V TO 6.5V.
Figure 2. System Configuration
Detailed Description
Charger-Control Circuitry
The voltage/current regulator consists of a voltage con-
trol loop, a current control loop, and a thermal control
loop (Figure 1). Use the SELV input to set the battery
regulation voltage to a 4.1V or 4.2V single Li+ cell. The
current and thermal loops are internally compensated
and require no external compensation. The outputs
from all loops drive an internal linear regulator. The
thermal loop modulates the current loop by limiting the
charge current if the die temperature exceeds +125°C.
The MAX1811 is in current mode when the BATT volt-
age is below the regulation set point and in voltage
mode when the BATT voltage is near the regulation set
point. The CHG output indicates whether the part is in
current mode (CHG = low) or voltage mode (CHG =
high impedance). Battery voltages less than 2.5V acti-
vate a 43mA preconditioning mode (CHG = high
impedance). Normal charging resumes when the bat-
tery voltage exceeds 2.5V.
System Configuration
The MAX1811 is designed to operate seamlessly with a
universal serial bus (USB) port. In a typical design, the
USB connects to the MAX1811 input, and the MAX1811
drives the load and charges the battery when enabled.
Charge-Current Selection
The MAX1811 charges a single cell Li+ battery in either
100mA or 500mA modes. The MAX1811 expects the
system to poll the USB host to determine if the USB is
capable of providing 100mA or 500mA and regulates
the charging current accordingly (Figure 2). This is to
maintain compatibility with both powered and unpow-
ered USB hosts. A powered USB host is capable of
providing 500mA, and an unpowered USB hub is limit-
ed to only 100mA.
Drive SELI low to set the charge current to the 100mA
mode. Use a 10k
Ω pulldown resistor to ground on SELI,
if necessary, to ensure that the MAX1811 defaults to
the 100mA mode in the event that no logic signal is
present. Drive SELI high to increase the charge current
to the 500mA mode only if the polled USB port can pro-
vide the required current.
Thermal-Control Circuitry
The thermal loop limits the MAX1811 die temperature to
+125°C by reducing the charging current as neces-
sary. The MAX1811 can operate normally with the ther-
mal loop active. This is not a fault condition and can be
used continuously. The power dissipated by the inter-
nal power FET is determined by (VIN - VBATT) ICHG.
The power dissipation rating for the thermally enhanced
8-pin SO package is 1.4W at +50°C ambient (assuming
a 1in2 PC board radiating area), which is the maximum
ambient temperature at which most Li+ battery manu-
facturers allow charging. The 1.4W power dissipation
may never be reached due to the MAX1811’s thermal
regulation loop.
Applications Information
USB Output Voltage
The minimum voltage to a USB-powered device may
be as low as 4.35V when cable and connector drops
are considered (Figure 3). The MAX1811 is optimized
for operation at these low input voltage levels. USB
hubs may also provide as much as 5.5V. At high input
voltages (5.5V) and low cell voltages (2.7V), the
MAX1811’s thermal loop may limit the charge current
until the cell voltage rises.


Similar Part No. - MAX1811

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1811 MAXIM-MAX1811 Datasheet
1Mb / 8P
   USB-Powered Li Charger
2019
MAX1811ESA MAXIM-MAX1811ESA Datasheet
1Mb / 8P
   USB-Powered Li Charger
2019
MAX1811 MAXIM-MAX1811_V01 Datasheet
1Mb / 8P
   USB-Powered Li Charger
2019
More results

Similar Description - MAX1811

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1811 MAXIM-MAX1811_V01 Datasheet
1Mb / 8P
   USB-Powered Li Charger
2019
logo
Microsemi Corporation
LX2201 MICROSEMI-LX2201 Datasheet
172Kb / 11P
   USB Li-Ion Battery Charger
logo
Linear Technology
LTC4095 LINER-LTC4095_15 Datasheet
236Kb / 16P
   Standalone USB Li-Ion/Polymer Battery Charger
LTC4055-1 LINER-LTC4055-1_15 Datasheet
302Kb / 24P
   USB Power Controller and Li-Ion Charger
LTC4055 LINER-LTC4055_15 Datasheet
302Kb / 24P
   USB Power Controller and Li-Ion Charger
logo
ams AG
AS3610 AMSCO-AS3610 Datasheet
1Mb / 26P
   Swi tching Charger for Li -Ion/LiPo/LiFePO4 powered devices
logo
Linear Technology
LTC4055 LINER-LTC4055 Datasheet
283Kb / 24P
   USB Power Controller and Li-Ion Linear Charger
DC1142A-A LINER-DC1142A-A_15 Datasheet
164Kb / 1P
   LTC3557EUF USB PWR MGR with Li-Ion CHARGER
DC1142A-B LINER-DC1142A-B_15 Datasheet
164Kb / 1P
   LTC3557EUF USB PWR MGR with Li-Ion CHARGER
logo
Fairchild Semiconductor
FAN5400 FAIRCHILD-FAN5400 Datasheet
559Kb / 5P
   USB-Compliant Single-Cell Li-Ion Switching Charger
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com