Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IPC-120BP-00XE Datasheet(PDF) 1 Page - Advantech Co., Ltd.

Part # IPC-120BP-00XE
Description  Cost Effective Compact 1U Rackmount Chassis for Half-size SBC
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

IPC-120BP-00XE Datasheet(HTML) 1 Page - Advantech Co., Ltd.

  IPC-120BP-00XE Datasheet HTML 1Page - Advantech Co., Ltd. IPC-120BP-00XE Datasheet HTML 2Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Industrial Chassis
Features
IPC-120
Cost Effective Compact 1U Rackmount
Chassis for Half-size SBC
ƒ Compact, space-saving 1U rackmount chassis
ƒ Supports half-size SBC and up to 2 expansion cards
ƒ Supports 80plus single power supply up to 350W
ƒ Optional fan kit for cooling high performance add-on card
Specifications
Drive Bay
Internal
2.5"
2
Cooling
Fan
1 (4 cm / 6.5 CFM)
Air Filter
Yes
Front I/O Interface
USB
2
Miscellaneous
LED Indicators
Power, HDD
Rear Panel
Two 9-pin D-Sub openings
Environment
Operating
Non-Operating
Temperature
0 ~ 40° C (32 ~ 104° F)
-40 ~ 70° C (-40 ~ 156° F)
Humidity
10 ~ 95% @ 40° C, non-condensing
10 ~ 95% @ 60° C, non-condensing
Vibration (5 ~ 500 Hz)
1 Grms
2 G
Shock
10 G (with 11 ms duration, half sine wave)
Physical Characteristics
Dimensions (W x H x D)
480 x 44 x 300 mm (19" x 1.7" x 11.8")
Weight
3.1 kg (6.82 lb)
RoHS
COMPLIANT
2002/95/EC
Front View
Rear View
Inside View
Power/
HDD LED
System reset
Power
switch
Dual USB
Two COM openings
Supports up to two
expansion cards
Supports 80plus
single power supply
Supports half-size SBC
Reserved one 4cm fan
for expansion cards
4cm cooling fan
Two 2.5" drive bays
*Note: Backplane, SBC, motherboard, power supply, and add-on cards are not included.
NEW
All product specifications are subject to change without notice
Last updated : 8-Jul-2015


Similar Part No. - IPC-120BP-00XE

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
IPC-120BP-00XE ADVANTECH-IPC-120BP-00XE Datasheet
637Kb / 2P
   Cost Effective Compact 1U Rackmount Chassis for Half-size SBC
More results

Similar Description - IPC-120BP-00XE

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
IPC-120 ADVANTECH-IPC-120 Datasheet
637Kb / 2P
   Cost Effective Compact 1U Rackmount Chassis for Half-size SBC
logo
Axiomtek Co., Ltd.
AX61120TP AXIOMTEK-AX61120TP_16 Datasheet
431Kb / 2P
   1U Rackmount Chassis for full-size SBC
AX61120TP AXIOMTEK-AX61120TP_17 Datasheet
429Kb / 2P
   1U Rackmount Chassis for full-size SBC
AX61131TM AXIOMTEK-AX61131TM_16 Datasheet
347Kb / 2P
   1U Cost-effective Rackmount Chassis for ATX Motherboard
logo
Advantech Co., Ltd.
IPC-3026 ADVANTECH-IPC-3026_V01 Datasheet
969Kb / 2P
   Quiet Compact Chassis for Half-size SHB/SBC
5-Jul-2017
IPC-3026BP-15ZE ADVANTECH-IPC-3026BP-15ZE Datasheet
1,020Kb / 2P
   Quiet Compact Chassis for Half Size SHB/SBC
ACP-1010BP ADVANTECH-ACP-1010BP Datasheet
561Kb / 2P
   Compact 1U Rackmount Chassis for SHB/SBC or ATX/MicroATX Motherboard
20-Aug-2009
ACP-1010 ADVANTECH-ACP-1010 Datasheet
869Kb / 2P
   1U Rackmount Chassis for Full-size SHB/SBC or ATX/MicroATX Motherboard
ACP-1320 ADVANTECH-ACP-1320_13 Datasheet
914Kb / 2P
   1U Rackmount Chassis for Full-size SHB/SBC or ATX/MicroATX Motherboard
ACP-1000 ADVANTECH-ACP-1000 Datasheet
1Mb / 2P
   1U Rackmount Chassis for SBC or ATX/MicroATX Motherboard
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com