Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MKW20M Datasheet(PDF) 3 Page - Minmax Technology Co., Ltd.

Part # MKW20M
Description  Fully Regulated Output Voltage
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINMAX [Minmax Technology Co., Ltd.]
Direct Link  http://www.minmax.com.tw
Logo MINMAX - Minmax Technology Co., Ltd.

MKW20M Datasheet(HTML) 3 Page - Minmax Technology Co., Ltd.

  MKW20M Datasheet HTML 1Page - Minmax Technology Co., Ltd. MKW20M Datasheet HTML 2Page - Minmax Technology Co., Ltd. MKW20M Datasheet HTML 3Page - Minmax Technology Co., Ltd. MKW20M Datasheet HTML 4Page - Minmax Technology Co., Ltd. MKW20M Datasheet HTML 5Page - Minmax Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
MKW20M SERIES
DC/DC CONVERTER 20W, Reinforced Insulation, Medical Safety
E-mail:sales@minmax.com.tw
Tel:886-6-2923150
2015/05/22 P5
Page 3 of 5
®
Power Derating Curve
MKW20-24D12M
MKW20-12S12M, MKW20-12D12M, MKW20-12D15M,
MKW20-24S12M, MKW20-24D15M, MKW20-48S12M, MKW20-48D15M
MKW20-48S05M, MKW20-48S051M, MKW20-48D12M
MKW20-24S05M, MKW20-24S051M
MKW20-12S05M, MKW20-12S051M
Notes
1
Specifications typical at Ta=+25
℃, resistive load, nominal input voltage and rated output current unless otherwise noted.
2
Transient recovery time is measured to within 1% error band for a step change in output load of 75% to 100%.
3
We recommend to protect the converter by a slow blow fuse in the input supply line.
4
Other input and output voltage may be available, please contact factory.
5
To meet EN61000-4-4 & EN61000-4-5 an external capacitor across the input pins is required.Suggested capacitor:TBD
6
That “natural convection” is about 20LFM but is not equal to still air (0 LFM).
7
Specifications are subject to change without notice.
~
Ambient Temperature
0
20
40
60
80
100
-40
0
20
60
100 110
80
40
Natural
Convection
20LFM
C
~
Ambient Temperature
0
20
40
60
80
100
-40
0
20
60
100 110
80
40
Natural
Convection
20LFM
C
~
Ambient Temperature
0
20
40
60
80
100
-40
0
20
60
100 110
80
40
Natural
Convection
20LFM
C


Similar Part No. - MKW20M

ManufacturerPart #DatasheetDescription
logo
Minmax Technology Co., ...
MKW2000 MINMAX-MKW2000 Datasheet
331Kb / 4P
   DC/DC CONVERTER 12W 2?쓝 1?쓝 0.4??Metal Package Ultra-wide 4:1 Input Range
logo
Total Power Internation...
MKW2000 TOTAL-POWER-MKW2000 Datasheet
460Kb / 4P
   Input Filter meets EN 55022,class A and FCC, level A
logo
Minmax Technology Co., ...
MKW2021 MINMAX-MKW2021 Datasheet
331Kb / 4P
   DC/DC CONVERTER 12W 2?쓝 1?쓝 0.4??Metal Package Ultra-wide 4:1 Input Range
logo
Total Power Internation...
MKW2021 TOTAL-POWER-MKW2021 Datasheet
460Kb / 4P
   Input Filter meets EN 55022,class A and FCC, level A
logo
Minmax Technology Co., ...
MKW2022 MINMAX-MKW2022 Datasheet
331Kb / 4P
   DC/DC CONVERTER 12W 2?쓝 1?쓝 0.4??Metal Package Ultra-wide 4:1 Input Range
More results

Similar Description - MKW20M

ManufacturerPart #DatasheetDescription
logo
Minmax Technology Co., ...
MFW03 MINMAX-MFW03 Datasheet
601Kb / 5P
   fully regulated output voltage
MIDER03-HI MINMAX-MIDER03-HI Datasheet
591Kb / 4P
   fully regulated output voltage
MIE03-HI MINMAX-MIE03-HI Datasheet
733Kb / 4P
   fully regulated output voltage
MIE06-HI MINMAX-MIE06-HI Datasheet
728Kb / 4P
   fully regulated output voltage
MIW10 MINMAX-MIW10 Datasheet
533Kb / 5P
   fully regulated output voltage
MJWI25 MINMAX-MJWI25 Datasheet
404Kb / 10P
   fully regulated output voltage
MKE20-HI MINMAX-MKE20-HI Datasheet
409Kb / 5P
   fully regulated output voltage
MFW02 MINMAX-MFW02 Datasheet
407Kb / 5P
   fully regulated output voltage
MJWI15 MINMAX-MJWI15 Datasheet
502Kb / 10P
   fully regulated output voltage
MKE15-HI MINMAX-MKE15-HI Datasheet
418Kb / 5P
   fully regulated output voltage
MIEI03-HI MINMAX-MIEI03-HI Datasheet
713Kb / 4P
   fully regulated output voltage
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com