Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX1804EUB Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX1804EUB
Description  External Four-Input Feedback Integrator for Power Supplies
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1804EUB Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX1804EUB Datasheet HTML 1Page - Maxim Integrated Products MAX1804EUB Datasheet HTML 2Page - Maxim Integrated Products MAX1804EUB Datasheet HTML 3Page - Maxim Integrated Products MAX1804EUB Datasheet HTML 4Page - Maxim Integrated Products MAX1804EUB Datasheet HTML 5Page - Maxim Integrated Products MAX1804EUB Datasheet HTML 6Page - Maxim Integrated Products MAX1804EUB Datasheet HTML 7Page - Maxim Integrated Products MAX1804EUB Datasheet HTML 8Page - Maxim Integrated Products MAX1804EUB Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
External Four-Input Feedback Integrator for
Power Supplies
_______________________________________________________________________________________
3
ELECTRICAL CHARACTERISTICS (continued)
(TA = 0
°C to +85°C, VV+ = 3.3V, VADJ = 1.2V, VOUT = 2V, CV+ = 0.1µF, CCOMP = 470pF. Typical values are at TA = 25°C, unless oth-
erwise noted.)
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
SHDN INPUT
Logic Input Voltage High
VV+ = 2.7V to 5.5V
2.0
V
Logic Input Voltage Low
VV+ = 2.7V to 5.5V
0.6
V
Logic Input Current
-1
1
µA
ELECTRICAL CHARACTERISTICS
(TA = -40
°C to +85°C, VV+ = 3.3V, VADJ = 1.2V, VOUT = 2V, CV+ = 0.1µF, CCOMP = 470pF.) (Note 1)
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Supply Voltage Range (V+)
2.7
5.5
V
Shutdown Supply Current (V+)
SHDN = GND
1
µA
Quiescent Supply Current (V+)
SHDN = V+
35
µA
UVLO Threshold, Rising
2.6
V
UVLO Threshold, Falling
2.3
V
INTEGRATOR INPUTS IN1–IN4
IN_ Voltage Range
0
5.5
V
IN_ Offset
VV+ = 2.7V to 5.5V
-20
20
mV
IN_ Scale Factor
VADJ = 0.7V to 1.4V
3.98
4.02
V/V
IN_ Transconductance
VIN_ = 4.75V to 4.85V, VCOMP = 1.3V
12
60
µS
IN_ Bias Current
VIN_ = 4.8V
2.7
µA
IN_ Shutdown Current
SHDN = GND
0.2
µA
IN_ Leakage Current
VV+ = 0, V SHDN = 0
0.2
µA
IN_ Disable Threshold
VADJ = 0.7V to 1.4V, VADJ x 4, falling edge
87
93
%
ADJ INPUT
ADJ Voltage Range
0.7
1.4
V
ADJ Bias Current
-30
30
nA
ADJ Shutdown Current
SHDN = GND
0.2
µA
ADJ Leakage Current
V V+ = 0, V SHDN = 0
0.2
µA
COMP OUTPUT
COMP Source Current
VCOMP = 1.3V, VIN_ = 4.6V
1.6
2.4
µA
COMP Sink Current
VCOMP = 1.3V, VIN_ = 5.0V
1.6
2.4
µA
COMP Output Voltage Low
Sink 1
µA, VIN_ = 5.0V
0.2
V
COMP Output Voltage High
Source 1
µA, VIN_ = 0.6V
2.4
V
OUT Output Voltage Low
IOUT = 10
µA, VIN_ = 4.6V
0.2
V
V SHDN = 0
0.1
VV+ = 0
0.1
OUT Output Leakage Current
VIN = 5.0V
0.1
µA
OUT Transconductance
VCOMP = 1V to 2V
3
23
µS


Similar Part No. - MAX1804EUB

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX180 MAXIM-MAX180 Datasheet
732Kb / 20P
   Complete, 8-Channel, 12-Bit Data-Acquisition Systems
19-3950; Rev 0; 6/91
MAX180-MAX181 MAXIM-MAX180-MAX181 Datasheet
732Kb / 20P
   Complete, 8-Channel, 12-Bit Data-Acquisition Systems
19-3950; Rev 0; 6/91
MAX1800 MAXIM-MAX1800 Datasheet
461Kb / 24P
   Digital Camera Step-Up Power Supply
19-1833; Rev 0; 10/00
logo
Analog Devices
MAX18000 AD-MAX18000 Datasheet
1Mb / 17P
   500mV to 5.5V Input nanoPower Boost Converter with Short-Circuit Protection
Rev 0; 2/23
MAX18000AWT+T AD-MAX18000AWT+T Datasheet
1Mb / 17P
   500mV to 5.5V Input nanoPower Boost Converter with Short-Circuit Protection
Rev 0; 2/23
More results

Similar Description - MAX1804EUB

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
DT100PW240P TDK-DT100PW240P Datasheet
181Kb / 2P
   External Power Supplies
logo
Artesyn Technologies
SSL40 ARTESYN-SSL40 Datasheet
75Kb / 2P
   EXTERNAL AC/DC POWER SUPPLIES 40 W External AC/DC Power Supplies
logo
Emerson Network Power
SSL40C EMERSON-NETWORKPOWER-SSL40C Datasheet
89Kb / 2P
   EXTERNAL AC/DC POWER SUPPLIES 40 W External AC/DC Power Supplies
SSL20C EMERSON-NETWORKPOWER-SSL20C Datasheet
89Kb / 2P
   EXTERNAL AC/DC POWER SUPPLIES 20 W External AC/DC Power Supplies
logo
Ultralife Corporation.
MRC-11A ULTRALIFE-MRC-11A Datasheet
240Kb / 2P
   Four Position External Battery Power Supply
Rev:B
logo
Artesyn Technologies
SSL20 ARTESYN-SSL20 Datasheet
79Kb / 2P
   EXTERNAL AC/DC POWER SUPPLIES 15-20 W External AC/DC Power Supplies
SSL20C ARTESYN-SSL20C Datasheet
186Kb / 2P
   20W External AC/DC Power Supplies
SSL40C ARTESYN-SSL40C Datasheet
194Kb / 2P
   40W External AC/DC Power Supplies
logo
List of Unclassifed Man...
88950321 ETC2-88950321 Datasheet
110Kb / 2P
   Power supplies for extended voltage input ranges
88950320 ETC2-88950320 Datasheet
110Kb / 2P
   Power supplies for extended voltage input ranges
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com