Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX1802EHJ Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX1802EHJ
Description  Digital Camera Step-Down Power Supply
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1802EHJ Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX1802EHJ Datasheet HTML 1Page - Maxim Integrated Products MAX1802EHJ Datasheet HTML 2Page - Maxim Integrated Products MAX1802EHJ Datasheet HTML 3Page - Maxim Integrated Products MAX1802EHJ Datasheet HTML 4Page - Maxim Integrated Products MAX1802EHJ Datasheet HTML 5Page - Maxim Integrated Products MAX1802EHJ Datasheet HTML 6Page - Maxim Integrated Products MAX1802EHJ Datasheet HTML 7Page - Maxim Integrated Products MAX1802EHJ Datasheet HTML 8Page - Maxim Integrated Products MAX1802EHJ Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
General Description
The MAX1802 provides a complete power-supply solu-
tion for digital still cameras and video cameras by inte-
grating two high-efficiency step-down DC-DC converters
and three auxiliary step-up controllers. This complete
solution is targeted for applications that use either three
to four alkaline cells or two lithium-ion (Li+) cells.
The main step-down DC-DC controller accepts inputs
from 2.5V to 11V and regulates a resistor-adjustable out-
put from 2.7V to 5.5V. It uses a synchronous rectifier to
regulate the output with up to 94% efficiency. An
adjustable operating frequency (up to 1MHz) facilitates
designs for optimum size, cost, and efficiency.
The core step-down DC-DC converter accepts inputs
from 2.7V to 5.5V and regulates a resistor-adjustable
output from 1.25V to 5.5V. It delivers 500mA with up to
94% efficiency.
The three auxiliary step-up controllers can be used to
power the digital camera’s CCD, LCD, and backlight.
The MAX1802 also features expandability by supplying
power, an oscillator signal, and a reference to the
MAX1801, a low-cost slave DC-DC controller that sup-
ports step-up, single-ended primary inductance con-
verter (SEPIC), and fly-back configurations.
The MAX1802 is available in a space-saving 32-pin
TQFP package (5mm x 5mm body), and the MAX1801
is available in an 8-pin SOT-23 package. An evaluation
kit (MAX1802EVKIT) featuring both devices is available
to expedite designs.
________________________Applications
Digital Still Cameras
Digital Video Cameras
Hand-Held Devices
Internet Access Tablets
PDAs
DVD Players
Features
o 2.5V to 11V Input Voltage Range
o Main DC-DC Controller
94% Efficiency
+2.7V to +5.5V Adjustable Output Voltage
Up to 100% Duty Cycle
Independent Shutdown
o Core DC-DC Converter
94% Efficiency
Up to 500mA Load Efficiency
Output Voltage Adjustable Down to 1.25V
Independent Shutdown
o Three Auxiliary DC-DC Controllers
Adjustable Maximum Duty Cycle
Independent Shutdown
o Power, Oscillator, and Reference Outputs to Drive
External Slave Controllers (MAX1801)
o Up to 1MHz Switching Frequency
o 3µA Supply Current in Shutdown Mode
o Internal Soft-Start
o Overload Protection for All DC-DC Converters
o Compact 32-Pin TQFP Package
Digital Camera Step-Down
Power Supply
________________________________________________________________ Maxim Integrated Products
1
Typical Operating Circuit
19-1850; Rev 0; 10/00
For price, delivery, and to place orders, please contact Maxim Distribution at 1-888-629-4642,
or visit Maxim’s website at www.maxim-ic.com.
Ordering Information
Note: Refer to the separate data sheet for MAX1801EKA in an 8-
pin SOT.
Pin Configuration appears at end of data sheet.
32 TQFP
PIN-PACKAGE
TEMP. RANGE
-40°C to +85°C
MAX1802EHJ
PART
MAX1802
MASTER
MAX1801
SLAVE
INPUT
2.5V TO 11V
OSC
POWER
REF
MOTOR
CORE
MAIN
CCD
CCFL
TFT


Similar Part No. - MAX1802EHJ

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1802EVKIT MAXIM-MAX1802EVKIT Datasheet
346Kb / 7P
   Evaluation Kit for Digital Still Cameras
Rev 0; 3/01
More results

Similar Description - MAX1802EHJ

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1800 MAXIM-MAX1800 Datasheet
461Kb / 24P
   Digital Camera Step-Up Power Supply
19-1833; Rev 0; 10/00
logo
List of Unclassifed Man...
AAT1401 ETC-AAT1401 Datasheet
362Kb / 21P
   FOUR-CHANNEL DIGITAL STILL CAMERA POWER SUPPLY
logo
Advanced Analog Technol...
AAT1403A AAT-AAT1403A Datasheet
408Kb / 27P
   SIX-CHANNEL DIGITAL STILL CAMERA POWER SUPPLY
AAT1403B AAT-AAT1403B Datasheet
423Kb / 27P
   SIX-CHANNEL DIGITAL STILL CAMERA POWER SUPPLY
AAT1401 AAT-AAT1401 Datasheet
357Kb / 21P
   FOUR-CHANNEL DIGITAL STILL CAMERA POWER SUPPLY
logo
STMicroelectronics
SPDC400-4W STMICROELECTRONICS-SPDC400-4W Datasheet
433Kb / 10P
   DC-DC step down power supply
logo
National Semiconductor ...
LM2630 NSC-LM2630 Datasheet
265Kb / 14P
   Synchronous Step-Down Power Supply Controller
LM2631 NSC-LM2631 Datasheet
265Kb / 12P
   Synchronous Step-Down Power Supply Controller
logo
Linear Technology
LTM4627EV LINER-LTM4627EV Datasheet
587Kb / 10P
   High Efficiency PolyPhase Step-Down Power Supply
logo
Shenzhen Huazhimei Semi...
HM3126A HMSEMI-HM3126A Datasheet
701Kb / 6P
   80V, 480KHz, 1.5A step-down power supply
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com