Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX1797EUA Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX1797EUA
Description  Low Supply Current, Step-Up DC-DC Converters with True-Shutdown
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1797EUA Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX1797EUA Datasheet HTML 1Page - Maxim Integrated Products MAX1797EUA Datasheet HTML 2Page - Maxim Integrated Products MAX1797EUA Datasheet HTML 3Page - Maxim Integrated Products MAX1797EUA Datasheet HTML 4Page - Maxim Integrated Products MAX1797EUA Datasheet HTML 5Page - Maxim Integrated Products MAX1797EUA Datasheet HTML 6Page - Maxim Integrated Products MAX1797EUA Datasheet HTML 7Page - Maxim Integrated Products MAX1797EUA Datasheet HTML 8Page - Maxim Integrated Products MAX1797EUA Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
General Description
The MAX1795/MAX1796/MAX1797 are high efficiency
step-up DC-DC converters intended for small portable
hand-held devices. These devices feature Maxim’s
True-Shutdown™ circuitry, which fully disconnects the
output from the input in shutdown, improves efficiency,
and eliminates costly external components. All three
devices also feature Maxim’s proprietary LX-damping
circuitry for reduced EMI in noise-sensitive applica-
tions. For additional in-system flexibility, a battery moni-
toring comparator (LBI/LBO) remains active even when
the DC-DC converter is in shutdown.
The input voltage range is +0.7V to VOUT, where VOUT
can be set from +2V to +5.5V. Startup is guaranteed
from +0.85V. The MAX1795/MAX1796/MAX1797 have a
preset, pin-selectable 5V or 3.3V output. The output
can also be adjusted to other voltages, using two exter-
nal resistors. The three devices differ only in their cur-
rent limits, allowing optimization of external components
for different loads: The MAX1795, MAX1796, and
MAX1797 have current limits of 0.25A, 0.5A, and 1A,
respectively. All devices are packaged in a compact 8-
pin µMAX package that is only 1.09mm tall and half the
size of an 8-pin SO.
________________________Applications
Portable Digital Audio Players
PDAs/Palmtops
Wireless Handsets
Portable Terminals
Features
o >95% Efficiency
o True-Shutdown Circuitry
Output Disconnects from Input in Shutdown
No External Schottky Diode Needed
o 25µA Quiescent Supply Current
o Low-Noise Antiringing Feature
o LBI/LBO Comparator Enabled in Shutdown
o 2µA Shutdown Current
o 8-Pin µMAX Package
Low Supply Current, Step-Up DC-DC Converters
with True-Shutdown
________________________________________________________________ Maxim Integrated Products
1
1
2
3
4
8
7
6
5
BATT
OUT
LX
GND
LBO
FB
LBI
MAX1795
MAX1796
MAX1797
µMAX
TOP VIEW
SHDN
Pin Configuration
GND
LBI
LBO
BATT
FB
LX
OUT
MAX1795
MAX1796
MAX1797
SHDN
OUT
IN
0.7V TO
5.5V
ON
OFF
Typical Operating Circuit
19-1798; Rev 0; 12/00
Ordering Information
PART
TEMP. RANGE
PIN-PACKAGE
MAX1795EUA
-40
°C to +85°C
8
µMAX
MAX1796EUA
-40
°C to +85°C
8
µMAX
MAX1797EUA
-40
°C to +85°C
8
µMAX
True-Shutdown is a trademark of Maxim Integrated Products.
For price, delivery, and to place orders, please contact Maxim Distribution at 1-888-629-4642,
or visit Maxim’s website at www.maxim-ic.com.


Similar Part No. - MAX1797EUA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1797EVKIT MAXIM-MAX1797EVKIT Datasheet
96Kb / 4P
   Output Disconnects from Input During Shutdown
Rev 0; 2/01
More results

Similar Description - MAX1797EUA

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM4510 NSC-LM4510 Datasheet
2Mb / 18P
   Synchronous Step-Up DC/DC Converter with True Shutdown Isolation
logo
Texas Instruments
LM4510 TI1-LM4510 Datasheet
5Mb / 30P
[Old version datasheet]   LM4510 Synchronous Step-Up DC/DC Converter with True Shutdown Isolation
LM4510 TI-LM4510_15 Datasheet
5Mb / 30P
[Old version datasheet]   LM4510 Synchronous Step-Up DC/DC Converter with True Shutdown Isolation
logo
Maxim Integrated Produc...
MAX1674 MAXIM-MAX1674 Datasheet
521Kb / 12P
   High-Efficiency, Low-Supply-Current, Compact, Step-Up DC-DC Converters
Rev 3; 3/00
logo
List of Unclassifed Man...
HWD20011 ETC1-HWD20011 Datasheet
798Kb / 13P
   High-Efficiency, Low-Supply-Current, Compact, Step-Up DC-DC Converters
logo
Texas Instruments
LM4510SDEV TI1-LM4510SDEV Datasheet
5Mb / 23P
[Old version datasheet]   LM4510 Synchronous Step-Up DC/DC Converter with True Shutdown Isolation
logo
Anpec Electronics Corop...
APW7079 ANPEC-APW7079 Datasheet
284Kb / 15P
   Low-Supply-Current Synchronous Step-up DC-DC Converter
APW7079 ANPEC-APW7079_09 Datasheet
322Kb / 16P
   Low-Supply-Current Synchronous Step-up DC-DC Converter
logo
Maxim Integrated Produc...
MAX8715 MAXIM-MAX8715 Datasheet
288Kb / 14P
   Low-Noise Step-Up DC-DC Converters
Rev 3; 9/05
MAX1790 MAXIM-MAX1790_V01 Datasheet
293Kb / 14P
   Low-Noise Step-Up DC-DC Converters
2005
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com