Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX1798EGP Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # MAX1798EGP
Description  CDMA Cellular/PCS System Power Supplies
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1798EGP Datasheet(HTML) 6 Page - Maxim Integrated Products

Back Button MAX1798EGP Datasheet HTML 2Page - Maxim Integrated Products MAX1798EGP Datasheet HTML 3Page - Maxim Integrated Products MAX1798EGP Datasheet HTML 4Page - Maxim Integrated Products MAX1798EGP Datasheet HTML 5Page - Maxim Integrated Products MAX1798EGP Datasheet HTML 6Page - Maxim Integrated Products MAX1798EGP Datasheet HTML 7Page - Maxim Integrated Products MAX1798EGP Datasheet HTML 8Page - Maxim Integrated Products MAX1798EGP Datasheet HTML 9Page - Maxim Integrated Products MAX1798EGP Datasheet HTML 10Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
CDMA Cellular/PCS System
Power Supplies
6
_______________________________________________________________________________________
µs
0.6
tSU_STO
Setup Time for STOP Condition
ns
100
tSU_DAT
Data Setup Time
µs
089
tHD_DAT
Data Hold Time
µs
0.6
tSU_STA
Setup Time Repeated START
Condition
µs
0.6
tHIGH
SCK High Period
µs
1.3
tLOW
SCK Low Period
µs
0.6
tHD_STA
Hold Time Repeated START
Condition
µs
1.3
tBUF
Bus-Free Time Between START
and STOP
kHz
400
SCK
Clock Frequency
0.6
IDIN (SDA) = 6mA
µA
-1
1
VDR1 = VDR2 = 5.5V
IOFF
DR1, DR2 OFF Current
(Leakage)
V
0.5
IDR1 = IDR2 = 100mA (Note 3)
DR1, DR2 Output Low Level
k
9
19
RSO = 2.48V
RSO Reset Resistance
V
VOUT1 -
0.5
IRSO = 0
RSO Output High Level
(Internal Pullup Resistor)
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
V
0.5
IRSO = 1mA, VIN1 = 1V
RSO Output Low Level
V
VOUT1 -
0.5
IONO = -1mA
ONO Output High Level
V
0.5
IONO = 1mA
ONO Output Low Level
k
80
360
OFF = 5.5V
OFF Pulldown Resistance
µA
-1
1
0
≤ VIN ≤ VIN1; ON, DIN (SDA),
SCLK (SCK), and CS (AS) only
Logic Input Current
V
0.4
IDIN (SDA) = 3mA
SDA Output Low Level
(MAX1799 only)
V
1.6
VIH
Input High Level
V
0.4
VIL
Input Low Level
ms
35
110
Watchdog Timer
CONDITIONS
ms
140
430
Reset Timer
ms
175
540
OUT1 Shutdown Timer
(MAX1798A/MAX1799A only)
LOGIC AND CONTROL INPUTS (ON, OFF, RSO DIN (SDA), SCLK (SCK), CS (AS))
I2C (SMB) TIMING (MAX1799/MAX1799A)
ELECTRICAL CHARACTERISTICS (continued)
(VIN1 = VIN2/3 = VIN4/5 = VSCLK (SCK) = VDIN (SDA) = V CS (AS) = V OFF = 3.6V; ON = GND = PGND = 0; RSO, ONO, DR1, DR2 =
open; BP bypassed with 0.01µF, OUT1 bypassed with 4.7µF; OUT2, OUT3, OUT4, OUT5 bypassed with 2.2µF; OUT1–5 set to 2.98V,
TA = -40°C to +85°C, unless otherwise noted.) (Note 2)


Similar Part No. - MAX1798EGP

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1798ETP++ MAXIM-MAX1798ETP+ Datasheet
277Kb / 19P
   CDMA Cellular/PCS System Power Supplies
19-1655; Rev 2; 5/10
MAX1798EUP++ MAXIM-MAX1798EUP+ Datasheet
277Kb / 19P
   CDMA Cellular/PCS System Power Supplies
19-1655; Rev 2; 5/10
More results

Similar Description - MAX1798EGP

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1798 MAXIM-MAX1798_10 Datasheet
277Kb / 19P
   CDMA Cellular/PCS System Power Supplies
19-1655; Rev 2; 5/10
logo
National Semiconductor ...
LP3927 NSC-LP3927 Datasheet
326Kb / 16P
   Cellular/PCS System Power Management IC
logo
AVAGO TECHNOLOGIES LIMI...
ACPM-7353 AVAGO-ACPM-7353 Datasheet
1Mb / 17P
   CDMA Dual Band 4x5 Power Amplifier Module (Cellular/PCS)
logo
RF Micro Devices
RF2381 RFMD-RF2381_06 Datasheet
125Kb / 8P
   PCS/CELLULAR TDMA/CDMA/W-CDMA LINEAR VARIABLE GAIN AMPLIFIER
RF2381 RFMD-RF2381_1 Datasheet
261Kb / 10P
   PCS/CELLULAR TDMA/CDMA/W-CDMA LINEAR VARIABLE GAIN AMPLIFIER
RF2377 RFMD-RF2377 Datasheet
123Kb / 8P
   PCS/CELLULAR TDMA/CDMA/W-CDMA LINEAR VARIABLE GAIN AMPLIFIER
RF2381 RFMD-RF2381 Datasheet
102Kb / 8P
   PCS/CELLULAR TDMA/CDMA/W-CDMA LINEAR VARIABLE GAIN AMPLIFIER
RF2377 RFMD-RF2377_06 Datasheet
147Kb / 8P
   PCS/CELLULAR TDMA/CDMA/W-CDMA LINEAR VARIABLE GAIN AMPLIFIER
logo
ANADIGICS, Inc
AWT6321 ANADIGICS-AWT6321 Datasheet
422Kb / 8P
   HELP2TM Dual-band Cellular/PCS CDMA 3.4 V Linear Power Amplifier Module
AWC6323 ANADIGICS-AWC6323 Datasheet
608Kb / 11P
   HELP3ETM Dual-band Cellular & PCS CDMA 3.4 V Linear Power Amplifier Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com